Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCF4052 Datasheet(PDF) 5 Page - STMicroelectronics

Part # HCF4052
Description  ANALOG MULTIPLEXERS-DEMULTIPLEXERS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4052 Datasheet(HTML) 5 Page - STMicroelectronics

  HCF4052 Datasheet HTML 1Page - STMicroelectronics HCF4052 Datasheet HTML 2Page - STMicroelectronics HCF4052 Datasheet HTML 3Page - STMicroelectronics HCF4052 Datasheet HTML 4Page - STMicroelectronics HCF4052 Datasheet HTML 5Page - STMicroelectronics HCF4052 Datasheet HTML 6Page - STMicroelectronics HCF4052 Datasheet HTML 7Page - STMicroelectronics HCF4052 Datasheet HTML 8Page - STMicroelectronics HCF4052 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
DYNAMIC ELECTRICAL CHARACTERISTICS
(Tamb =25°C, CL = 50pF all input square wave rise and fall time = 20ns)
Test Conditions
Val ue
Parameter
V EE
(V)
R L
(k
Ω)
f i
(kHz)
V IS
(V)
V SS
(V)
V DD
(V)
Typ. Max.
Unit
SWI TCH
t pd Propagation Delay Time
(signal input to output)
200
10 V
_I
__
I_
530
30
ns
10
15
60
15
11
20
Frequency Response
Channel ”ON” (sine wave
input)
=VSS
15 (
•)10
Vo at Common
OUT/IN
4053B
30
MHz
4052B
25
4051B
20
Vo
at 20 Log
= – 3dB
__
VI
Vo at any Channel
60
Feedthrough (all channels
OFF)
=VSS
15 (
•)10
Vo at Common
OUT/IN
4053
8
MHz
4052
10
4051
12
Vo
at 20 Log
= – 40dB
__
VI
Vo at any Channel
8
Frequency Signal Crosstalk
Between any 2 Channels
3
Vo
at 20 Log
= – 40dB
__
VI
=VSS
15 (
•)
10
Between Sections
4052B only
measured
on
common
6
MHz
MHz
measured
on any
channel
10
Between any 2
Sections 4053B
only
in Pin 2
out Pin 14
2.5
in Pin 15
out Pin 14
6
Sine Wave Distortion
f is = 1kHz Sine Wave
=VSS 10
1
2 (
•)
5
0.3
%
10
1
3 (
•)
10
0.2
10
1
5 (
•)
15
0.12
CONTROL (Address or Inhibit)
Progation Delay Time :
Address-to Signal OUT
Channels ON or OFF
0
0
5
360
720
ns
0
0
10
160
320
0
0
15
120
240
–5
0
5
225
450
Propagation Delay Time :
Inhibit to Signal OUT
(channel turning ON)
0
10
05
360
720
ns
0
0
10
160
320
0
0
15
120
240
– 10
0
5
200
400
Propagation Delay Time :
Inhibit to Signal OUT
(channel turning OFF)
0
0.3
5
200
450
ns
010
90
210
015
70
160
–10
5
130
300
Address or Inhibit to Signal
Crosstalk
0
10*
0
10
VC =VDD –VSS (square
wave)
65
mV
peak
(
) Peak to peak voltage symmetrical about V
DD-VEE
2
(*) Both ends of channel.
HCC/HCF4051B/52B/53B
5/17


Similar Part No. - HCF4052

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCF4052B STMICROELECTRONICS-HCF4052B Datasheet
642Kb / 11P
   DIFFERENT 4-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
October 2002
HCF4052BEY STMICROELECTRONICS-HCF4052BEY Datasheet
642Kb / 11P
   DIFFERENT 4-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
October 2002
HCF4052BM1 STMICROELECTRONICS-HCF4052BM1 Datasheet
642Kb / 11P
   DIFFERENT 4-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
October 2002
HCF4052M013TR STMICROELECTRONICS-HCF4052M013TR Datasheet
642Kb / 11P
   DIFFERENT 4-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
October 2002
More results

Similar Description - HCF4052

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14067B ONSEMI-MC14067B_11 Datasheet
134Kb / 9P
   Analog Multiplexers/Demultiplexers
June, 2011 ??Rev. 7
MC74VHC4051 ONSEMI-MC74VHC4051_14 Datasheet
159Kb / 16P
   Analog Multiplexers / Demultiplexers
September, 2014 ??Rev. 7
MC14067B ONSEMI-MC14067B_05 Datasheet
124Kb / 10P
   Analog Multiplexers / Demultiplexers
February, 2005 ??Rev. 5
MC74HC4051A ONSEMI-MC74HC4051A Datasheet
400Kb / 16P
   Analog Multiplexers/Demultiplexers
March, 2000 ??Rev. 1
MC74HCT4051A ONSEMI-MC74HCT4051A_11 Datasheet
207Kb / 16P
   Analog Multiplexers / Demultiplexers
June, 2011 ??Rev. 2
MC74HCT4851A ONSEMI-MC74HCT4851A_16 Datasheet
139Kb / 14P
   Analog Multiplexers/ Demultiplexers
August, 2016 ??Rev. 8
MC74HC4051A ONSEMI-MC74HC4051A_16 Datasheet
180Kb / 17P
   Analog Multiplexers/ Demultiplexers
March, 2016 ??Rev. 8
logo
Motorola, Inc
MC54HC4051A MOTOROLA-MC54HC4051A Datasheet
188Kb / 15P
   ANALOG MULTIPLEXERS/ DEMULTIPLEXERS
logo
ON Semiconductor
MC74HC4053ADTR2G ONSEMI-MC74HC4053ADTR2G Datasheet
222Kb / 17P
   Analog Multiplexers Demultiplexers
February, 2013 ??Rev. 6
MC74VHC4051 ONSEMI-MC74VHC4051 Datasheet
341Kb / 16P
   Analog Multiplexers/Demultiplexers
March, 2000 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com