Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMDS-250-14 Datasheet(PDF) 1 Page - SEMPO ELECTRONIC Limited

Part # SMDS-250-14
Description  Three Phase Rectifier Module
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMPO [SEMPO ELECTRONIC Limited]
Direct Link  
Logo SEMPO - SEMPO ELECTRONIC Limited

SMDS-250-14 Datasheet(HTML) 1 Page - SEMPO ELECTRONIC Limited

  SMDS-250-14 Datasheet HTML 1Page - SEMPO ELECTRONIC Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Type
OC
ÊA
V
V
A
mS
K/W
V
OC
SMDS-250
2.8
3000
150
2.2
0.8
300
0.075
39.2
1.43
R
thJC
I
FSM
T
C
r
T
V
I
F
T
VJ
V
isol
V
F
2
i t
2
KA s
100
SM
-0
SMDS-250-12
SMDS-250-14
SMDS-250-16
SMDS-250-18
DS-250 8
900
1300
1500
1700
1900
800
1200
1400
1600
1800
I
DAV
A
200
Type
V
RSM
V
RRM
Features:
C
Industrial standard package
C
Heat tranasfer through aluminium nitride
ceramic isolated metal baseplate
C
Precise internal pressure contacts for high reability
C
3000V RMS isolation voltage
Typical Applications:
C
DC power supply for
instrument and equipment
C
Power converters
C
Electronic welders
C
Lighting control
SEMPO Electronic Limited
www.sempoel.com
~
~
~
5-M 6H
10
5-M 6H
10
66
~
~
25
12
72
80
94
i
6.5
i
6.5
~
26
26
22
Three Phase Rectifier Module
SMDS-250


Similar Part No. - SMDS-250-14

ManufacturerPart #DatasheetDescription
logo
SEMPO ELECTRONIC Limite...
SMDS-200 SEMPO-SMDS-200 Datasheet
451Kb / 1P
   Three Phase Rectifier Module
SMDS-200-08 SEMPO-SMDS-200-08 Datasheet
451Kb / 1P
   Three Phase Rectifier Module
SMDS-200-12 SEMPO-SMDS-200-12 Datasheet
451Kb / 1P
   Three Phase Rectifier Module
SMDS-200-14 SEMPO-SMDS-200-14 Datasheet
451Kb / 1P
   Three Phase Rectifier Module
SMDS-200-16 SEMPO-SMDS-200-16 Datasheet
451Kb / 1P
   Three Phase Rectifier Module
More results

Similar Description - SMDS-250-14

ManufacturerPart #DatasheetDescription
logo
SEMPO ELECTRONIC Limite...
SMDS-50H SEMPO-SMDS-50H Datasheet
36Kb / 1P
   Three Phase Rectifier Module
SMDS-100H SEMPO-SMDS-100H Datasheet
37Kb / 1P
   Three Phase Rectifier Module
logo
ASEMI TECHNOLOGY., LTD
MDS50 ASEMI-MDS50 Datasheet
289Kb / 3P
   Three phase rectifier module
2018.11 Rev.3.1
logo
SEMPO ELECTRONIC Limite...
SMDS-50 SEMPO-SMDS-50 Datasheet
390Kb / 1P
   Three Phase Rectifier Module
SMDS-75H SEMPO-SMDS-75H Datasheet
36Kb / 1P
   Three Phase Rectifier Module
SMDS-130 SEMPO-SMDS-130 Datasheet
375Kb / 1P
   Three Phase Rectifier Module
logo
ASEMI TECHNOLOGY., LTD
MDS50HB160 ASEMI-MDS50HB160 Datasheet
354Kb / 5P
   Three phase rectifier module
2018.11 Rev.3.1
logo
SEMPO ELECTRONIC Limite...
SMDS-75 SEMPO-SMDS-75 Datasheet
354Kb / 1P
   Three Phase Rectifier Module
SMDS-100 SEMPO-SMDS-100 Datasheet
366Kb / 1P
   Three Phase Rectifier Module
SMDS-200 SEMPO-SMDS-200 Datasheet
451Kb / 1P
   Three Phase Rectifier Module
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com