Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PB-CMM1110-BD-0000 Datasheet(PDF) 3 Page - Mimix Broadband

Part # PB-CMM1110-BD-0000
Description  2.0-18.0 GHz GaAs MMIC Low Noise Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

PB-CMM1110-BD-0000 Datasheet(HTML) 3 Page - Mimix Broadband

  PB-CMM1110-BD-0000 Datasheet HTML 1Page - Mimix Broadband PB-CMM1110-BD-0000 Datasheet HTML 2Page - Mimix Broadband PB-CMM1110-BD-0000 Datasheet HTML 3Page - Mimix Broadband PB-CMM1110-BD-0000 Datasheet HTML 4Page - Mimix Broadband PB-CMM1110-BD-0000 Datasheet HTML 5Page - Mimix Broadband PB-CMM1110-BD-0000 Datasheet HTML 6Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Page 3 of 6
Low Noise Amplifier Measurements (cont.)
2.0-18.0 GHz GaAs MMIC
Low Noise Amplifier
CMM1110-BD
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2007 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
CMM1110-BD Vd=8.0 V Id=70 mA
10
11
12
13
14
15
16
17
18
19
20
02468
10
12
14
16
18
20
22
Frequency (GHz)
88degC
-45degC
25degC
CMM1110-BD Vd=8.0 V Id=70 mA
9
10
11
12
13
14
15
16
17
18
19
1
2
3
4
5
6
7
8
9 1011 1213 1415 1617 1819 20
Frequency (GHz)
+85C
-40C
+25C
CMM1110-BD Vd=8.0 V Id=70 mA
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
2
4
6
8
10
02
468
10
12
14
16
18
20
22
Frequency (GHz)
88degC
-45degC
25degC
CMM1110-BD Vd=8.0 V Id=70 mA
-30
-28
-26
-24
-22
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
0
2
4
6
8
10121416
18
20
22
Frequency (GHz)
88degC
-45degC
25degC
May 2007 - Rev 01-May-07


Similar Part No. - PB-CMM1110-BD-0000

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
PB-CMM1110-BD MIMIX-PB-CMM1110-BD Datasheet
398Kb / 7P
   2.0-18.0 GHz GaAs MMIC Low Noise Amplifier
PB-CMM1110-BD MIMIX-PB-CMM1110-BD Datasheet
274Kb / 7P
   2.0-18.0 GHz GaAs MMIC Low Noise Amplifier
More results

Similar Description - PB-CMM1110-BD-0000

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CMM1100 MIMIX-CMM1100 Datasheet
444Kb / 6P
   2.0-18.0 GHz GaAs MMIC Low Noise Amplifier
CMM1100-BD MIMIX-CMM1100-BD_07 Datasheet
219Kb / 6P
   2.0-18.0 GHz GaAs MMIC Low Noise Amplifier
CMM1100-BD_0704 MIMIX-CMM1100-BD_0704 Datasheet
212Kb / 5P
   2.0-18.0 GHz GaAs MMIC Low Noise Amplifier
logo
List of Unclassifed Man...
CMM4000 ETC1-CMM4000 Datasheet
178Kb / 7P
   2.0-18.0 GHz GaAs MMIC Low Noise Amplifier
logo
Mimix Broadband
CMM1110 MIMIX-CMM1110 Datasheet
398Kb / 7P
   2.0-18.0 GHz GaAs MMIC Low Noise Amplifier
CMM1110-BD MIMIX-CMM1110-BD Datasheet
274Kb / 7P
   2.0-18.0 GHz GaAs MMIC Low Noise Amplifier
CMM4000-BD MIMIX-CMM4000-BD Datasheet
177Kb / 7P
   2.0-18.0 GHz GaAs MMIC Low Noise Amplifier
CMM1100-QF MIMIX-CMM1100-QF Datasheet
331Kb / 8P
   2.0-18.0 GHz GaAs MMIC Low Noise Amplifier, QFN
CMM4000-BD MIMIX-CMM4000-BD_07 Datasheet
193Kb / 7P
   2.0-18.0 GHz GaAs MMIC Buffer Amplifier
CMM4000 MIMIX-CMM4000_09 Datasheet
276Kb / 9P
   2.0-18.0 GHz GaAs MMIC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com