Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PB-CMM1434-SM-0000 Datasheet(PDF) 1 Page - Mimix Broadband

Part # PB-CMM1434-SM-0000
Description  13.50-14.50 GHz 2.5-Watt Power Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

PB-CMM1434-SM-0000 Datasheet(HTML) 1 Page - Mimix Broadband

  PB-CMM1434-SM-0000 Datasheet HTML 1Page - Mimix Broadband PB-CMM1434-SM-0000 Datasheet HTML 2Page - Mimix Broadband PB-CMM1434-SM-0000 Datasheet HTML 3Page - Mimix Broadband PB-CMM1434-SM-0000 Datasheet HTML 4Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
13.50-14.50 GHz
2.5-Watt Power Amplifier
Page 1 of 4
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2007 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
August 2007 - Rev 16-Aug-07
CMM1434-SM
Electrical Characteristics (T = +25ºC,Vd = 6V, Idq = 1.5A)
Features
34.5 dBm (Typ.) Saturated Output Power
31.0 dB (Typ.) Linear Gain
Fully Matched
Uncondtionally Stable
Low-Cost, Surface Mount Package
Optimum Thermal Dissipation
Ku-Band VSAT Transmit Subsystems
Applications
General Description
The CMM1434-SM is a four-stage pHEMT GaAs MMIC power amplifier
that is ideally suited for transmit subsystems designed for Ku-Band
VSAT applications. The CMM1434-SM provides 31.0 dB linear gain and
delivers 2.5 watts of output power at saturation operating from 13.5 to
14.5 GHz frequency.
The unconditional stability and internal matching provides for
reduction of external components making this product a simple and
low-cost solution. The low-cost 6mm x 6mm x 1.6mm surface mount
package offers the same excellent RF and thermal properties as a
typical flange package.
Maximum Ratings (TA = -40°C to +75°C)
s
t
i
n
U
p
y
T
r
e
t
e
m
a
r
a
P
s
t
i
n
U
p
y
T
r
e
t
e
m
a
r
a
P
Drain Voltage (+Vdd )
8.5
Volts
RF Input Power (P in)
15
dBm
Gate Voltage (Vgg
P
(
r
e
w
o
P
d
e
t
a
p
i
s
s
i
D
s
t
l
o
V
0
.
3
-
)
diss)
10
Watts
Quiescent Current (Idq)
2.1
A
Storage Temperature
-50 to +150
°C
Gate Current (Ig
C
°
5
7
+
o
t
0
4
-
e
r
u
t
a
r
e
p
m
e
T
e
d
i
s
k
c
a
B
g
n
i
t
a
r
e
p
O
A
m
5
)
s
t
i
n
U
x
a
M
p
y
T
n
i
M
n
o
i
t
i
d
n
o
C
r
e
t
e
m
a
r
a
P
z
H
G
0
5
.
4
1
0
5
.
3
1
e
g
n
a
R
y
c
n
e
u
q
e
r
F
m
B
d
32
31.5
n
o
i
s
s
e
r
p
m
o
c
B
d
1
@
r
e
w
o
P
t
u
p
t
u
O
m
B
d
34.5
33
= 10 dBm
n
i
P
r
e
w
o
P
t
u
p
t
u
O
d
e
t
a
r
u
t
a
S
Saturated Output Power Variation
m
B
d
0
.
1
5
.
0
y
c
n
e
u
q
e
r
f
g
n
i
t
a
r
e
p
o
r
e
v
O
Linear Gain
27.0
30.5
34.0
dB
B
d
0
.
3
0
.
1
y
c
n
e
u
q
e
r
f
g
n
i
t
a
r
e
p
o
r
e
v
O
n
o
i
t
a
i
r
a
V
n
i
a
G
r
a
e
n
i
L
Input Reflection Coefficient
-10.0
dB
B
d
0
.
7
-
t
n
e
i
c
i
f
f
e
o
C
n
o
i
t
c
e
l
f
e
R
t
u
p
t
u
O
s
t
l
o
V
7
.
0
-
9
.
0
-
1
.
1
-
1.5A
=
q
d
I
e
g
a
t
l
o
V
y
l
p
p
u
S
e
t
a
G
A
1.9
1.7
n
o
i
t
a
r
u
t
a
S
t
A
t
n
e
r
r
u
C
n
i
a
r
D
%
6
2
n
o
i
t
a
r
u
t
a
S
t
A
y
c
n
e
i
c
i
f
f
E
d
e
d
d
A
r
e
w
o
P
s
t
i
n
U
x
a
M
p
y
T
n
i
M
n
o
i
t
i
d
n
o
C
r
e
t
e
m
a
r
a
P
m
B
d
5
.
0
-
e
r
u
t
a
r
e
p
m
e
T
m
o
o
R
m
o
r
f
n
o
i
t
a
i
r
a
V
r
e
w
o
P
t
u
p
t
u
O
d
e
t
a
r
u
t
a
S
B
d
5
.
3
5
.
2
-
e
r
u
t
a
r
e
p
m
e
T
m
o
o
R
m
o
r
f
n
o
i
t
a
i
r
a
V
n
i
a
G
r
a
e
n
i
L
Stability
Unconditionally stable
Electrical Specifications (TA = -40°C to +75°C)
Operation outside these limits can cause permanent damage.


Similar Part No. - PB-CMM1434-SM-0000

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
PB-CMM1434-SM MIMIX-PB-CMM1434-SM Datasheet
138Kb / 3P
   13.50-14.50 GHz 2.5-Watt Power Amplifier
PB-CMM1434-SM MIMIX-PB-CMM1434-SM Datasheet
155Kb / 4P
   13.50-14.50 GHz 2.5-Watt Power Amplifier
More results

Similar Description - PB-CMM1434-SM-0000

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CMM1434-SM MIMIX-CMM1434-SM Datasheet
138Kb / 3P
   13.50-14.50 GHz 2.5-Watt Power Amplifier
CMM1434-SM MIMIX-CMM1434-SM_07 Datasheet
155Kb / 4P
   13.50-14.50 GHz 2.5-Watt Power Amplifier
CMM1431-SM MIMIX-CMM1431-SM Datasheet
501Kb / 4P
   13.50 to 14.50 GHz 1.5 Watt Power Amplifier
logo
List of Unclassifed Man...
CMM1331-KU ETC1-CMM1331-KU Datasheet
375Kb / 2P
   12.70 to 13.50 GHz 1.5 Watt Power Amplifier
logo
Excelics Semiconductor,...
RFMA1314-2W EXCELICS-RFMA1314-2W Datasheet
97Kb / 2P
   13.75 - 14.50 GHz Power Amplifier MMIC
RFMA1314-1W EXCELICS-RFMA1314-1W Datasheet
117Kb / 3P
   13.75 - 14.50 GHz Power Amplifier MMIC
EID1414A1-5 EXCELICS-EID1414A1-5 Datasheet
122Kb / 4P
   14.00-14.50 GHz 5-Watt Internally-Matched Power FET
logo
TriQuint Semiconductor
TGA2505 TRIQUINT-TGA2505 Datasheet
172Kb / 11P
   13 - 17 GHz 2.5 Watt, 25dB Power Amplifier
logo
Mimix Broadband
CMM2321-AK MIMIX-CMM2321-AK Datasheet
465Kb / 4P
   2.3 to 2.5 GHz 1 Watt Power Amplifier
logo
Excelics Semiconductor,...
EID1414A1-8 EXCELICS-EID1414A1-8 Datasheet
170Kb / 4P
   14.00-14.50 GHz 8-Watt Internally-Matched Power FET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com