Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PB-CHV2721-QJ-00A0 Datasheet(PDF) 6 Page - Mimix Broadband

Part # PB-CHV2721-QJ-00A0
Description  3.3-3.6 GHz InGaP HBT 8W Linear Power Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

PB-CHV2721-QJ-00A0 Datasheet(HTML) 6 Page - Mimix Broadband

  PB-CHV2721-QJ-00A0 Datasheet HTML 1Page - Mimix Broadband PB-CHV2721-QJ-00A0 Datasheet HTML 2Page - Mimix Broadband PB-CHV2721-QJ-00A0 Datasheet HTML 3Page - Mimix Broadband PB-CHV2721-QJ-00A0 Datasheet HTML 4Page - Mimix Broadband PB-CHV2721-QJ-00A0 Datasheet HTML 5Page - Mimix Broadband PB-CHV2721-QJ-00A0 Datasheet HTML 6Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Page 6 of 6
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2008 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
CHV2721-QJ
3.3-3.6 GHz InGaP HBT
8W Linear Power Amplifier
February 2008 - Rev 29-Feb-08
We also offer the plastic package with SnPb (Tin-Lead) or NiPdAu plating. Please contact your regional sales manager for more information
regarding different plating types.
Life Support Policy - Mimix Broadband's products are not authorized for use as critical components in life support devices or systems
without the express written approval of the President and General Counsel of Mimix Broadband. As used herein: (1) Life support devices or
systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and whose failure to
perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a
significant injury to the user. (2) A critical component is any component of a life support device or system whose failure to perform can be
reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.
Package Attachment - This packaged product from Mimix Broadband is provided as a rugged surface mount package compatible with high
volume solder installation. Vacuum tools or other suitable pick and place equipment may be used to pick and place this part. Care should be
taken to ensure that there are no voids or gaps in the solder connection so that good RF, DC and ground connections are maintained. Voids
or gaps can eventually lead not only to RF performance degradation, but reduced reliability and life of the product due to thermal stress.
Mimix Lead-Free RoHS Compliant Program - Mimix has an active program in place to meet customer and governmental requirements for
eliminating lead (Pb) and other environmentally hazardous materials from our products. All Mimix RoHS compliant components are form, fit
and functional replacements for their non-RoHS equivalents. Lead plating of our RoHS compliant parts is 100% matte tin (Sn) over copper
alloy and is backwards compatible with current standard SnPb low-temperature reflow processes as well as higher temperature (260°C
reflow) “Pb Free” processes.
Part Number for Ordering
Description
CHV2721-QJ-0G00
Matte Tin plated RoHs compliant 6X6 QFN surface mount package in bulk tested for WiMAX 2.5 GHz
CHV2721-QJ-0G0T
Matte Tin Plated RoHs compliant 6X6 QFN surface mount package in tape and reel tested for WiMAX 2.5 GHz
PB-CHV2721-QJ-00A0
Evaluation Board with SMA connectors for WiMAX 2.5 GHz
Handling and Assembly Information
CAUTION! - Mimix Broadband MMIC Products contain gallium arsenide (GaAs) which can be hazardous to the human body and the
environment. For safety, observe the following procedures:
• Do not ingest.
• Do not alter the form of this product into a gas, powder, or liquid through burning, crushing, or chemical processing as these by-
products are dangerous to the human body if inhaled, ingested, or swallowed.
• Observe government laws and company regulations when discarding this product. This product must be discarded in accordance with
methods specified by applicable hazardous waste procedures.
Typical Reflow Profiles
Reflow Profile
Ramp Up Rate
Activation Time and Temperature
Time Above Melting Point
Max Peak Temperature
Time Within 5 ºC of Peak
Ramp Down Rate
SnPb
3-4 ºC/sec
60-120 sec @ 140-160 ºC
60-150 sec
240 ºC
10-20 sec
4-6 ºC/sec
Pb Free
3-4 ºC/sec
60-180 sec @ 170-200 ºC
60-150 sec
265 ºC
10-20 sec
4-6 ºC/sec
Factory Automation and Identification
Mimix
Designator
-QJ
Package
Type
QFN (6x6mm)
P
1 Component
Pitch
12mm
P
0 Hole
Pitch
4mm
W Tape
Width
16mm
Number of
leads offered
24
Reel
Diameter
329mm (13in)
Units
per Reel
1000
Component Orientation:
Parts are to be oriented with the PIN 1 closest to the tape's round sprocket holes on the tape’s trailing edge.
Note: Tape and Reel packaging is ordered with a -000T suffix. Package is available in 500 unit reels through designated sales channels.
Minimum order quantities should be discussed with your local sales representative.
Ordering Information
Caution: ESD Sensitive
Appropriate precautions in handling, packaging
and testing devices must be observed.
Proper ESD procedures should be followed when handling this device.


Similar Part No. - PB-CHV2721-QJ-00A0

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
PB-CHV2720-QJ-00A0 MIMIX-PB-CHV2720-QJ-00A0 Datasheet
553Kb / 8P
   2.3-2.7 GHz InGaP HBT 8W Linear Power Amplifier
More results

Similar Description - PB-CHV2721-QJ-00A0

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CHV2720-QJ MIMIX-CHV2720-QJ Datasheet
553Kb / 8P
   2.3-2.7 GHz InGaP HBT 8W Linear Power Amplifier
CHV2711-QJ MIMIX-CHV2711-QJ Datasheet
365Kb / 6P
   3.5 GHz InGaP HBT 5W Linear Power Amplifier
logo
Fairchild Semiconductor
RMPA5251 FAIRCHILD-RMPA5251 Datasheet
499Kb / 10P
   4.90-5.85 GHz InGaP HBT Linear Power Amplifier
RMPA2453 FAIRCHILD-RMPA2453 Datasheet
299Kb / 10P
   2.4-2.5 GHz InGaP HBT Linear Power Amplifier
logo
Mimix Broadband
CHV2710-QJ MIMIX-CHV2710-QJ Datasheet
229Kb / 6P
   2.5 GHz InGaP HBT 5W Linear Power Amplifier
CHV2710-QJ MIMIX-CHV2710-QJ_07 Datasheet
346Kb / 7P
   2.5 GHz InGaP HBT 5W Linear Power Amplifier
CHV2710-QJ_0610 MIMIX-CHV2710-QJ_0610 Datasheet
375Kb / 7P
   2.5 GHz InGaP HBT 5W Linear Power Amplifier
logo
Fairchild Semiconductor
RMPA5252 FAIRCHILD-RMPA5252 Datasheet
250Kb / 7P
   4.9-5.9 GHz InGaP HBT WLAN Linear Power Amplifier
logo
RF Micro Devices
RFGA2012 RFMD-RFGA2012 Datasheet
1Mb / 12P
   InGaP HBT LOW POWER LINEAR AMPLIFIER
logo
Hittite Microwave Corpo...
HMC409LP4 HITTITE-HMC409LP4 Datasheet
415Kb / 8P
   GaAs InGaP HBT 1 WATT POWER AMPLIFIER, 3.3 - 3.8 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com