Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMM0014-BD-000V Datasheet(PDF) 5 Page - Mimix Broadband

Part # CMM0014-BD-000V
Description  2.0-22.0 GHz GaAs MMIC Power Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

CMM0014-BD-000V Datasheet(HTML) 5 Page - Mimix Broadband

  CMM0014-BD-000V Datasheet HTML 1Page - Mimix Broadband CMM0014-BD-000V Datasheet HTML 2Page - Mimix Broadband CMM0014-BD-000V Datasheet HTML 3Page - Mimix Broadband CMM0014-BD-000V Datasheet HTML 4Page - Mimix Broadband CMM0014-BD-000V Datasheet HTML 5Page - Mimix Broadband CMM0014-BD-000V Datasheet HTML 6Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
CMM0014-BD Vd=8.0 V, Id=280 mA
1.0E+05
1.0E+06
1.0E+07
1.0E+08
1.0E+09
55
65
75
85
95
105
115
125
Backplate Temperature (deg C)
CMM0014-BD Vd=8.0 V, Id=280 mA
1.00E-03
1.00E-02
1.00E-01
1.00E+00
1.00E+01
55
65
75
85
95
105
115
125
Baseplate Temperature (deg C)
CMM0014-BD Vd=8.0 V, Id=280 mA
90
100
110
120
130
140
150
160
170
55
65
75
85
95
105
115
125
Backplate Temperature (deg C)
Page 5 of 6
2.0-22.0 GHz GaAs MMIC
Power Amplifier
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2007 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
CMM0014-BD
April 2007 - Rev 26-Apr-07
App Note [1] Biasing - As shown in the bonding diagram, this device operates using a self-biased architecture and only requires one drain
bias. Bias is nominally Vd=8V, Id=300 mA. For additional assistance in setting current via source resistor, see source resistance table below.
App Note [2] Bias Arrangement - Each DC pad (Vd) needs to have DC bypass capacitance (~100-200 pF) as close to the device as possible.
Additional DC bypass capacitance (~0.01 uF) is also recommended. Additionally, to achieve the required broadband decoupling network a
high-Q Drain bias inductor with high-Q bypass capacitor is needed. The proper network is necessary in order to bring Drain bias into the
device with minimal impact on RF performance. The high-Q inductor is typically an air coil that can be purchased from an air coil
manufacturer (Microwave Components or Piconics for example). The air coil needs to have minimum current handling capability, thus
planned operating current needs to be defined and considered before defining actual air coil to be used. Mimix recommends 1.4 mil
diameter gold wire and 4 turns as a starting point and may need to be optimized based on the actual application. Self-resonance of the bias
inductor causes degradation in performance at both the low and high ends of the band. The self resonance is sensitive to spacing between
turns and number of turns used. For example, the more turns in the Drain bias inductor the lower the self-resonant frequency of the inductor
creating high end RF performance degradation. The opposite is true for a smaller number of turns.
MTTF Graphs
These numbers were calculated based on accelerated life test information and thermal model analysis received from the fabricating foundry.
CMM0014 - Source Resistance Table
Left
Center
Corner
3.3
2.1
1.2
0
0
0
Infinity
10
0
3.30
01
0
2.10
11
0
1.28
00
1
1.20
10
1
0.88
01
1
0.76
11
1
0.62
Net R


Similar Part No. - CMM0014-BD-000V

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CMM0014-BD MIMIX-CMM0014-BD Datasheet
1Mb / 4P
   2.0 to 22.0 GHz GaAs MMIC Power Amplifer
CMM0014-BD MIMIX-CMM0014-BD Datasheet
618Kb / 3P
   2.0-22.0 GHz GaAs MMIC Power Amplifier
CMM0014-BD MIMIX-CMM0014-BD Datasheet
284Kb / 9P
   2.0-22.0 GHz GaAs MMIC
CMM0014-BD MIMIX-CMM0014-BD_06 Datasheet
618Kb / 3P
   2.0-22.0 GHz GaAs MMIC Power Amplifier
CMM0014-BD MIMIX-CMM0014-BD_09 Datasheet
284Kb / 9P
   2.0-22.0 GHz GaAs MMIC
More results

Similar Description - CMM0014-BD-000V

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CMM0015-BD MIMIX-CMM0015-BD Datasheet
203Kb / 6P
   2.0-22.0 GHz GaAs MMIC Power Amplifier
CMM0014-BD MIMIX-CMM0014-BD_06 Datasheet
618Kb / 3P
   2.0-22.0 GHz GaAs MMIC Power Amplifier
CMM0016-BD MIMIX-CMM0016-BD_08 Datasheet
176Kb / 6P
   2.0-22.0 GHz GaAs MMIC Power Amplifier
CMM0016-BD MIMIX-CMM0016-BD_09 Datasheet
277Kb / 9P
   2.0-22.0 GHz GaAs MMIC
CMM0014-BD MIMIX-CMM0014-BD_09 Datasheet
284Kb / 9P
   2.0-22.0 GHz GaAs MMIC
XP1021-BD MIMIX-XP1021-BD Datasheet
245Kb / 7P
   17.0-22.0 GHz GaAs MMIC Power Amplifier
CMM0014-BD MIMIX-CMM0014-BD Datasheet
1Mb / 4P
   2.0 to 22.0 GHz GaAs MMIC Power Amplifer
18MPA0567 MIMIX-18MPA0567 Datasheet
133Kb / 7P
   17.0-22.0 GHz GaAs MMIC Power Amplifier
logo
M/A-COM Technology Solu...
MAAM26100 MA-COM-MAAM26100 Datasheet
257Kb / 5P
   GaAs MMIC Power Amplifier 2.0 - 6.5 GHz
MAAM26100-P1 MA-COM-MAAM26100-P1 Datasheet
104Kb / 3P
   GaAs MMIC Power Amplifier 2.0 - 6.0 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com