Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CGB7009-SC-0G0T Datasheet(PDF) 4 Page - Mimix Broadband

Part # CGB7009-SC-0G0T
Description  DC-6.0 GHz InGaP HBT Packaged Matched Gain Block Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

CGB7009-SC-0G0T Datasheet(HTML) 4 Page - Mimix Broadband

  CGB7009-SC-0G0T Datasheet HTML 1Page - Mimix Broadband CGB7009-SC-0G0T Datasheet HTML 2Page - Mimix Broadband CGB7009-SC-0G0T Datasheet HTML 3Page - Mimix Broadband CGB7009-SC-0G0T Datasheet HTML 4Page - Mimix Broadband CGB7009-SC-0G0T Datasheet HTML 5Page - Mimix Broadband CGB7009-SC-0G0T Datasheet HTML 6Page - Mimix Broadband CGB7009-SC-0G0T Datasheet HTML 7Page - Mimix Broadband CGB7009-SC-0G0T Datasheet HTML 8Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Page 4 of 8
Typical Scattering Parameters
(Vd = +5.4V, Icc = 73.5 mA, T = 23°C, device in a 50 ohm system)
Frequency
S11
S 21
S 12
S 22
(MHz)
(Mag)
(Ang)
(Mag)
(Ang)
(Mag)
(Ang)
(Mag)
(Ang)
100
0.105
-8.2
7.32
174.3
0.095
-0.9
0.197
-5.9
200
0.106
-16.9
7.28
168.7
0.095
-1.7
0.198
-11.5
300
0.109
-24.9
7.24
163.1
0.095
-2.5
0.197
-17.3
400
0.112
-32.7
7.20
157.7
0.095
-3.4
0.198
-22.7
500
0.117
-40.0
7.14
152.2
0.096
-4.3
0.198
-28.3
600
0.122
-47.0
7.09
146.8
0.097
-5.2
0.199
-33.8
700
0.127
-53.7
7.02
141.5
0.097
-6.1
0.199
-39.2
800
0.132
-59.9
6.96
136.2
0.098
-7.0
0.199
-44.5
900
0.138
-65.7
6.88
131.0
0.099
-8.0
0.200
-49.6
1000
0.144
-71.4
6.81
125.7
0.100
-9.1
0.201
-55.0
1100
0.151
-76.7
6.73
120.6
0.101
-10.2
0.201
-60.1
1200
0.157
-81.6
6.65
115.5
0.103
-11.4
0.202
-64.9
1300
0.164
-86.3
6.56
110.4
0.104
-12.6
0.203
-69.8
1400
0.170
-90.8
6.47
105.4
0.105
-13.8
0.204
-74.6
1500
0.177
-95.0
6.39
100.4
0.107
-15.1
0.204
-79.3
1600
0.184
-99.3
6.30
95.5
0.108
-16.4
0.204
-83.7
1700
0.190
-103.2
6.21
90.6
0.110
-17.7
0.206
-88.3
1800
0.197
-107.2
6.12
85.8
0.112
-19.2
0.207
-92.6
1900
0.203
-110.8
6.03
81.1
0.114
-20.6
0.208
-96.8
2000
0.210
-114.5
5.94
76.4
0.115
-22.1
0.208
-101.1
2100
0.216
-118.2
5.86
71.7
0.118
-23.6
0.209
-105.2
2200
0.222
-121.6
5.78
67.1
0.119
-25.3
0.211
-109.3
2300
0.228
-125.1
5.70
62.6
0.121
-26.9
0.211
-113.3
2400
0.233
-128.6
5.62
58.0
0.123
-28.6
0.212
-117.3
2500
0.238-131.9
5.54
53.5
0.125
-30.3
0.212
-121.3
2600
0.242
-135.3
5.46
49.1
0.128
-32.1
0.213
-124.9
2700
0.247
-138.5
5.38
44.7
0.130-33.9
0.213
-128.8
2800
0.251
-141.9
5.31
40.3
0.132-35.7
0.214
-132.7
2900
0.255
-145.3
5.25
36.0
0.134-37.6
0.215
-136.7
3000
0.260
-148.6
5.18
31.6
0.137-39.4
0.215
-140.5
3100
0.263
-152.0
5.12
27.4
0.139
-41.4
0.216
-144.5
3200
0.267
-155.3
5.06
23.1
0.142
-43.4
0.217
-148.5
3300
0.271
-158.9
5.01
18.8
0.145
-45.4
0.218
-152.5
3400
0.274
-162.5
4.95
14.5
0.147
-47.4
0.218
-156.7
3500
0.278
-166.1
4.90
10.3
0.150
-49.6
0.219
-160.8
3600
0.281
-169.7
4.85
6.1
0.153
-51.8
0.220
-165.0
3700
0.283
-173.3
4.80
1.9
0.155
-53.9
0.221
-169.4
3800
0.285
-177.1
4.75
-2.3
0.158
-56.1
0.221
-174.2
3900
0.287
178.7
4.71
-6.5
0.161
-58.4
0.221
-178.7
4000
0.289
174.7
4.67
-10.7
0.164
-60.7
0.222
176.5
4100
0.290
170.6
4.63
-14.9
0.167
-63.1
0.222
171.4
4200
0.290
166.3
4.60
-19.1
0.170
-65.5
0.223
166.2
4300
0.289
161.8
4.56
-23.4
0.174
-67.9
0.223
160.8
4400
0.289
157.0
4.54
-27.6
0.177
-70.5
0.224
154.8
4500
0.288
152.0
4.50
-31.9
0.180
-73.1
0.225
148.9
4600
0.287
147.3
4.48
-36.2
0.184
-75.6
0.227
142.9
4700
0.285
142.2
4.45
-40.4
0.187
-78.3
0.229
136.7
4800
0.284
136.8
4.42
-44.8
0.190
-81.0
0.233
130.1
4900
0.283
130.9
4.40
-49.1
0.194
-83.8
0.237123.3
5000
0.281
124.7
4.38-53.6
0.198
-86.7
0.242
116.2
Continues Next Page.
S-Parameter Data Files are available online at: www.mimixbroadband.com
DC-6.0 GHz InGaP HBT Packaged
Matched Gain Block Amplifier
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2007 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
CGB7009-SC
April 2007 - Rev 19-Apr-07


Similar Part No. - CGB7009-SC-0G0T

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CGB7009-SC-0G0T MIMIX-CGB7009-SC-0G0T Datasheet
534Kb / 7P
   DC-6.0 GHz InGaP HBT, MMIC or Packaged, Matched Gain Block Amplifier
CGB7009-SC-0G0T MIMIX-CGB7009-SC-0G0T Datasheet
555Kb / 8P
   DC-6.0 GHz InGaP HBT, MMIC or Packaged Matched Gain Block Amplifier
More results

Similar Description - CGB7009-SC-0G0T

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CGB7008-SC MIMIX-CGB7008-SC_07 Datasheet
521Kb / 8P
   DC-6.0 GHz InGaP HBT Packaged Matched Gain Block Amplifier
CGB7010-SC MIMIX-CGB7010-SC_07 Datasheet
522Kb / 8P
   DC-6.0 GHz InGaP HBT Packaged, Matched Gain Block Amplifier
CGB7001-SC MIMIX-CGB7001-SC_07 Datasheet
737Kb / 8P
   DC-6.0 GHz InGaP HBT Packaged Matched Gain Block Amplifier
CGB7003-SC MIMIX-CGB7003-SC_07 Datasheet
494Kb / 8P
   DC-6.0 GHz InGaP HBT Packaged Matched Gain Block Amplifier
CGB7007-SC MIMIX-CGB7007-SC_07 Datasheet
475Kb / 8P
   DC-6.0 GHz InGaP HBT Packaged Matched Gain Block Amplifier
CGB7006-SC MIMIX-CGB7006-SC_07 Datasheet
468Kb / 8P
   DC-6.0 GHz InGaP HBT Packaged Matched Gain Block Amplifier
CGB7012-SC MIMIX-CGB7012-SC_07 Datasheet
532Kb / 8P
   DC-6.0 GHz InGaP HBT Packaged Matched Gain Block Amplifier
CGB7015-SC MIMIX-CGB7015-SC_07 Datasheet
207Kb / 8P
   DC-6.0 GHz InGaP HBT Packaged Matched Gain Block Amplifier
CGB7011-SC MIMIX-CGB7011-SC_07 Datasheet
525Kb / 8P
   DC-6.0 GHz InGaP HBT Packaged Matched Gain Block Amplifier
CGB7001-SP MIMIX-CGB7001-SP_07 Datasheet
239Kb / 7P
   DC-6.0 GHz InGaP HBT Packaged Matched Gain Block Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com