Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CGB7008-SC Datasheet(PDF) 5 Page - Mimix Broadband

Part # CGB7008-SC
Description  DC-6.0 GHz InGaP HBT Packaged Matched Gain Block Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

CGB7008-SC Datasheet(HTML) 5 Page - Mimix Broadband

  CGB7008-SC_07 Datasheet HTML 1Page - Mimix Broadband CGB7008-SC_07 Datasheet HTML 2Page - Mimix Broadband CGB7008-SC_07 Datasheet HTML 3Page - Mimix Broadband CGB7008-SC_07 Datasheet HTML 4Page - Mimix Broadband CGB7008-SC_07 Datasheet HTML 5Page - Mimix Broadband CGB7008-SC_07 Datasheet HTML 6Page - Mimix Broadband CGB7008-SC_07 Datasheet HTML 7Page - Mimix Broadband CGB7008-SC_07 Datasheet HTML 8Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Page 5 of 8
Typical Scattering Parameters
(Vd = +5.15V, Icc = 64 mA, T = 23°C, device in a 50 ohm system)
Frequency
S11
S 21
S 12
S 22
(MHz)
(Mag)
(Ang)
(Mag)
(Ang)
(Mag)
(Ang)
(Mag)
(Ang)
5100
0.252
81.28
4.71
-61.60
0.152
-74.61
0.264
63.35
5200
0.255
77.16
4.64
-65.46
0.154
-77.14
0.269
59.91
5300
0.259
72.79
4.58
-69.45
0.156
-79.78
0.277
56.70
5400
0.264
68.00
4.50
-73.45
0.157
-82.57
0.286
53.07
5500
0.269
63.35
4.43
-77.40
0.159
-85.30
0.294
49.57
5600
0.273
58.74
4.37
-81.33
0.161
-88.06
0.301
45.93
5700
0.278
54.29
4.30
-85.32
0.163
-90.74
0.311
42.59
5800
0.282
49.67
4.24
-89.42
0.165
-93.67
0.320
39.12
5900
0.286
44.39
4.17
-93.45
0.166
-96.62
0.328
35.33
6000
0.29339.44
4.11
-97.46
0.167
-99.42
0.339
31.93
6100
0.299
34.48
4.05
-101.50
0.169
-102.40
0.351
28.31
6200
0.305
29.74
3.99
-105.60
0.170
-105.20
0.363
24.74
6300
0.309
24.69
3.93
-109.70
0.171
-108.300.372
21.23
6400
0.315
19.38
3.87
-113.80
0.173
-111.300.384
17.59
6500
0.321
14.29
3.81
-118.00
0.173
-114.300.397
14.21
6600
0.328
9.17
3.75
-122.20
0.174
-117.30
0.409
10.60
6700
0.3364.38
3.68
-126.30
0.175
-120.30
0.423
6.96
6800
0.341
-0.47
3.62
-130.60
0.175
-123.30
0.436
3.49
6900
0.347
-5.56
3.56
-134.80
0.176
-126.50
0.448
-0.11
7000
0.354
-11.02
3.50
-139.10
0.176
-129.80
0.460
-3.70
7100
0.362
-16.35
3.43
-143.30
0.176
-133.00
0.473
-7.35
7200
0.370
-21.28
3.36
-147.60
0.176
-136.10
0.487
-11.17
7300
0.375
-26.33
3.30
-151.80
0.176
-139.30
0.498
-14.77
7400
0.382
-31.44
3.23
-156.10
0.176
-142.50
0.509
-18.53
7500
0.388
-36.79
3.17
-160.50
0.175
-145.80
0.522
-22.11
7600
0.396
-42.26
3.10
-164.80
0.174
-149.10
0.533
-25.90
7700
0.404
-47.28
3.03
-169.10
0.173
-152.30
0.545
-29.70
7800
0.411
-52.16
2.96
-173.30
0.172
-155.50
0.556
-33.43
7900
0.415
-57.01
2.89
-177.80
0.170
-158.70
0.567
-37.06
8000
0.420
-62.26
2.82
177.80
0.169
-161.90
0.576
-40.62
8100
0.428
-67.55
2.74
173.50
0.167
-165.30
0.585
-44.37
8200
0.434
-72.42
2.66
169.20
0.165
-168.50
0.597
-48.16
8300
0.440
-77.09
2.59
165.00
0.163
-171.60
0.607
-51.70
8400
0.444
-81.65
2.52
160.80
0.161
-174.80
0.613
-55.32
8500
0.447
-86.47
2.44
156.60
0.159
-177.90
0.620
-58.85
8600
0.449
-91.53
2.37
152.20
0.156
178.90
0.627
-62.36
8700
0.454
-96.362.30
148.10
0.153
175.80
0.633
-65.95
8800
0.458
-100.70
2.22
143.90
0.150
172.90
0.639
-69.52
8900
0.458
-105.00
2.15
139.80
0.147
170.00
0.643
-72.86
9000
0.457
-109.60
2.08
135.70
0.145
166.90
0.646
-76.16
9100
0.457
-114.40
2.01
131.60
0.142
164.10
0.648
-79.55
9200
0.458
-119.20
1.94
127.40
0.139
161.10
0.651
-82.91
9300
0.458
-123.50
1.87
123.40
0.135
158.20
0.653
-86.32
9400
0.458
-127.60
1.81
119.40
0.132
155.50
0.655
-89.66
9500
0.455
-131.80
1.74
115.40
0.129
152.80
0.653
-92.83
9600
0.450
-136.40
1.67
111.40
0.125
150.20
0.653
-96.02
9700
0.449
-140.90
1.61
107.50
0.122
147.60
0.652
-99.21
9800
0.449
-145.00
1.54
103.80
0.119
145.20
0.651
-102.30
9900
0.447
-148.70
1.48
100.00
0.115
142.70
0.649
-105.50
10000
0.441
-152.50
1.42
96.35
0.112
140.80
0.647
-108.50
S-Parameter Data Files are available online at: www.mimixbroadband.com
DC-6.0 GHz InGaP HBT Packaged
Matched Gain Block Amplifier
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2007 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
CGB7008-SC
April 2007 - Rev 19-Apr-07


Similar Part No. - CGB7008-SC_07

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CGB7008-SC-0G00 MIMIX-CGB7008-SC-0G00 Datasheet
531Kb / 7P
   CGB7008-SC Matched Gain Block Amplifier
CGB7008-SC-0G0T MIMIX-CGB7008-SC-0G0T Datasheet
531Kb / 7P
   CGB7008-SC Matched Gain Block Amplifier
More results

Similar Description - CGB7008-SC_07

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CGB7010-SC MIMIX-CGB7010-SC_07 Datasheet
522Kb / 8P
   DC-6.0 GHz InGaP HBT Packaged, Matched Gain Block Amplifier
CGB7001-SC MIMIX-CGB7001-SC_07 Datasheet
737Kb / 8P
   DC-6.0 GHz InGaP HBT Packaged Matched Gain Block Amplifier
CGB7009-SC MIMIX-CGB7009-SC_07 Datasheet
465Kb / 8P
   DC-6.0 GHz InGaP HBT Packaged Matched Gain Block Amplifier
CGB7003-SC MIMIX-CGB7003-SC_07 Datasheet
494Kb / 8P
   DC-6.0 GHz InGaP HBT Packaged Matched Gain Block Amplifier
CGB7007-SC MIMIX-CGB7007-SC_07 Datasheet
475Kb / 8P
   DC-6.0 GHz InGaP HBT Packaged Matched Gain Block Amplifier
CGB7006-SC MIMIX-CGB7006-SC_07 Datasheet
468Kb / 8P
   DC-6.0 GHz InGaP HBT Packaged Matched Gain Block Amplifier
CGB7012-SC MIMIX-CGB7012-SC_07 Datasheet
532Kb / 8P
   DC-6.0 GHz InGaP HBT Packaged Matched Gain Block Amplifier
CGB7015-SC MIMIX-CGB7015-SC_07 Datasheet
207Kb / 8P
   DC-6.0 GHz InGaP HBT Packaged Matched Gain Block Amplifier
CGB7011-SC MIMIX-CGB7011-SC_07 Datasheet
525Kb / 8P
   DC-6.0 GHz InGaP HBT Packaged Matched Gain Block Amplifier
CGB7001-SP MIMIX-CGB7001-SP_07 Datasheet
239Kb / 7P
   DC-6.0 GHz InGaP HBT Packaged Matched Gain Block Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com