Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PB-CFS0103-SB-00A0 Datasheet(PDF) 8 Page - Mimix Broadband

Part # PB-CFS0103-SB-00A0
Description  0.1-10.0 GHz Low Noise, Medium Power pHEMT in a Surface Mount Plastic Package
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

PB-CFS0103-SB-00A0 Datasheet(HTML) 8 Page - Mimix Broadband

  PB-CFS0103-SB-00A0 Datasheet HTML 1Page - Mimix Broadband PB-CFS0103-SB-00A0 Datasheet HTML 2Page - Mimix Broadband PB-CFS0103-SB-00A0 Datasheet HTML 3Page - Mimix Broadband PB-CFS0103-SB-00A0 Datasheet HTML 4Page - Mimix Broadband PB-CFS0103-SB-00A0 Datasheet HTML 5Page - Mimix Broadband PB-CFS0103-SB-00A0 Datasheet HTML 6Page - Mimix Broadband PB-CFS0103-SB-00A0 Datasheet HTML 7Page - Mimix Broadband PB-CFS0103-SB-00A0 Datasheet HTML 8Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
0.1-10.0 GHz Low Noise, Medium Power
pHEMT in a Surface Mount Plastic Package
Page 8 of 8
CFS0103-SB
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2007 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
October 2007 - Rev 25-Oct-07
Ordering Information
Part Number for Ordering
Description
CFS0103-SB-0G00
Matte Tin plated RoHS compliant SOT-343 surface mount package in bulk quantity
CFS0103-SB-0G0T
Matte Tin plated RoHS compliant SOT-343 surface mount package in tape and reel
PB-CFS0103-SB-00A0
Evaluation Board for 900MHz with SMA connectors
PB-CFS0103-SB-00B0
Evaluation Board for 1900MHz ~ 2700 with SMA connectors
PB-CFS0103-SB-00D0
Evaluation Board for 3500MHz with SMA connectors
We also offer the plastic packages with SnPb (Tin-Lead) or NiPdAu plating. Please contact your regional sales manager
for more information regarding different plating types
Handling and Assembly Information
Do not ingest.
Do not alter the form of this product into a gas, powder, or liquid through burning, crushing, or chemical
processing as these by-products are dangerous to the human body if inhaled, ingested, or swallowed.
Observe government laws and company regulations when discarding this product. This product must be
discarded in accordance with methods specified by applicable hazardous waste procedures.
Life Support Policy
- Mimix Broadband's products are not authorized for use as critical components in life support
devices or systems without the express written approval of the President and General Counsel of Mimix Broadband. As
used herein: (1) Life support devices or systems are devices or systems which, (a) are intended for surgical implant into
the body, or (b) support or sustain life, and whose failure to perform when properly used in accordance with instructions
for use provided in the labeling, can be reasonably expected to result in a significant injury to the user. (2) A critical
component is any component of a life support device or system whose failure to perform can be reasonably expected
to cause the failure of the life support device or system, or to affect its safety or effectiveness.
Package Attachment
- This packaged product from Mimix Broadband is provided as a rugged surface mount package
compatible with high volume solder installation. Care should be taken not to apply heavy pressure to the top or base
material to avoid package damage. Vacuum tools or other suitable pick and place equipment may be used to pick and
place this part. Care should be taken to ensure that there are no voids or gaps in the solder connection so that good RF,
DC and ground connections are maintained. Voids or gaps can eventually lead not only to RF performance degradation,
but reduced reliability and life of the product due to thermal stress.
Mimix Lead-Free RoHS Compliant Program -
Mimix has an active program in place to meet customer and governmental
requirements for eliminating lead (Pb) and other environmentally hazardous materials from our products. All Mimix
RoHS compliant components are form, fit and functional replacements for their non-RoHS equivalents. Lead plating of
our RoHS compliant parts is 100% matte tin (Sn) over copper alloy and is backwards compatible with current standard
SnPb low-temperature reflow processes as well as higher temperature (260°C reflow) “Pb Free” processes.
CAUTION!
- Mimix Broadband MMIC Products contain gallium arsenide (GaAs) which can be hazardous to the human
body and the environment. For safety, observe the following procedures:
Caution: ESD Sensitive
Appropriate precautions in handling, packaging
and testing devices must be observed.
Proper ESD procedures should be followed when handling this device.


Similar Part No. - PB-CFS0103-SB-00A0

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
PB-CFS0303-SB-00A0 MIMIX-PB-CFS0303-SB-00A0 Datasheet
324Kb / 17P
   0.1-10.0 GHz Low Noise, Medium Power pHEMT in a Surface Mount Plastic Package
PB-CFS0303-SB-00A0 MIMIX-PB-CFS0303-SB-00A0 Datasheet
418Kb / 17P
   0.1-10.0 GHz Low Noise, Medium Power pHEMT in a Surface Mount Plastic Package
PB-CFS0303-SB-00B0 MIMIX-PB-CFS0303-SB-00B0 Datasheet
324Kb / 17P
   0.1-10.0 GHz Low Noise, Medium Power pHEMT in a Surface Mount Plastic Package
PB-CFS0303-SB-00B0 MIMIX-PB-CFS0303-SB-00B0 Datasheet
418Kb / 17P
   0.1-10.0 GHz Low Noise, Medium Power pHEMT in a Surface Mount Plastic Package
PB-CFS0303-SB-00C0 MIMIX-PB-CFS0303-SB-00C0 Datasheet
324Kb / 17P
   0.1-10.0 GHz Low Noise, Medium Power pHEMT in a Surface Mount Plastic Package
More results

Similar Description - PB-CFS0103-SB-00A0

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CFS0303-SB MIMIX-CFS0303-SB Datasheet
324Kb / 17P
   0.1-10.0 GHz Low Noise, Medium Power pHEMT in a Surface Mount Plastic Package
CFS0303-SB MIMIX-CFS0303-SB_07 Datasheet
418Kb / 17P
   0.1-10.0 GHz Low Noise, Medium Power pHEMT in a Surface Mount Plastic Package
CFS0303-SB MIMIX-CFS0303-SB_08 Datasheet
423Kb / 17P
   0.1-10.0 GHz Low Noise, Medium Power
CFS0103-SB MIMIX-CFS0103-SB_08 Datasheet
244Kb / 8P
   0.1-10.0 GHz Low Noise, Medium Power
logo
Agilent(Hewlett-Packard...
ATF33143 HP-ATF33143 Datasheet
149Kb / 14P
   Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
ATF-34143 HP-ATF-34143 Datasheet
119Kb / 15P
   Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
logo
AVAGO TECHNOLOGIES LIMI...
ATF-33143 AVAGO-ATF-33143_15 Datasheet
407Kb / 17P
   Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
logo
Broadcom Corporation.
ATF-35143 BOARDCOM-ATF-35143 Datasheet
521Kb / 18P
   Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
ATF-33143 BOARDCOM-ATF-33143 Datasheet
407Kb / 17P
   Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
logo
AVAGO TECHNOLOGIES LIMI...
ATF-33143-BLKG AVAGO-ATF-33143-BLKG Datasheet
407Kb / 17P
   Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com