Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CFS0303-SB Datasheet(PDF) 11 Page - Mimix Broadband

Part # CFS0303-SB
Description  0.1-10.0 GHz Low Noise, Medium Power pHEMT in a Surface Mount Plastic Package
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

CFS0303-SB Datasheet(HTML) 11 Page - Mimix Broadband

Back Button CFS0303-SB Datasheet HTML 7Page - Mimix Broadband CFS0303-SB Datasheet HTML 8Page - Mimix Broadband CFS0303-SB Datasheet HTML 9Page - Mimix Broadband CFS0303-SB Datasheet HTML 10Page - Mimix Broadband CFS0303-SB Datasheet HTML 11Page - Mimix Broadband CFS0303-SB Datasheet HTML 12Page - Mimix Broadband CFS0303-SB Datasheet HTML 13Page - Mimix Broadband CFS0303-SB Datasheet HTML 14Page - Mimix Broadband CFS0303-SB Datasheet HTML 15Page - Mimix Broadband Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
0.1-10.0 GHz Low Noise, Medium Power
pHEMT in a Surface Mount Plastic Package
Page 11 of 17
CFS0303-SB
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2007 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
September 2007 - Rev 28-Sep-07
Frequency
S11
S21
S12
S22
MSG/MAG
(GHz)
(Mag)
(Ang)
(dB)
(Mag)
(Ang)
(dB)
(Mag)
(Ang)
(Mag)
(Ang)
(dB)
14.00
0.62
19.53
2.01
1.26
-95.68
-10.97
0.28
-85.36
0.42
23.42
4.74
14.25
0.63
16.07
1.69
1.22
-98.80
-11.07
0.28
-87.94
0.42
23.34
4.59
14.50
0.62
13.21
1.55
1.19
-102.38
-11.01
0.28
-91.06
0.43
16.21
4.31
14.75
0.63
7.20
1.31
1.16
-106.51
-11.06
0.28
-94.60
0.43
14.91
4.15
15.00
0.64
5.88
1.09
1.13
-109.67
-11.08
0.28
-97.33
0.44
7.07
3.93
15.25
0.64
0.36
0.90
1.11
-113.27
-11.08
0.28
-100.46
0.44
7.37
3.74
15.50
0.65
-2.83
0.65
1.08
-117.28
-11.16
0.28
-103.99
0.46
-0.85
3.59
15.75
0.65
-6.30
0.47
1.06
-119.82
-11.16
0.28
-106.04
0.45
0.57
3.40
16.00
0.66
-11.26
0.22
1.03
-124.36
-11.24
0.27
-110.14
0.48
-7.62
3.25
16.25
0.66
-13.34
0.01
1.00
-126.60
-11.28
0.27
-111.95
0.48
-6.74
3.12
16.50
0.67
-18.02
-0.23
0.97
-130.89
-11.36
0.27
-115.77
0.50
-15.01
2.87
16.75
0.68
-21.20
-0.46
0.95
-133.60
-11.41
0.27
-118.00
0.50
-14.04
2.87
17.00
0.68
-23.62
-0.68
0.92
-136.79
-11.48
0.27
-120.86
0.51
-20.85
2.60
17.25
0.69
-27.89
-0.88
0.90
-140.08
-11.53
0.27
-123.77
0.52
-20.39
2.62
17.50
0.70
-29.53
-1.15
0.88
-143.03
-11.65
0.26
-126.31
0.54
-26.79
2.41
17.75
0.70
-33.36
-1.28
0.86
-145.91
-11.64
0.26
-128.74
0.54
-25.63
2.40
18.00
0.72
-35.44
-1.59
0.83
-149.02
-11.78
0.26
-131.46
0.56
-31.88
2.23
S-Parameter Data Files are available on-line at: www.mimixbroadband.com
Typical Scattering Parameters (Vds = +3.0V, Ids = 40 mA) (cont.)
Freq.
NFmin
Gamma Opt
Rn
Ga
GHz
db
Mag.
Ang.
db
1.0
0.20
0.71
41.49
13.71
21.57
2.0
0.27
0.49
50.53
5.32
15.88
3.0
0.35
0.41
74.71
5.12
13.18
4.0
0.43
0.35
121.27
3.76
11.90
5.0
0.50
0.31
155.31
3.01
10.76
6.0
0.58
0.34
-174.66
2.36
9.37
7.0
0.65
0.35
-145.95
3.09
8.48
8.0
0.73
0.34
-118.50
5.73
7.66
9.0
0.81
0.39
-104.83
7.06
7.18
10.0
0.88
0.43
-88.18
9.40
6.46
CFS0303-SB Typical Noise Parameters
(Vds = +3.0V, Ids = 40 mA)
??
?????
MSG.MAG and |S
21|
2 vs. Frequency at 3V, 40mA
Frequency (GHz)
S21
MSG/MAG
30.00
25.00
20.00
15.00
10.00
5.00
0.00
-5.00
0.50
3.50
6.50
9.50
12.50
15.50


Similar Part No. - CFS0303-SB

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CFS0303-SB MIMIX-CFS0303-SB Datasheet
324Kb / 17P
   0.1-10.0 GHz Low Noise, Medium Power pHEMT in a Surface Mount Plastic Package
CFS0303-SB MIMIX-CFS0303-SB Datasheet
423Kb / 17P
   0.1-10.0 GHz Low Noise, Medium Power
CFS0303-SB-0G00 MIMIX-CFS0303-SB-0G00 Datasheet
324Kb / 17P
   0.1-10.0 GHz Low Noise, Medium Power pHEMT in a Surface Mount Plastic Package
CFS0303-SB-0G0T MIMIX-CFS0303-SB-0G0T Datasheet
324Kb / 17P
   0.1-10.0 GHz Low Noise, Medium Power pHEMT in a Surface Mount Plastic Package
CFS0303-SB MIMIX-CFS0303-SB_08 Datasheet
423Kb / 17P
   0.1-10.0 GHz Low Noise, Medium Power
More results

Similar Description - CFS0303-SB

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CFS0303-SB MIMIX-CFS0303-SB Datasheet
324Kb / 17P
   0.1-10.0 GHz Low Noise, Medium Power pHEMT in a Surface Mount Plastic Package
CFS0103-SB MIMIX-CFS0103-SB Datasheet
238Kb / 8P
   0.1-10.0 GHz Low Noise, Medium Power pHEMT in a Surface Mount Plastic Package
CFS0303-SB MIMIX-CFS0303-SB_08 Datasheet
423Kb / 17P
   0.1-10.0 GHz Low Noise, Medium Power
CFS0103-SB MIMIX-CFS0103-SB_08 Datasheet
244Kb / 8P
   0.1-10.0 GHz Low Noise, Medium Power
logo
Agilent(Hewlett-Packard...
ATF33143 HP-ATF33143 Datasheet
149Kb / 14P
   Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
ATF-34143 HP-ATF-34143 Datasheet
119Kb / 15P
   Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
logo
AVAGO TECHNOLOGIES LIMI...
ATF-33143 AVAGO-ATF-33143_15 Datasheet
407Kb / 17P
   Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
logo
Broadcom Corporation.
ATF-35143 BOARDCOM-ATF-35143 Datasheet
521Kb / 18P
   Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
ATF-33143 BOARDCOM-ATF-33143 Datasheet
407Kb / 17P
   Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
logo
AVAGO TECHNOLOGIES LIMI...
ATF-33143-BLKG AVAGO-ATF-33143-BLKG Datasheet
407Kb / 17P
   Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com