Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PB-CDQ0303-QS-00B0 Datasheet(PDF) 3 Page - Mimix Broadband

Part # PB-CDQ0303-QS-00B0
Description  500-6000 MHz Dual, Ultra Low Noise, High IP3 Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

PB-CDQ0303-QS-00B0 Datasheet(HTML) 3 Page - Mimix Broadband

  PB-CDQ0303-QS-00B0 Datasheet HTML 1Page - Mimix Broadband PB-CDQ0303-QS-00B0 Datasheet HTML 2Page - Mimix Broadband PB-CDQ0303-QS-00B0 Datasheet HTML 3Page - Mimix Broadband PB-CDQ0303-QS-00B0 Datasheet HTML 4Page - Mimix Broadband PB-CDQ0303-QS-00B0 Datasheet HTML 5Page - Mimix Broadband PB-CDQ0303-QS-00B0 Datasheet HTML 6Page - Mimix Broadband PB-CDQ0303-QS-00B0 Datasheet HTML 7Page - Mimix Broadband PB-CDQ0303-QS-00B0 Datasheet HTML 8Page - Mimix Broadband PB-CDQ0303-QS-00B0 Datasheet HTML 9Page - Mimix Broadband Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
500-6000 MHz
Dual, Ultra Low Noise, High IP3 Amplifier
Page 3 of 14
CDQ0303-QS
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2007 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
October 2007 - Rev 22-Oct-07
Typical Pulsed I-V Performance


Similar Part No. - PB-CDQ0303-QS-00B0

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
PB-CDQ0303-QS-00B0 MIMIX-PB-CDQ0303-QS-00B0 Datasheet
663Kb / 14P
   500-6000 MHz Dual, Ultra Low Noise, High IP3 Amplifier
More results

Similar Description - PB-CDQ0303-QS-00B0

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CDQ0303-QS MIMIX-CDQ0303-QS Datasheet
663Kb / 14P
   500-6000 MHz Dual, Ultra Low Noise, High IP3 Amplifier
logo
Analog Devices
HMC639ST89 AD-HMC639ST89 Datasheet
351Kb / 6P
   HIGH IP3, LOW NOISE AMPLIFIER
logo
Skyworks Solutions Inc.
SKYA21051 SKYWORKS-SKYA21051 Datasheet
4Mb / 22P
   200 to 6000 MHz Broadband Low-Noise Amplifier
SKY67183-396LF SKYWORKS-SKY67183-396LF Datasheet
2Mb / 14P
   400 to 6000 MHz Broadband Low-Noise Amplifier
January 9, 2020
SKY67189-396LF SKYWORKS-SKY67189-396LF Datasheet
913Kb / 10P
   400 to 6000 MHz Broadband Low-Noise Amplifier
February 21, 2020
logo
AVAGO TECHNOLOGIES LIMI...
MGA-621P8 AVAGO-MGA-621P8 Datasheet
3Mb / 18P
   450 MHz??500 MHz Low Noise Amplifier
logo
Broadcom Corporation.
MGA-621P8 BOARDCOM-MGA-621P8 Datasheet
3Mb / 18P
   450 MHz??500 MHz Low Noise Amplifier
logo
Maxim Integrated Produc...
MAX2644 MAXIM-MAX2644 Datasheet
162Kb / 8P
   2.4GHz SiGe, High IP3 Low-Noise Amplifier
Rev 1; 11/03
MAX2644 MAXIM-MAX2644_03 Datasheet
168Kb / 8P
   2.4GHz SiGe, High IP3 Low-Noise Amplifier
Rev 1; 11/03
logo
TEMEX
SRW150 TEMEX-SRW150 Datasheet
323Kb / 6P
   Ultra Low Noise 500 MHz SAW Oscillators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com