Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XU1004-BD-000V Datasheet(PDF) 7 Page - Mimix Broadband

Part # XU1004-BD-000V
Description  32.0-45.0 GHz GaAs MMIC Transmitter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XU1004-BD-000V Datasheet(HTML) 7 Page - Mimix Broadband

  XU1004-BD-000V Datasheet HTML 1Page - Mimix Broadband XU1004-BD-000V Datasheet HTML 2Page - Mimix Broadband XU1004-BD-000V Datasheet HTML 3Page - Mimix Broadband XU1004-BD-000V Datasheet HTML 4Page - Mimix Broadband XU1004-BD-000V Datasheet HTML 5Page - Mimix Broadband XU1004-BD-000V Datasheet HTML 6Page - Mimix Broadband XU1004-BD-000V Datasheet HTML 7Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Page 7 of 7
32.0-45.0 GHz GaAs MMIC
Transmitter
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2007 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
June 2007 - Rev 28-Jun-07
U1004-BD
Handling and Assembly Information
CAUTION! - Mimix Broadband MMIC Products contain gallium arsenide (GaAs) which can be hazardous to the
human body and the environment. For safety, observe the following procedures:
Do not ingest.
Do not alter the form of this product into a gas, powder, or liquid through burning, crushing, or chemical
processing as these by-products are dangerous to the human body if inhaled, ingested, or swallowed.
Observe government laws and company regulations when discarding this product.This product must be
discarded in accordance with methods specified by applicable hazardous waste procedures.
Life Support Policy - Mimix Broadband's products are not authorized for use as critical components in life support
devices or systems without the express written approval of the President and General Counsel of Mimix
Broadband. As used herein: (1) Life support devices or systems are devices or systems which, (a) are intended for
surgical implant into the body, or (b) support or sustain life, and whose failure to perform when properly used in
accordance with instructions for use provided in the labeling, can be reasonably expected to result in a
significant injury to the user. (2) A critical component is any component of a life support device or system whose
failure to perform can be reasonably expected to cause the failure of the life support device or system, or to
affect its safety or effectiveness.
ESD - Gallium Arsenide (GaAs) devices are susceptible to electrostatic and mechanical damage. Die are supplied
in antistatic containers, which should be opened in cleanroom conditions at an appropriately grounded anti-
static workstation. Devices need careful handling using correctly designed collets, vacuum pickups or, with care,
sharp tweezers.
Die Attachment - GaAs Products from Mimix Broadband are 0.100 mm (0.004") thick and have vias through to the
backside to enable grounding to the circuit. Microstrip substrates should be brought as close to the die as possible. The
mounting surface should be clean and flat. If using conductive epoxy, recommended epoxies are Tanaka TS3332LD, Die
Mat DM6030HK or DM6030HK-Pt cured in a nitrogen atmosphere per manufacturer's cure schedule. Apply epoxy
sparingly to avoid getting any on to the top surface of the die. An epoxy fillet should be visible around the total die
periphery. For additional information please see the Mimix "Epoxy Specifications for Bare Die" application note. If
eutectic mounting is preferred, then a fluxless gold-tin (AuSn) preform, approximately 0.0012 thick, placed between the
die and the attachment surface should be used. A die bonder that utilizes a heated collet and provides scrubbing action
to ensure total wetting to prevent void formation in a nitrogen atmosphere is recommended. The gold-tin eutectic
(80% Au 20% Sn) has a melting point of approximately 280 ºC (Note: Gold Germanium should be avoided). The work
station temperature should be 310 ºC +/- 10 ºC. Exposure to these extreme temperatures should be kept to minimum.
The collet should be heated, and the die pre-heated to avoid excessive thermal shock. Avoidance of air bridges and force
impact are critical during placement.
Wire Bonding - Windows in the surface passivation above the bond pads are provided to allow wire bonding to
the die's gold bond pads. The recommended wire bonding procedure uses 0.076 mm x 0.013 mm (0.003" x
0.0005") 99.99% pure gold ribbon with 0.5-2% elongation to minimize RF port bond inductance. Gold 0.025 mm
(0.001") diameter wedge or ball bonds are acceptable for DC Bias connections. Aluminum wire should be
avoided. Thermo-compression bonding is recommended though thermosonic bonding may be used providing
the ultrasonic content of the bond is minimized. Bond force, time and ultrasonics are all critical parameters.
Bonds should be made from the bond pads on the die to the package or substrate. All bonds should be as short
as possible.
Ordering Information
Part Number
Description
XU1004-BD-000V
Where “V” is RoHS compliant die packed in vacuum release gel paks
XU1004-BD-EV1
XU1004 die evaluation module


Similar Part No. - XU1004-BD-000V

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XU1004-BD MIMIX-XU1004-BD Datasheet
264Kb / 7P
   32.0-45.0 GHz GaAs MMIC
logo
M/A-COM Technology Solu...
XU1004-BD MA-COM-XU1004-BD Datasheet
841Kb / 9P
   Transmitter
logo
Mimix Broadband
XU1004-BD MIMIX-XU1004-BD_08 Datasheet
264Kb / 7P
   32.0-45.0 GHz GaAs MMIC
logo
M/A-COM Technology Solu...
XU1004-BD MA-COM-XU1004-BD_15 Datasheet
841Kb / 9P
   Transmitter
More results

Similar Description - XU1004-BD-000V

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XU1004 MIMIX-XU1004 Datasheet
295Kb / 7P
   32.0-45.0 GHz GaAs MMIC Transmitter
XU1004-BD MIMIX-XU1004-BD_08 Datasheet
264Kb / 7P
   32.0-45.0 GHz GaAs MMIC
XU1004 MIMIX-XU1004_06 Datasheet
194Kb / 7P
   32.0-45.0 GHz GaAs MMIC
XP1026-BD MIMIX-XP1026-BD_10 Datasheet
1Mb / 10P
   27.0-32.0 GHz GaAs MMIC
B1005-BD MIMIX-B1005-BD_08 Datasheet
727Kb / 12P
   35.0-45.0 GHz GaAs MMIC
D1008-QH MIMIX-D1008-QH Datasheet
1Mb / 9P
   30.0 kHz-32.0 GHz GaAs MMIC
XP1026-BD MIMIX-XP1026-BD_07 Datasheet
263Kb / 5P
   27.0-32.0 GHz GaAs MMIC Power Amplifier
30SPA0553 MIMIX-30SPA0553 Datasheet
120Kb / 5P
   27.0-32.0 GHz GaAs MMIC Power Amplifier
XP1026-BD MIMIX-XP1026-BD Datasheet
284Kb / 5P
   27.0-32.0 GHz GaAs MMIC Power Amplifier
XM1000-BD MIMIX-XM1000-BD Datasheet
302Kb / 6P
   32.0-46.0 GHz GaAs MMIC Balanced Mixer
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com