Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XX1000-QT-0G00 Datasheet(PDF) 1 Page - Mimix Broadband

Part # XX1000-QT-0G00
Description  7.5-22.5/15.0-45.0 GHz Active Doubler QFN, 3x3 mm
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XX1000-QT-0G00 Datasheet(HTML) 1 Page - Mimix Broadband

  XX1000-QT-0G00 Datasheet HTML 1Page - Mimix Broadband XX1000-QT-0G00 Datasheet HTML 2Page - Mimix Broadband XX1000-QT-0G00 Datasheet HTML 3Page - Mimix Broadband XX1000-QT-0G00 Datasheet HTML 4Page - Mimix Broadband XX1000-QT-0G00 Datasheet HTML 5Page - Mimix Broadband XX1000-QT-0G00 Datasheet HTML 6Page - Mimix Broadband XX1000-QT-0G00 Datasheet HTML 7Page - Mimix Broadband XX1000-QT-0G00 Datasheet HTML 8Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
7.5-22.5/15.0-45.0 GHz Active Doubler
QFN, 3x3 mm
+18 dBm Output Power
-20 dBc Fundamental Leakage
SMD, 3x3 mm QFN Package
RoHS Compliant
100% RF, DC and Output Power Testing
Features
Electrical Characteristics (AmbientTemperatureT = 25 oC)
Parameter
Input Frequency Range (fin)
Output Frequency Range (fout)
Input Return Loss (S11)
Output Return Loss (S22)
Saturated Output Power (Psat)
RF Input Power (RF Pin)
Fundamental Leakage (fin)
Third Harmonic Leakage (3xfin)
Fourth Harmonic Leakage (4xfin)
Units
GHz
GHz
dB
dB
dBm
dBm
dBc
dBc
dBc
Min.
7.5
15.0
-
-
-
-10.0
-
-
-
Typ.
-
-
15.0
7.0
+18
-
20
30
10
Max.
22.5
45.0
-
-
-
+10.0
-
-
-
Page 1 of 8
X1000-QT
Drain Bias Voltage (Vd1,2)
Gate Bias Voltage (Vg1)
Gate Bias Voltage (Vg2)
Supply Current (Id1,2) (Vd=5.0V, Vg1=-0.6V, Vg2=0.0V Typical)
Source Voltage (Vss)
Source Current (Iss)
VDC
VDC
VDC
mA
VDC
mA
-
-0.8
-1.2
-
-5.5
25
+5.0
-0.6
0.0
220
-5.0
50
+5.5
-0.4
+0.1
250
-2.0
60
Absolute Maximum Ratings
Supply Voltage (Vd)
Supply Voltage (Vss)
Supply Current (Id)
Supply Current (Iss)
Gate Bias Voltage (Vg)
Input Power (RF Pin)
Storage Temperature (Tstg)
Operating Temperature (Ta)
Channel Temperature (Tch)
+6.0 VDC
-6.0 VDC
300 mA
60 mA
-0.4 VDC
+15.0 dBm
-65 to +165 OC
-55 to MTTF Table
MTTF Table1
(1) Channel temperature affects a device's MTTF. It is
recommended to keep channel temperature as low as
possible for maximum life.
1
Mimix Broadband's 7.5-22.5/15.0-45.0 GHz SMD active
doubler delivers + 17 dBm of output power. The
device combines an active doubler with an output
buffer amplifier that delivers constant power over a
range of input powers. The device has excellent
rejection of the fundamental and harmonic products
and requires a single positive bias supply. This device
uses Mimix Broadband's 0.15 GaAs pHEMT device
model technology to ensure high reliability and
uniformity. The device comes in a low-cost 3x3mm
QFN Surface Mount Plastic Package offering excellent
RF and thermal properties and is RoHS compliant. This
device is well suited for Point-to-Point Radio,
Microwave, LMDS, SATCOM and VSAT applications.
General Description
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2008 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
January 2008 - Rev 10-Jan-08


Similar Part No. - XX1000-QT-0G00

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XX1000-QT-0G00 MIMIX-XX1000-QT-0G00 Datasheet
610Kb / 7P
   7.5-22.5/15.0-45.0 GHz Active Doubler QFN, 3x3 mm
XX1000-QT-0G00 MIMIX-XX1000-QT-0G00 Datasheet
656Kb / 8P
   7.5-22.5/15.0-45.0 GHz Active Doubler QFN, 3x3 mm
More results

Similar Description - XX1000-QT-0G00

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XX1000-QT MIMIX-XX1000-QT_07 Datasheet
656Kb / 8P
   7.5-22.5/15.0-45.0 GHz Active Doubler QFN, 3x3 mm
XX1000-QT MIMIX-XX1000-QT Datasheet
610Kb / 7P
   7.5-22.5/15.0-45.0 GHz Active Doubler QFN, 3x3 mm
XX1000-QT MIMIX-XX1000-QT_10 Datasheet
1Mb / 8P
   7.5-22.5/15.0-45.0 GHz Active Doubler
XX1000-BD MIMIX-XX1000-BD Datasheet
301Kb / 6P
   7.5-25.0/15.0-50.0 GHz GaAs MMIC Active Doubler
XX1000 MIMIX-XX1000 Datasheet
497Kb / 6P
   7.5-25.0/15.0-50.0 GHz GaAs MMIC Active Doubler
XX1000-BD_0708 MIMIX-XX1000-BD_0708 Datasheet
305Kb / 7P
   7.5-25.0/15.0-50.0 GHz GaAs MMIC Active Doubler
XX1002-QH MIMIX-XX1002-QH_08 Datasheet
1Mb / 7P
   2.5-6.0/5.0-12.0 GHz Active Doubler QFN, 4x4 mm
XX1002-QH MIMIX-XX1002-QH Datasheet
490Kb / 7P
   2.5-6.0/5.0-12.0 GHz Active Doubler QFN, 4x4 mm
XX1002-QH MIMIX-XX1002-QH_07 Datasheet
1Mb / 7P
   2.5-6.0/5.0-12.0 GHz Active Doubler QFN, 4x4 mm
40REC0770-QB MIMIX-40REC0770-QB Datasheet
228Kb / 7P
   35.0-45.0 GHz GaAs Receiver QFN, 7x7 mm
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com