Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XX1007-QT-EV1 Datasheet(PDF) 5 Page - Mimix Broadband

Part # XX1007-QT-EV1
Description  13.5-17.0/27.0-34.0 GHz Doubler QFN, 3X3mm
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XX1007-QT-EV1 Datasheet(HTML) 5 Page - Mimix Broadband

  XX1007-QT-EV1 Datasheet HTML 1Page - Mimix Broadband XX1007-QT-EV1 Datasheet HTML 2Page - Mimix Broadband XX1007-QT-EV1 Datasheet HTML 3Page - Mimix Broadband XX1007-QT-EV1 Datasheet HTML 4Page - Mimix Broadband XX1007-QT-EV1 Datasheet HTML 5Page - Mimix Broadband XX1007-QT-EV1 Datasheet HTML 6Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2008 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
February 2008 - Rev 06-Feb-08
RF in
Vd
RF out
Page 5 of 6
MTTFTables (TBD)
Evaluation Board Layout
Bias Conditions: Vd=5.0V, Id=200mA
These numbers were calculated based on accelerated life test information and thermal model analysis received from the fabricating foundry.
Backplate
Temperature
75 deg Celsius
Channel
Temperature
192 deg Celsius
FITs
2.9 E+02
MTTF Hours
3.4 E+06
Rth
126 C/W
13.5-17.0/27.0-34.0 GHz Doubler
QFN, 3X3mm
X1007-QT


Similar Part No. - XX1007-QT-EV1

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XX1007-QT MIMIX-XX1007-QT Datasheet
664Kb / 6P
   13.5-17.0/27.0-34.0 GHz Doubler
logo
M/A-COM Technology Solu...
XX1007-QT MA-COM-XX1007-QT Datasheet
758Kb / 6P
   Doubler
logo
Mimix Broadband
XX1007-QT MIMIX-XX1007-QT_10 Datasheet
664Kb / 6P
   13.5-17.0/27.0-34.0 GHz Doubler
logo
M/A-COM Technology Solu...
XX1007-QT MA-COM-XX1007-QT_15 Datasheet
758Kb / 6P
   Doubler
More results

Similar Description - XX1007-QT-EV1

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XX1007-QT MIMIX-XX1007-QT_10 Datasheet
664Kb / 6P
   13.5-17.0/27.0-34.0 GHz Doubler
XX1007-BD MIMIX-XX1007-BD Datasheet
377Kb / 6P
   13.5-17.0/27.0-34.0 GHz GaAs MMIC Active Doubler
XX1007-BD MIMIX-XX1007-BD_09 Datasheet
382Kb / 6P
   13.5-17.0/27.0-34.0 GHz GaAs MMIC
XX1003-QC MIMIX-XX1003-QC Datasheet
171Kb / 5P
   14.0-17.0/28.0-34.0 GHz Active Doubler QFN, 5x5mm
30DBL0537-QC MIMIX-30DBL0537-QC Datasheet
305Kb / 5P
   14.0-17.0/28.0-34.0 GHz Active Doubler QFN, 5x5mm
XR1019-QH MIMIX-XR1019-QH Datasheet
958Kb / 8P
   27.0-34.0 GHz GaAs Receiver QFN, 4x4mm
U1010-QH MIMIX-U1010-QH_10 Datasheet
818Kb / 5P
   17.0-34.0 GHz Up-Converter QFN, 4x4mm
30DBL0537 MIMIX-30DBL0537 Datasheet
181Kb / 5P
   14.5-17.0/29.0-34.0 GHz GaAs MMIC Active Doubler
XU1010-BD MIMIX-XU1010-BD_09 Datasheet
1Mb / 1P
   17.0-34.0 GHz GaAs MMIC
XU1000 MIMIX-XU1000 Datasheet
264Kb / 5P
   17.0-27.0 GHz GaAs MMIC Transmitter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com