Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XX1002-BD Datasheet(PDF) 2 Page - Mimix Broadband

Part # XX1002-BD
Description  2.5-6.0/5.0-12.0 GHz GaAs MMIC Active Doubler
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XX1002-BD Datasheet(HTML) 2 Page - Mimix Broadband

  XX1002-BD Datasheet HTML 1Page - Mimix Broadband XX1002-BD Datasheet HTML 2Page - Mimix Broadband XX1002-BD Datasheet HTML 3Page - Mimix Broadband XX1002-BD Datasheet HTML 4Page - Mimix Broadband XX1002-BD Datasheet HTML 5Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2.5-6.0/5.0-12.0 GHz GaAs MMIC
Active Doubler
Doubler Measurements
Page 2 of 5
Pout (d Bm ) vs . Fo ut (G Hz): Pin = - 3 , 0 a nd + 3 d B m
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
45
67
89
10
11
12
13
14
Fout (GHz)
Pi n = - 3 d B m
Pin = 0 dBm
P in = + 3 dB m
Ic c (mA ) v s . Fin (GH z): Vcc = 5.0V, Pin = - 3, 0 an d + 3 d B m
0
20
40
60
80
100
120
140
160
2
2.5
3
3.5
4
4.5
5
5.5
6
6.5
7
Fin (GHz)
Pi n = - 3 dB m
Pin = 0 dBm
Pin = + 3 dBm
Vcc = 5. 0V
Fun damental Leakage ( dBc) vs . Fi n ( G Hz)
-40
-35
-30
-25
-20
-15
-10
-5
0
2
2.5
3
3.5
4
4.5
5
5.5
6
6.5
7
Fi n ( GHz )
Pin = +3 dBm (bl ue)
Pin = 0 dBm (gr een)
Pin = -3dB m ( red)
Pout_3xF in (d Bc) v s . 3xFi n (GHz)
-70
-60
-50
-40
-30
-20
-10
0
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
3xFin (GHz)
Pin = +3dBm (bl ue)
Pin = 0 dBm (gr een)
Pin = -3dBm (re d)
Pout_4xF in (d Bc) v s . 4xFi n (GHz)
-40
-35
-30
-25
-20
-15
-10
-5
0
8
10
12141618
20
22
24
2628
4xFin (GHz)
Pin = +3 dBm (bl ue)
Pin = 0 dBm (gr een)
Pin = -3dB m ( red)
0
5
10
15
20
25
30
Frequency (GHz)
S11
-30
-25
-20
-15
-10
-5
0
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2007 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
July 2007 - Rev 27-Jul-07
X1002-BD


Similar Part No. - XX1002-BD

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XX1002-QH MIMIX-XX1002-QH Datasheet
490Kb / 7P
   2.5-6.0/5.0-12.0 GHz Active Doubler QFN, 4x4 mm
XX1002-QH MIMIX-XX1002-QH Datasheet
1Mb / 7P
   2.5-6.0/5.0-12.0 GHz Active Doubler QFN, 4x4 mm
XX1002-QH MIMIX-XX1002-QH Datasheet
1Mb / 7P
   2.5-6.0/5.0-12.0 GHz Active Doubler QFN, 4x4 mm
XX1002-QH MIMIX-XX1002-QH Datasheet
950Kb / 7P
   2.5-6.0/5.0-12.0 GHz Active Doubler
logo
M/A-COM Technology Solu...
XX1002-QH MA-COM-XX1002-QH Datasheet
896Kb / 6P
   Active Doubler
More results

Similar Description - XX1002-BD

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XX1002 MIMIX-XX1002 Datasheet
374Kb / 5P
   2.5-6.0/5.0-12.0 GHz GaAs MMIC Active Doubler
XX1002-QH MIMIX-XX1002-QH_10 Datasheet
950Kb / 7P
   2.5-6.0/5.0-12.0 GHz Active Doubler
XX1002-QH MIMIX-XX1002-QH_08 Datasheet
1Mb / 7P
   2.5-6.0/5.0-12.0 GHz Active Doubler QFN, 4x4 mm
XX1002-QH MIMIX-XX1002-QH Datasheet
490Kb / 7P
   2.5-6.0/5.0-12.0 GHz Active Doubler QFN, 4x4 mm
XX1002-QH MIMIX-XX1002-QH_07 Datasheet
1Mb / 7P
   2.5-6.0/5.0-12.0 GHz Active Doubler QFN, 4x4 mm
20DBL0451 MIMIX-20DBL0451 Datasheet
311Kb / 6P
   8.0-12.0/16.0-24.0 GHz GaAs MMIC Active Doubler
XX1005-BD MIMIX-XX1005-BD Datasheet
218Kb / 6P
   8.0-12.0/16.0-24.0 GHz GaAs MMIC Active Doubler
logo
Hittite Microwave Corpo...
HMC280MS8G HITTITE-HMC280MS8G Datasheet
216Kb / 6P
   GaAs MMIC POWER AMPLIFIER 5.0 - 6.0 GHz
HMC280MS8G HITTITE-HMC280MS8G_05 Datasheet
290Kb / 6P
   GaAs MMIC POWER AMPLIFIER 5.0 - 6.0 GHz
HMC224MS8 HITTITE-HMC224MS8 Datasheet
162Kb / 4P
   GaAs MMIC T/R SWITCH 5.0 - 6.0 GHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com