Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

73L-OV10B Datasheet(PDF) 1 Page - Grayhill, Inc

Part # 73L-OV10B
Description  Analog Voltage and Current Output Modules
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GRAYHILL [Grayhill, Inc]
Direct Link  http://www.grayhill.com
Logo GRAYHILL - Grayhill, Inc

73L-OV10B Datasheet(HTML) 1 Page - Grayhill, Inc

  73L-OV10B Datasheet HTML 1Page - Grayhill, Inc 73L-OV10B Datasheet HTML 2Page - Grayhill, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Grayhill, Inc. • 561 Hillgrove Avenue • LaGrange, Illinois
60525-5997 • USA • Phone: 708-354-1040 • Fax: 708-354-2820 • www.grayhill.com
CIRCUITRY: Voltage Output
+
+5V
SERIAL
INPUT
DATA
1
2
3
4
5
GROUND
AMP
DC/DC
CONVERTER
VS
VS-
D/A
BUFFER
VS
2K
10K
Analog Voltage and Current Output Modules
FEATURES
• Standard Package and Pin-out
• Single 5V Power Supply
• 12-Bit Resolution
• Optical Isolation
• Intermix With Digital Modules on
the Same Rack
• Meets the Requirements of IEEE 472
• UL, CSA, CE Certified (OpenLine® only)
Type/Function
Grayhill Part Number
G5, OpenLine®
73G-OV5, -OV5B 73G-OV10, -OV10B
73L-OV5, -OV5B
73L-OV10, -OV10B
Specifications
Units
Number of Outputs
1 Ch., Diff.
1 Ch., Diff.
2 Ch., S.E.
2 Ch., S.E.
Resolution
bits
12
12
12
12
mV/count
-OV5: 1.22
-OV10: 2.44
-OV5: 1.22
-OV10: 2.44
-OV5B: 2.44
-OV10B: 4.88
-OV5B: 2.44
-OV10B: 4.88
Absolute Accuracy @ 25°C1, 2
0.3% of full scale
0.3% of full scale 0.08% of full scale
0.06% of full scale
Accuracy Drift w/Temp.2
Maximum Offset
PPM/°C
+/- 45
+/- 45
+/- 25
+/- 25
Maximum Gain (0 to 60°C)
PPM/°C
+/- 150
+/- 150
+/- 100
+/- 100
Serial Data Format
12-bit packet
12-bit packet
Left-justified, 16-bit
Left-justified, 16-bit
Serial Data Packet
115.2Kb, N, 8, 2
115.2Kb, N, 8, 2
Step Response Time
mS
0.5
0.5
0.8
0.8
Output Noise Ripple
mV rms
1.5 max.
3.7 max.
Output Voltage Range
Vdc
-OV5: 0-5
-OV10: 0-10
-OV5: 0-5
-OV10: 0-10
-OV5B: -5-5
-OV10B: -10-10
-OV5B: -5-5
-OV10B: -10-10
Maximum Load
250
1000
250
500
Logic Voltage Range
Vdc
4.5-5.5
4.5-5.5
4.75-5.25
4.75-5.25
Maximum Logic Supply Current @ 5Vdc
mA/Ch.
140
140
105
105
Power Up Status
Output @ min. value
Output @ min. value Output @ min. value
Output @ min. value
Short Circuit Protection
Yes
Yes
Yes
Yes
Module ID (Pin 9)
K
N/A
N/A
5.23
5.23
Isolation Voltage
Field to Logic
Vrms
2500
2500
2500
2500
Field to Power
Vrms
2500
2500
2500
2500
Module to Module
Vrms
2500
2500
2500
2500
Channel A to Channel B
N/A
N/A
None
None
Environmental Conditions
Operating Temperature
°C
0-60
0-60
-40-85
-40-85
Storage Temperature
°C
-25-85
-25-85
-40-100
-40-100
1 Includes offset, gain, non-linearity and repeatability error terms.
2 Accuracy and drift graphs are available in Bulletin #753.
SPECIFICATIONS: By Part Number
G5
OpenLine®
TERMINAL
BLOCK #
I/O MODULE
PIN #
OPTICAL
ISOLATION
ISOLATED
DC/DC
CONVERTER
CHANNEL A
CHANNEL B
OUTPUT
DEVICE
OUTPUT
DEVICE
1
2
3
4
1
2
3
4
+
+
D/A
µP
5.23K
10K
VS
VS
6
5
7
8
9
Vcc
GND
TXD
RXD
MODULE ID
73L-OV
73G-OV
I/O
25


Similar Part No. - 73L-OV10B

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
73L-OV10B GRAYHILL-73L-OV10B Datasheet
116Kb / 2P
   Contact Closure DC Input Modules
More results

Similar Description - 73L-OV10B

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5661 MAXIM-MAX5661 Datasheet
4Mb / 40P
   Single 16-Bit DAC with Current and Voltage Outputs for Industrial Analog Output Modules
Rev 1; 5/09
logo
Texas Instruments
INA223 TI1-INA223 Datasheet
1Mb / 31P
[Old version datasheet]   Analog Output Current Shunt and Voltage Instantaneous Power Monitor
INA223 TI-INA223_15 Datasheet
1Mb / 31P
[Old version datasheet]   Analog Output Current Shunt and Voltage Instantaneous Power Monitor
logo
Maxim Integrated Produc...
MAX15500 MAXIM-MAX15500 Datasheet
3Mb / 27P
   Industrial Analog Current/Voltage-Output Conditioners
Rev 0; 6/09
MAX15500 MAXIM-MAX15500_11 Datasheet
3Mb / 28P
   Industrial Analog Current/ Voltage-Output Conditioners
Rev 1; 2/11
logo
Texas Instruments
XTR300 TI1-XTR300 Datasheet
1Mb / 38P
[Old version datasheet]   Industrial Analog Current/Voltage OUTPUT DRIVER
logo
Burr-Brown (TI)
XTR300 BURR-BROWN-XTR300 Datasheet
621Kb / 27P
   Industrial Analog Current/Voltage OUTPUT DRIVER
logo
WAGO Kontakttechnik Gmb...
750-564 WAGO-750-564 Datasheet
527Kb / 10P
   4-channel analog output; Voltage/Current
logo
Opto Electronics Co,. L...
SNAP-AOV-27 E-OEC-SNAP-AOV-27 Datasheet
383Kb / 15P
   SNAP Analog Output Modules
logo
List of Unclassifed Man...
DI-8B32 ETC1-DI-8B32 Datasheet
333Kb / 2P
   Analog Current Input Modules
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com