Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

70G-OAC5 Datasheet(PDF) 2 Page - Grayhill, Inc

Part # 70G-OAC5
Description  AC Output Modules
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GRAYHILL [Grayhill, Inc]
Direct Link  http://www.grayhill.com
Logo GRAYHILL - Grayhill, Inc

70G-OAC5 Datasheet(HTML) 2 Page - Grayhill, Inc

  70G-OAC5 Datasheet HTML 1Page - Grayhill, Inc 70G-OAC5 Datasheet HTML 2Page - Grayhill, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Grayhill, Inc. • 561 Hillgrove Avenue • LaGrange, Illinois
60525-5997 • USA • Phone: 708-354-1040 • Fax: 708-354-2820 • www.grayhill.com
AC Output Modules
Miniature, Normally Open, Random Turn-on
70M-OAC5A-11
Miniature, Normally Open, Zero Voltage Turn-on (ZVT)
70M-OAC5
70M-OAC5A
70M-OAC15
70M-OAC15A
70M-OAC24
70M-OAC24A
Miniature, Normally Open, ZVT, Inductive Load
70M-OAC5-L
70M-OAC5A-L
Standard, Normally Closed, Random Turn-on
70-OAC5A5
Standard, Normally Open, Random Turn-on
70-OAC5A-11
70-OAC24A-11
Standard, Normally Open, ZVT
70-OAC5
70-OAC5A
70-OAC15
70-OAC15A
70-OAC24
70-OAC24A
Standard, NormallyOpen,ZVT,InductiveLoad
70-OAC5-L
70-OAC5A-L
Specifications
Units
Nominal Line Voltage
Vac
120
240
120
240
120
240
Load Voltage Range
Vac
24-140
24-280
24-140
24-280
24-140
24-280
Minimum Peak Blocking Voltage
Volts
400
600
400
600
400
600
Maximum Off-state Leakage @ 60Hz
mA, rms
2
4
2
4
2
4
Nominal Logic Voltage (Vcc)
Vdc
5
5
15
15
24
24
Logic Voltage Range
Vdc
2.5-10
2.5-10
10-18
10-18
15-30
15-30
Max. Logic Supply Current @ Nominal Vcc
mA
16
16
9
9
9
9
Nominal Input Resistance (Rx)
240
240
1800
1800
2700
2700
Minimum Drop Out Voltage
Vdc
1
1
1
1
1
1
Maximum Reverse Logic Voltage
Vdc
-5
-5
-5
-5
-5
-5
Type/Function
Grayhill Part Number
Standard and Miniature Modules
SPECIFICATIONS: By Part Number
G5 Modules
Grayhill Part Number
70G-OAC5
70G-OAC5A
70G-OAC15
70G-OAC15A
70G-OAC24
70G-OAC24A
70G-OAC5-L 70G-OAC5A-L
70G-OAC15-L 70G-OAC15A-L 70G-OAC24-L
70G-OAC24A-L
70G-OAC5A-11
Nominal Line Voltage
Vac
120
240
120
240
120
240
Load Voltage Range
Vac
24-140
24-280
24-140
24-280
24-140
24-280
Minimum Peak Blocking Voltage
Volts
400
600
400
600
400
600
Maximum Off-state Leakage @ 60Hz
mA, rms
2
4
2
4
2
4
Nominal Logic Voltage (Vcc)
Vdc
5
5
15
15
24
24
Logic Voltage Range
Vdc
4-6
4-6
8-20
8-20
18-32
18-32
Max. Logic Supply Current @ Nominal Vcc
mA
20
20
12
12
8
8
Nominal Input Resistance (Rx)
W
100
100
1000
1000
2700
2700
Minimum Drop Out Voltage
Vdc
1
1
1
1
1
1
Maximum Reverse Logic Voltage
Vdc
-5
-5
-5
-5
-5
-5
OpenLine® Modules
Type/Function
Grayhill Part Number
Dual, Fusible, Normally Open, ZVT
70L-OAC
70L-OACA
Dual, Fusible, Normally Open, ZVT, Inductive Load
70L-OAC-L
70L-OACA-L
Specifications
Units
Nominal Line Voltage
Vac
120
240
Load Voltage Range
Vac
24-140
24-280
Minimum Peak Blocking Voltage
Volts
600
600
Maximum Off-State Leakage @ 60 Hz
mA, rms
2
4
Nominal Logic Voltage
Vdc
5
5
Logic Voltage Range
Vdc
4.5-28
4.5-28
Max. Logic Supply Current @ Nominal Vcc
mA
7/CH
7/CH
Module ID Resistance to Logic Ground
2.15K
2.15K
Minimum Drop Out Voltage
Vdc
1
1
Available from your local Grayhill Distributor.
For prices and discounts, contact a local Sales
Office, an authorized local Distributor or Grayhill.
Type/Function
G5 Fusible, Normally Open, ZVT
G5 Fusible, Normally Open, ZVT, Inductive Load
G5 Fusible, Normally Open, Random Turn-on
Specifications
Units
I/O
7


Similar Part No. - 70G-OAC5

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
70G-OAC5 GRAYHILL-70G-OAC5 Datasheet
85Kb / 2P
   Transient Protection: Meets the requirements of IEEE 472, Surge Withstanding Capability Test
70G-OAC5-L GRAYHILL-70G-OAC5-L Datasheet
85Kb / 2P
   Transient Protection: Meets the requirements of IEEE 472, Surge Withstanding Capability Test
70G-OAC5A GRAYHILL-70G-OAC5A Datasheet
85Kb / 2P
   Transient Protection: Meets the requirements of IEEE 472, Surge Withstanding Capability Test
70G-OAC5A-L GRAYHILL-70G-OAC5A-L Datasheet
85Kb / 2P
   Transient Protection: Meets the requirements of IEEE 472, Surge Withstanding Capability Test
70G-OAC5AMA GRAYHILL-70G-OAC5AMA Datasheet
109Kb / 2P
   Manual Override Output Modules
More results

Similar Description - 70G-OAC5

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
6411 CRYDOM-6411 Datasheet
53Kb / 2P
   AC Output Buffered Modules
logo
Opto Electronics Co,. L...
G4OAC5A E-OEC-G4OAC5A Datasheet
206Kb / 5P
   G4 Digital AC Output Modules
logo
CINCON ELECTRONICS Corp...
CFM60T CINCON-CFM60T Datasheet
377Kb / 2P
   60W TRIPLE OUTPUT AC-DC MODULES
CFM21 CINCON-CFM21 Datasheet
307Kb / 2P
   20 WATT SINGLE OUTPUT AC-DC MODULES
CFM21M CINCON-CFM21M Datasheet
575Kb / 3P
   20 WATT SINGLE OUTPUT AC-DC MODULES
logo
Toshiba Semiconductor
TLP266J TOSHIBA-TLP266J Datasheet
408Kb / 13P
   Triac Drivers Programmable Logic Controllers (PLCs) AC-Output Modules
logo
IXYS Corporation
MLO75-12IO1 IXYS-MLO75-12IO1 Datasheet
78Kb / 3P
   AC Controller Modules
L166 IXYS-L166 Datasheet
58Kb / 3P
   AC Controller Modules
MMO62-12IO6 IXYS-MMO62-12IO6 Datasheet
58Kb / 3P
   AC Controller Modules
MMO230 IXYS-MMO230 Datasheet
65Kb / 2P
   AC Controller Modules
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com