Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

73L-II222 Datasheet(PDF) 1 Page - Grayhill, Inc

Part # 73L-II222
Description  Analog Current Input Modules
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GRAYHILL [Grayhill, Inc]
Direct Link  http://www.grayhill.com
Logo GRAYHILL - Grayhill, Inc

73L-II222 Datasheet(HTML) 1 Page - Grayhill, Inc

  73L-II222 Datasheet HTML 1Page - Grayhill, Inc 73L-II222 Datasheet HTML 2Page - Grayhill, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Grayhill, Inc. • 561 Hillgrove Avenue • LaGrange, Illinois
60525-5997 • USA • Phone: 708-354-1040 • Fax: 708-354-2820 • www.grayhill.com
FEATURES
• Wide Variety of Input Ranges
• Standard Package and Pin-out
• Single 5V Power Supply
• 12-Bit Resolution
• Optical Isolation from Input to
Output
• Intermix With Digital Modules on
the Same Rack
• Meets the Requirements of IEEE
472
• UL, CSA, CE Certified (OpenLine only)
CIRCUITRY: Voltage Output
Analog Current Input Modules
73L-II
73G-II
G5: 0-5A
OpenLine®
G5: 4-20mA
3
4
5
RECTIFY,
FILTER,
AMPLIFY
1
2
10K
+5 V
GROUND
5A SECONDARY
TRANSFORMER
OPTICAL
ISOLATION
VOLTAGE
CONTROLLED
OSCILLATOR
OUTPUT
DRIVER
CIRCUIT
CURRENT
SOURCE
SQUARE-
WAVE
OUTPUT
+5V
3
4
5
GROUND
AMP
V/F
DC/DC
CONVERTER
VS
VS-
VS
FILTER &
BUFFER
SQUARE-
WAVE
OUTPUT
RX
+
1
2
10K
˜
CURRENT
SOURCE
OPTICAL
ISOLATION
ISOLATED
DC/DC
CONVERTER
5.23K
10K
CHANNEL A
CHANNEL B
Vs
Vs
µP
CH. A
A/D
CH. B
SIGNAL
CONDITIONING
AND
FILTER
SIGNAL
CONDITIONING
AND
FILTER
I/O MODULE
PIN #
TERMINAL
BLOCK #
+
+
4-20mA
TRANSMITTER
TWISTED
PAIR
TWISTED
PAIR
1
2
3
4
4
3
2
1
5
6
7
8
9
133
133
4-20mA
TRANSMITTER
LOOP
SUPPLY
LOOP
SUPPLY
+
+
MODULE ID
RXD
TXD
Vcc
GND
I/O
30


Similar Part No. - 73L-II222

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
73L-II020 GRAYHILL-73L-II020 Datasheet
116Kb / 2P
   Contact Closure DC Input Modules
73L-II1 GRAYHILL-73L-II1 Datasheet
116Kb / 2P
   Contact Closure DC Input Modules
73L-II10 GRAYHILL-73L-II10 Datasheet
116Kb / 2P
   Contact Closure DC Input Modules
73L-II100M GRAYHILL-73L-II100M Datasheet
116Kb / 2P
   Contact Closure DC Input Modules
73L-II10B GRAYHILL-73L-II10B Datasheet
116Kb / 2P
   Contact Closure DC Input Modules
More results

Similar Description - 73L-II222

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DI-8B32 ETC1-DI-8B32 Datasheet
333Kb / 2P
   Analog Current Input Modules
logo
Opto Electronics Co,. L...
SNAP-AIV E-OEC-SNAP-AIV Datasheet
1Mb / 46P
   SNAP Analog Input Modules
logo
Grayhill, Inc
73G-IV1 GRAYHILL-73G-IV1 Datasheet
121Kb / 3P
   Analog Voltage Input Modules
logo
National Instruments Co...
NI9201 NI-NI9201 Datasheet
1Mb / 6P
   C Series Analog Input Modules
logo
Grayhill, Inc
73G-OV5 GRAYHILL-73G-OV5 Datasheet
114Kb / 2P
   Analog Voltage and Current Output Modules
logo
National Instruments Co...
NISCXI-1120 NI-NISCXI-1120 Datasheet
91Kb / 7P
   SCXI 8-Channel Isolated Analog Input Modules
logo
Advantech Co., Ltd.
ADAM-4018 ADVANTECH-ADAM-4018 Datasheet
83Kb / 1P
   8-ch Analog Input Modules with Modbus
logo
List of Unclassifed Man...
ND-6013 ETC2-ND-6013 Datasheet
299Kb / 1P
   Analog Modules
logo
National Instruments Co...
FP-AI-100 NI-FP-AI-100 Datasheet
619Kb / 4P
   Analog Input Modules for Compact FieldPoint and FieldPoint
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-9710 AVAGO-HEDS-9710 Datasheet
271Kb / 8P
   Small Optical Encoder Modules 360 Ipi Analog Current Output
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com