Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCF4035 Datasheet(PDF) 5 Page - STMicroelectronics

Part # HCF4035
Description  4-STAGE PARALLEL IN/PARALLEL OUT SHIFT REGISTER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4035 Datasheet(HTML) 5 Page - STMicroelectronics

  HCF4035 Datasheet HTML 1Page - STMicroelectronics HCF4035 Datasheet HTML 2Page - STMicroelectronics HCF4035 Datasheet HTML 3Page - STMicroelectronics HCF4035 Datasheet HTML 4Page - STMicroelectronics HCF4035 Datasheet HTML 5Page - STMicroelectronics HCF4035 Datasheet HTML 6Page - STMicroelectronics HCF4035 Datasheet HTML 7Page - STMicroelectronics HCF4035 Datasheet HTML 8Page - STMicroelectronics HCF4035 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
DYNAMIC ELECTRICAL CHARACTERISTICS (T amb =25°C, CL = 50pF, RL = 200kΩ,
typical temperature coefficient for all VDD = 0.3%/°C, all input rise and fall time = 20ns)
Test Conditions
Val ue
Symbol
Parameter
V DD (V) Min.
Typ.
Max.
Unit
CLOCKED OPERATI ON
t PL H,tPHL
Propagation Delay Time
5
250
500
ns
10
100
200
15
75
150
t THL,tTL H
Transition Time
5
100
200
ns
10
50
100
15
40
80
f CL
Maximum Clock Input Frequency
5
2
4
MHz
10
6
12
15
8
16
t W
Clock Pulse Width
5
100
200
ns
10
45
90
15
30
60
t r,tf
Clock Input Rise or Fall Time
5
15
µs
10
15
15
15
t setu p
Data Setup Time J/K Lines
5
110
220
ns
10
40
80
15
30
60
t setu p
Data Setup Time Parallel-In-Lines
5
70
140
ns
10
25
50
15
20
40
RESET OPERATION
t PL H,tPHL
Propagation Delay Time
5
230
460
ns
10
100
200
15
80
160
t W
Reset Pulse Width
5
125
250
ns
10
55
110
15
40
40
HCC/HCF4035B
5/14


Similar Part No. - HCF4035

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCF4035B STMICROELECTRONICS-HCF4035B Datasheet
1Mb / 11P
   4 STAGE PARALLEL IN/PARALLEL OUT SHIFT REGISTER
HCF4035BEY STMICROELECTRONICS-HCF4035BEY Datasheet
1Mb / 11P
   4 STAGE PARALLEL IN/PARALLEL OUT SHIFT REGISTER
HCF4035BM1 STMICROELECTRONICS-HCF4035BM1 Datasheet
1Mb / 11P
   4 STAGE PARALLEL IN/PARALLEL OUT SHIFT REGISTER
HCF4035B STMICROELECTRONICS-HCF4035B_01 Datasheet
1Mb / 11P
   4 STAGE PARALLEL IN/PARALLEL OUT SHIFT REGISTER
HCF4035M013TR STMICROELECTRONICS-HCF4035M013TR Datasheet
1Mb / 11P
   4 STAGE PARALLEL IN/PARALLEL OUT SHIFT REGISTER
More results

Similar Description - HCF4035

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
MMC4035 MICRO-ELECTRONICS-MMC4035 Datasheet
173Kb / 6P
   4-STAGE PARALLEL IN/PARALLEL OUT SHIFT REGISTER
logo
STMicroelectronics
HCF4035B STMICROELECTRONICS-HCF4035B_01 Datasheet
1Mb / 11P
   4 STAGE PARALLEL IN/PARALLEL OUT SHIFT REGISTER
logo
Texas Instruments
CD4035B TI-CD4035B Datasheet
269Kb / 6P
[Old version datasheet]   CMOS 4-STAGE PARALLEL IN/PARALLEL OUT SHIFT REGISTER
logo
Intersil Corporation
CD4035BMS INTERSIL-CD4035BMS Datasheet
118Kb / 10P
   CMOS 4 -Stage Parallel In/Parallel Out Shift Register
logo
National Semiconductor ...
CD4035BM NSC-CD4035BM Datasheet
139Kb / 6P
   4-Bit Parallel-In/Parallel-Out Shift Register
logo
Motorola, Inc
MC14035B MOTOROLA-MC14035B Datasheet
224Kb / 6P
   4-Bit Parallel-In/Parallel-Out Shift Register
logo
Fairchild Semiconductor
74F164A FAIRCHILD-74F164A_00 Datasheet
75Kb / 7P
   Serial-In, Parallel-Out Shift Register
logo
STMicroelectronics
T74LS164 STMICROELECTRONICS-T74LS164 Datasheet
107Kb / 5P
   SERIAL-IN PARALLEL-OUT SHIFT REGISTER
September 1988
logo
National Semiconductor ...
54F164ADM NSC-54F164ADM Datasheet
156Kb / 8P
   Serial-In, Parallel-Out Shift Register
logo
Hitachi Semiconductor
HD74AC164 HITACHI-HD74AC164 Datasheet
59Kb / 10P
   Serial-In, Parallel-Out Shift Register
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com