Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RX9PNP-393K-35 Datasheet(PDF) 7 Page - Sumida Corporation

Part # RX9PNP-393K-35
Description  POWER INDUCTORS < Pin Type: RX Series>
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

RX9PNP-393K-35 Datasheet(HTML) 7 Page - Sumida Corporation

  RX9PNP-393K-35 Datasheet HTML 1Page - Sumida Corporation RX9PNP-393K-35 Datasheet HTML 2Page - Sumida Corporation RX9PNP-393K-35 Datasheet HTML 3Page - Sumida Corporation RX9PNP-393K-35 Datasheet HTML 4Page - Sumida Corporation RX9PNP-393K-35 Datasheet HTML 5Page - Sumida Corporation RX9PNP-393K-35 Datasheet HTML 6Page - Sumida Corporation RX9PNP-393K-35 Datasheet HTML 7Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
POWER INDUCTORS < Pin Type: RX Series>
Type: RX-9P/35 , RX-9P/80
Please refer to the sales offices on our website for a representative near you
www.sumida.com
7/7
◆ Specification (RX-9P/80-4)
Part Name
Stamp
Inductance
[Within]
(at 1kHz)
D.C.R. (Ω)
[Max.]
(at 20℃)
Unloaded Q
<Min.>
( at 50kHz)
Rated Current
(mA)(Ref.)
1
RX9PNP-1Ø2K-8ØTL
102K
1.0mH ± 10%
3.5
40
110.0
RX9PNP-122K-8ØTL
122K
1.2mH ± 10%
4.0
40
97.0
RX9PNP-152K-8ØTL
152K
1.5mH ± 10%
5.0
50
85.0
RX9PNP-182K-8ØTL
182K
1.8mH ± 10%
7.5
50
72.0
RX9PNP-222K-8ØTL
222K
2.2mH ± 10%
8.5
50
60.0
RX9PNP-272K-8ØTL
272K
2.7mH ± 10%
11.0
50
52.0
RX9PNP-332K-8ØTL
332K
3.3mH ± 10%
13.0
50
44.0
RX9PNP-392K-8ØTL
392K
3.9mH ± 10%
15.0
50
37.0
RX9PNP-472K-8ØTL
472K
4.7mH ± 10%
22.0
50
34.0
RX9PNP-562K-8ØTL
562K
5.6mH ± 10%
25.0
50
30.0
RX9PNP-682K-8ØTL
682K
6.8mH ± 10%
30.0
50
25.0
RX9PNP-822K-8ØTL
822K
8.2mH ± 10%
39.0
50
21.0
RX9PNP-1Ø3K-8ØTL
103K
10.0 mH ± 10%
42.0
50
18.0
RX9PNP-123K-8ØTL
123K
12.0 mH ± 10%
50.0
50
15.0
RX9PNP-153K-8ØTL
153K
15.0 mH ± 10%
65.0
50
13.0
RX9PNP-183K-8ØTL
183K
18.0 mH ± 10%
75.0
50
11.0
RX9PNP-223K-8ØTL
223K
22.0 mH ± 10%
105.0
45
10.0
RX9PNP-273K-8ØTL
273K
27.0 mH ± 10%
120.0
45
8.2
RX9PNP-333K-8ØTL
333K
33.0 mH ± 10%
135.0
45
7.5
RX9PNP-393K-8ØTL
393K
39.0 mH ± 10%
190.0
45
6.4
RX9PNP-473K-8ØTL
473K
47.0 mH ± 10%
250.0
45
5.2
※ Description of part Name
RX9PNP-102J-80TL
1. Rated current: The DC current at which the inductance decreases 90% of it’s initial value(Ta=20℃).
Tube Less


Similar Part No. - RX9PNP-393K-35

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RX95HF STMICROELECTRONICS-RX95HF Datasheet
634Kb / 44P
   Near field communication transceiver for tag emulation
More results

Similar Description - RX9PNP-393K-35

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
RC-855 SUMIDA-RC-855 Datasheet
44Kb / 5P
   POWER INDUCTORS < Pin Type: RC Series>
RCR-110D SUMIDA-RCR-110D Datasheet
155Kb / 2P
   POWER INDUCTORS < Pin Type: RCR Series>
RP1315 SUMIDA-RP1315 Datasheet
166Kb / 2P
   POWER INDUCTORS
RC-885 SUMIDA-RC-885 Datasheet
121Kb / 2P
   POWER INDUCTORS < PIN Type: RC Series>
RCR1010 SUMIDA-RCR1010 Datasheet
151Kb / 2P
   POWER INDUCTORS < Pin Type: RCR Series>
RCR-108D SUMIDA-RCR-108D Datasheet
162Kb / 2P
   POWER INDUCTORS < Pin Type: RCR Series>
RCR-664D SUMIDA-RCR-664D Datasheet
152Kb / 2P
   POWER INDUCTORS < Pin Type: RCR Series>
EP169 SUMIDA-EP169_06 Datasheet
148Kb / 2P
   POWER INDUCTORS < Pin Type: EP Series >
RCP1317 SUMIDA-RCP1317_06 Datasheet
201Kb / 2P
   POWER INDUCTORS < Pin Type: RCP Series >
RCR1616 SUMIDA-RCR1616 Datasheet
157Kb / 2P
   POWER INDUCTORS < Pin Type: RCR Series>
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com