Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RX9PNP-682K-35 Datasheet(PDF) 1 Page - Sumida Corporation

Part # RX9PNP-682K-35
Description  POWER INDUCTORS < Pin Type: RX Series>
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

RX9PNP-682K-35 Datasheet(HTML) 1 Page - Sumida Corporation

  RX9PNP-682K-35 Datasheet HTML 1Page - Sumida Corporation RX9PNP-682K-35 Datasheet HTML 2Page - Sumida Corporation RX9PNP-682K-35 Datasheet HTML 3Page - Sumida Corporation RX9PNP-682K-35 Datasheet HTML 4Page - Sumida Corporation RX9PNP-682K-35 Datasheet HTML 5Page - Sumida Corporation RX9PNP-682K-35 Datasheet HTML 6Page - Sumida Corporation RX9PNP-682K-35 Datasheet HTML 7Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
POWER INDUCTORS < Pin Type: RX Series>
Type: RX-9P/35 , RX-9P/80
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/7
◆ Product Description
9.7mm Max. φ, 13.5mm Max. Height.
Inductance range: 1.0~47mH
Rated Current Range : 5.2~110mA
In addition to the standard versions of inductors shown here, custom inductors are
available to meet your exact requirements
◆ Feature
Magnetically shielded construction.
Ideally Used in Printers, LCD TV, DVD, Printer, Copy Machine, Mainboard of the compounding
machines, etc as Power Supplies’s Inductors or DC-DC Converter inductors.
RoHS Compliance
◆ Dimensions (mm)
RX-9P/35
RX-9P/80
Dimension:
+0.1
RX9PNP-XXXX-8Ø
Φ0.7
-0.05
RX9PNP-XXXX-8ØTL
Φ0.7±0.1
13.5 MAX.
8.0−0.5
+1.0
φ9.2±0.5
13.0±0.5
8.0−0.5
+1.0
φ9.2±0.5


Similar Part No. - RX9PNP-682K-35

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RX95HF STMICROELECTRONICS-RX95HF Datasheet
634Kb / 44P
   Near field communication transceiver for tag emulation
More results

Similar Description - RX9PNP-682K-35

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
RC-855 SUMIDA-RC-855 Datasheet
44Kb / 5P
   POWER INDUCTORS < Pin Type: RC Series>
RCR-110D SUMIDA-RCR-110D Datasheet
155Kb / 2P
   POWER INDUCTORS < Pin Type: RCR Series>
RP1315 SUMIDA-RP1315 Datasheet
166Kb / 2P
   POWER INDUCTORS
RC-885 SUMIDA-RC-885 Datasheet
121Kb / 2P
   POWER INDUCTORS < PIN Type: RC Series>
RCR1010 SUMIDA-RCR1010 Datasheet
151Kb / 2P
   POWER INDUCTORS < Pin Type: RCR Series>
RCR-108D SUMIDA-RCR-108D Datasheet
162Kb / 2P
   POWER INDUCTORS < Pin Type: RCR Series>
RCR-664D SUMIDA-RCR-664D Datasheet
152Kb / 2P
   POWER INDUCTORS < Pin Type: RCR Series>
EP169 SUMIDA-EP169_06 Datasheet
148Kb / 2P
   POWER INDUCTORS < Pin Type: EP Series >
RCP1317 SUMIDA-RCP1317_06 Datasheet
201Kb / 2P
   POWER INDUCTORS < Pin Type: RCP Series >
RCR1616 SUMIDA-RCR1616 Datasheet
157Kb / 2P
   POWER INDUCTORS < Pin Type: RCR Series>
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com