Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPF7032T-102M Datasheet(PDF) 1 Page - ABCO ELECTRONICS CO.LTD

Part # LPF7032T-102M
Description  SMD SHIELDED TYPE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABCO [ABCO ELECTRONICS CO.LTD]
Direct Link  http://www.abco.co.kr/
Logo ABCO - ABCO ELECTRONICS CO.LTD

LPF7032T-102M Datasheet(HTML) 1 Page - ABCO ELECTRONICS CO.LTD

  LPF7032T-102M Datasheet HTML 1Page - ABCO ELECTRONICS CO.LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
23
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before your order and/or use.
-20 ~ +85˚C (Including self-generated heat)
OPERATING TEMPERATURE RANGE
Inductance
Inductance
Test
DC Resistance
Rated Current(A)
Ordering Code
(
µH)
TOL.(%)
Freq.
(
Ω)
±20%
IDC1
IDC2
(KHz)
(Max.)
(Ref.)
7.0
± 0.2
3.2
± 0.2
0.1
1.2
4.6
102
2.0
3.8
2.2
2.0
• Inductance: Agilent 4284A LCR Meter (100KHz 0.5V)
• Rdc: HIOKI 3540 mΩ HiTESTER
• Bias Current: Agilent 4284A + Agilent 42841A
• IDC1(The saturation current): △L ≤ 10% at rated current
• IDC2(The temperature rise): △T = 20˚C at rated current
LPF7032 SERIES
SMD Shielded type
SHAPES & DIMENSIONS
RECOMMENDED PCB PATTERN
(Dimensions in mm)
TEST EQUIPMENTS
ELECTRICAL CHARACTERISTICS
LPF7032T-3R3M
LPF7032T-4R7M
LPF7032T-6R8M
LPF7032T-100M
LPF7032T-150M
LPF7032T-220M
LPF7032T-330M
LPF7032T-470M
LPF7032T-680M
LPF7032T-101M
LPF7032T-151M
LPF7032T-221M
LPF7032T-331M
LPF7032T-471M
LPF7032T-681M
LPF7032T-102M
3.3
4.7
6.8
10
15
22
33
47
68
100
150
220
330
470
680
1000
0.016
0.021
0.028
0.045
0.066
0.100
0.137
0.194
0.255
0.380
0.601
0.906
1.214
1.762
2.825
4.292
2.10
1.80
1.60
1.40
1.10
0.96
0.78
0.67
0.59
0.45
0.37
0.29
0.22
0.20
0.16
0.13
2.90
2.70
2.40
2.10
1.62
1.45
1.17
0.96
0.88
0.71
0.58
0.48
0.40
0.34
0.24
0.19
100
± 20
Inductance
Inductance
Test
DC Resistance
Rated Current(A)
Ordering Code
(
µH)
TOL.(%)
Freq.
(
Ω)
±20%
IDC1
IDC2
(KHz)
(Max.)
(Ref.)
2.0
±0.1
7.0
± 0.2
4.5
± 0.2
0.1
1.2
4.6
± 0.1
330
2.0
3.8
2.2
• Inductance: Agilent 4284A LCR Meter (100KHz 0.5V)
• Rdc: HIOKI 3540 mΩ HiTESTER
• Bias Current: Agilent 4284A + Agilent 42841A
• IDC1(The saturation current): △L ≤ 10% at rated current
• IDC2(The temperature rise): △T = 20˚C at rated current
LPF7045 SERIES
SMD Shielded type
SHAPES & DIMENSIONS
RECOMMENDED PCB PATTERN
(Dimensions in mm)
TEST EQUIPMENTS
-20 ~ +85˚C (Including self-generated heat)
OPERATING TEMPERATURE RANGE
ELECTRICAL CHARACTERISTICS
LPF7045T-1R2M
LPF7045T-2R2M
LPF7045T-3R3M
LPF7045T-3R9M
LPF7045T-4R7M
LPF7045T-6R8M
LPF7045T-100M
LPF7045T-150M
LPF7045T-220M
LPF7045T-330M
LPF7045T-470M
LPF7045T-680M
LPF7045T-101M
LPF7045T-151M
LPF7045T-221M
LPF7045T-331M
LPF7045T-681M
1.2
2.2
3.3
3.9
4.7
6.8
10
15
22
33
47
68
100
150
220
330
680
0.0105
0.0190
0.0220
0.0250
0.0280
0.0390
0.0400
0.0560
0.0700
0.1100
0.1700
0.2800
0.3500
0.4800
0.7500
1.1000
2.1000
5.00
3.00
2.50
2.40
2.30
1.90
1.80
1.50
1.30
1.10
0.90
0.75
0.60
0.50
0.40
0.35
0.23
4.20
3.40
3.20
3.00
2.80
2.04
1.81
1.50
1.30
1.11
0.93
0.76
0.61
0.54
0.43
0.37
0.23
100
± 20


Similar Part No. - LPF7032T-102M

ManufacturerPart #DatasheetDescription
logo
ABCO ELECTRONICS CO.LTD
LPF7032T-102M ABCO-LPF7032T-102M Datasheet
103Kb / 1P
   Shape & Dimensions / Recommended Solder Land Pattern
More results

Similar Description - LPF7032T-102M

ManufacturerPart #DatasheetDescription
logo
ABCO ELECTRONICS CO.LTD
LPF7028 ABCO-LPF7028 Datasheet
451Kb / 1P
   SMD SHIELDED TYPE
LPF6025 ABCO-LPF6025 Datasheet
456Kb / 1P
   SMD SHIELDED TYPE
LPF1245T-1R5M ABCO-LPF1245T-1R5M Datasheet
455Kb / 1P
   SMD SHIELDED TYPE
LPF1280T-1R0M ABCO-LPF1280T-1R0M Datasheet
450Kb / 1P
   SMD SHIELDED TYPE
LPF7045-C ABCO-LPF7045-C Datasheet
452Kb / 1P
   SMD SHIELDED TYPE
LPF4027 ABCO-LPF4027 Datasheet
453Kb / 1P
   SMD SHIELDED TYPE
LPF4017 ABCO-LPF4017 Datasheet
456Kb / 1P
   SMD SHIELDED TYPE
LPF3015 ABCO-LPF3015 Datasheet
463Kb / 1P
   SMD SHIELDED TYPE
LPF2015T-1R5M ABCO-LPF2015T-1R5M Datasheet
462Kb / 1P
   SMD SHIELDED TYPE
LPF2010T-1R5M ABCO-LPF2010T-1R5M Datasheet
453Kb / 1P
   SMD SHIELDED TYPE
LPM1250 ABCO-LPM1250 Datasheet
448Kb / 1P
   SMD SHIELDED TYPE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com