Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ET7805 Datasheet(PDF) 1 Page - Estek Electronics Co. Ltd

Part # ET7805
Description  fixed-voltage monolithic integrated-circuit voltage regulators
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESTEK [Estek Electronics Co. Ltd]
Direct Link  http://www.estek.com.cn/en/index.asp
Logo ESTEK - Estek Electronics Co. Ltd

ET7805 Datasheet(HTML) 1 Page - Estek Electronics Co. Ltd

  ET7805 Datasheet HTML 1Page - Estek Electronics Co. Ltd ET7805 Datasheet HTML 2Page - Estek Electronics Co. Ltd ET7805 Datasheet HTML 3Page - Estek Electronics Co. Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
7805B
Description
This series of fixed-voltage monolithic integrated-circuit voltage regulators
is designed for a wide range of
applications. These applications include on-card regulation for elimination of noise and distribution
problems
associated with single-point regulation.
In addition,
they can be used with power-pass elements to make
high-current voltage regulators.Each The internalof these regulators can deliver up to 1.0 A of output
current.
limiting and termal shutdown features of these regulators make them essentially immune to overload.
Features
·Output Current in Excess of 1.0A
·No External Components Required
·Internal Short Circuit Current Limiting
·Internal Thermal Overload Protection
·Output Transistor Safe-Area Compensation
·Output Voltage Offered in 4% Tolerance
Internal Block Digram
Package
BEIJING ESTEK ELECTRONICS CO.,LTD
1


Similar Part No. - ET7805

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
ET70 WILLOW-ET70 Datasheet
869Kb / 2P
   Metal Composite Tubular type Non-Inductive Resistors for Ultra High Voltage, High Energy
logo
Gamewell-FCI by Honeywe...
ET70-24110W-FR GAMEWELL-FCI-ET70-24110W-FR Datasheet
240Kb / 4P
   Wheelock
ET70-24110W-FW GAMEWELL-FCI-ET70-24110W-FW Datasheet
240Kb / 4P
   Wheelock
ET70-241575W-FR GAMEWELL-FCI-ET70-241575W-FR Datasheet
240Kb / 4P
   Wheelock
ET70-241575W-FR GAMEWELL-FCI-ET70-241575W-FR Datasheet
110Kb / 4P
   Cooper-Wheelock ET Series Low-Profile Speakers & Speaker Strobes
More results

Similar Description - ET7805

ManufacturerPart #DatasheetDescription
logo
Estek Electronics Co. L...
79XX ESTEK-79XX Datasheet
135Kb / 6P
   fixed-negative-voltage monolithic integrated-circuit voltage regulators
7805A ESTEK-7805A Datasheet
288Kb / 3P
   fixed-voltage monolithicintegrated-circuit voltage regulators
79LXX ESTEK-79LXX Datasheet
217Kb / 6P
   fixed-voltage monolithic integrated-circuit voltage regulators is designed for a wide range of applications
logo
International Rectifier
IRU1237SC IRF-IRU1237SC Datasheet
54Kb / 7P
   THREE INTEGRATED, FIXED OUTPUT LINEAR VOLTAGE REGULATORS
logo
NTE Electronics
NTE1896 NTE-NTE1896 Datasheet
24Kb / 2P
   Integrated Circuit TV Fixed Voltage Regulator
NTE15012 NTE-NTE15012 Datasheet
20Kb / 2P
   Integrated Circuit TV Fixed Voltage Regulator
NTE1740 NTE-NTE1740 Datasheet
20Kb / 2P
   Integrated Circuit TV Fixed Voltage Regulator
NTE1776 NTE-NTE1776 Datasheet
24Kb / 2P
   Integrated Circuit TV Fixed Voltage Regulator
NTE15032 NTE-NTE15032 Datasheet
22Kb / 2P
   Integrated Circuit TV Fixed Voltage Regulator
logo
Texas Instruments
UA7808 TI1-UA7808_16 Datasheet
1Mb / 29P
[Old version datasheet]   Fixed Positive Voltage Regulators
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com