Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TBU608G Datasheet(PDF) 2 Page - HY ELECTRONIC CORP.

Part # TBU608G
Description  GLASS PASSIVATED BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

TBU608G Datasheet(HTML) 2 Page - HY ELECTRONIC CORP.

  TBU608G Datasheet HTML 1Page - HY ELECTRONIC CORP. TBU608G Datasheet HTML 2Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERTIC CURVES
TBU4A/6A/8AG SERIES
~ 338 ~
10
0.1
0
20
40
60
80
100
120
140
1.0
FIG.4-TYPICAL REVERSE
CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE
VOLTAGE
TA=25
TC=100
FIG.2 TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTIC
INSTANTANEOUS FORWARD VOLTAGE,VOLTS
100
0.1
1.2
1.1
1.0
0.9
0.8
0.7
0.6
40
20
10
4.0
1.0
0.4
0.2
1.3
TJ=25
PULSE WIDTH=300S
1%DUTY CYCLE
TBU6/8G
TBU4G
FIG.5-TYPICAL JUNCTION CAPACITANCE PER ELEMENT
REVERSE VOLTAGE,VOLTS
TBU4G
TJ=25
250
200
150
100
50
0.1
1.0
10
100
REVERSE VOLTAGE ,VOLTS
TJ=25
TBU6G
TBU8G
400
100
50
10
50
100
1
5
10
FIG.3-MAXIMUM NON-RETETITIVE PEAK
FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60HZ
250
200
0
100
10
1
100
150
50
TBU4G
TBU6G
TBU8G
FIG.1-DERATING CURVE FOR
OUTPUT RECTIFIED CURRENT
CASE TEMPERATURE,
50
100
0
150
1.0
5.0
4.0
3.0
2.0
6.0
8.0
7.0
TBU8G
TBU6G
TBU4G
HEAT SINK
MOUNTING
MOUNTED ON4*4 INCH
COPPER PC BOARD.TA
.51(1.27mm)LEAD LENGTH


Similar Part No. - TBU608G

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TBU-CA BOURNS-TBU-CA Datasheet
486Kb / 6P
   High-Speed Protectors
logo
Texas Instruments
TBU-CA-065-200- TI1-TBU-CA-065-200- Datasheet
434Kb / 22P
[Old version datasheet]   Bus-Polarity Correcting RS-485 Transceiver for E-Meters
TBU-CA-065-200-WH TI1-TBU-CA-065-200-WH Datasheet
438Kb / 21P
[Old version datasheet]   Bus-Polarity Correcting RS-485 Transceiver With IEC-ESD Protection
TBU-CA-065-200-WH TI1-TBU-CA-065-200-WH Datasheet
1Mb / 32P
[Old version datasheet]   3.3-V Supply RS-485 With IEC ESD Protection
logo
Bourns Electronic Solut...
TBU-CA-Q BOURNS-TBU-CA-Q Datasheet
942Kb / 7P
   TBU® High-Speed Protectors
Mar 31, 2015
More results

Similar Description - TBU608G

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
DB101 HY-DB101_1 Datasheet
95Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
DF005 HY-DF005_1 Datasheet
93Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
RS101G HY-RS101G_1 Datasheet
93Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Comchip Technology
KBL4005G-G COMCHIP-KBL4005G-G Datasheet
83Kb / 3P
   Glass Passivated Bridge Rectifiers
SC35VB80S-G COMCHIP-SC35VB80S-G Datasheet
106Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Yea Shin Technology Co....
2W005G YEASHIN-2W005G Datasheet
356Kb / 2P
   Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
UR3KB60 TSC-UR3KB60_13 Datasheet
200Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Gaomi Xinghe Electronic...
GBU10005 GXELECTRONICS-GBU10005 Datasheet
589Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Comchip Technology
KBP2005G-G COMCHIP-KBP2005G-G Datasheet
73Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
DBL101G TSC-DBL101G_15 Datasheet
196Kb / 4P
   Glass Passivated Bridge Rectifiers
TS10K40 TSC-TS10K40_14 Datasheet
210Kb / 4P
   Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com