Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TBU1501 Datasheet(PDF) 2 Page - HY ELECTRONIC CORP.

Part # TBU1501
Description  SILICON BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

TBU1501 Datasheet(HTML) 2 Page - HY ELECTRONIC CORP.

  TBU1501 Datasheet HTML 1Page - HY ELECTRONIC CORP. TBU1501 Datasheet HTML 2Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES
TBU10/15/25/35A SERIES
`
~ 330 ~
FIG.3
– TYPICAL FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
0.1
1.0
0.01
10
100
0.4
0.8
1.0
1.2
1.4
1.6
0.6
TBU 25
TBU 15
TBU 35
TBU 10
FIG. 1
– MAXIMUM FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
TBU25-35
TBU15
TBU 10
1
240
400
300
10
100
FIG.4
– TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE
TJ = 25
°C
0.01
0.1
1.0
10
140
120
100
80
60
40
20
0
TEMPERATURE (℃)
FIG. 2
– DERATING CURVE OUTPUT RECTIFIED CURRENT
50
40
20
10
0
30
100
150
TBU35
TBU25
TBU15
TBU10


Similar Part No. - TBU1501

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TBU-CA BOURNS-TBU-CA Datasheet
486Kb / 6P
   High-Speed Protectors
logo
Texas Instruments
TBU-CA-065-200- TI1-TBU-CA-065-200- Datasheet
434Kb / 22P
[Old version datasheet]   Bus-Polarity Correcting RS-485 Transceiver for E-Meters
TBU-CA-065-200-WH TI1-TBU-CA-065-200-WH Datasheet
438Kb / 21P
[Old version datasheet]   Bus-Polarity Correcting RS-485 Transceiver With IEC-ESD Protection
TBU-CA-065-200-WH TI1-TBU-CA-065-200-WH Datasheet
1Mb / 32P
[Old version datasheet]   3.3-V Supply RS-485 With IEC ESD Protection
logo
Bourns Electronic Solut...
TBU-CA-Q BOURNS-TBU-CA-Q Datasheet
942Kb / 7P
   TBU® High-Speed Protectors
Mar 31, 2015
More results

Similar Description - TBU1501

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
KBL400 EIC-KBL400 Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR1500 EIC-BR1500 Datasheet
42Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR2500 EIC-BR2500 Datasheet
20Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR3500W EIC-BR3500W Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Comchip Technology
KBU600 COMCHIP-KBU600 Datasheet
138Kb / 3P
   Silicon Bridge Rectifiers
logo
Diotec Semiconductor
KBU6A DIOTEC-KBU6A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
KBU4A DIOTEC-KBU4A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
GBS4A DIOTEC-GBS4A_07 Datasheet
106Kb / 2P
   Silicon-Bridge-Rectifiers
GBU8A DIOTEC-GBU8A_07 Datasheet
112Kb / 2P
   Silicon-Bridge-Rectifiers
logo
Pan Jit International I...
KBP200 PANJIT-KBP200 Datasheet
79Kb / 2P
   SILICON BRIDGE RECTIFIERS
PB1000 PANJIT-PB1000 Datasheet
66Kb / 2P
   SILICON BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com