Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCF4017 Datasheet(PDF) 10 Page - STMicroelectronics

Part # HCF4017
Description  HEX ?쒭??. TYPE FLIP.FLOP
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4017 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button HCF4017 Datasheet HTML 4Page - STMicroelectronics HCF4017 Datasheet HTML 5Page - STMicroelectronics HCF4017 Datasheet HTML 6Page - STMicroelectronics HCF4017 Datasheet HTML 7Page - STMicroelectronics HCF4017 Datasheet HTML 8Page - STMicroelectronics HCF4017 Datasheet HTML 9Page - STMicroelectronics HCF4017 Datasheet HTML 10Page - STMicroelectronics HCF4017 Datasheet HTML 11Page - STMicroelectronics HCF4017 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
SO16 (Narrow) MECHANICAL DATA
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
1.75
0.068
a1
0.1
0.2
0.004
0.007
a2
1.65
0.064
b
0.35
0.46
0.013
0.018
b1
0.19
0.25
0.007
0.010
C
0.5
0.019
c1
45
° (typ.)
D
9.8
10
0.385
0.393
E
5.8
6.2
0.228
0.244
e
1.27
0.050
e3
8.89
0.350
F
3.8
4.0
0.149
0.157
G
4.6
5.3
0.181
0.208
L
0.5
1.27
0.019
0.050
M
0.62
0.024
S8
° (max.)
P013H
HCC/HCF40174B
10/12


Similar Part No. - HCF4017

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCF4017 STMICROELECTRONICS-HCF4017 Datasheet
281Kb / 12P
   COUNTERS/DIVIDERS
HCF4017B STMICROELECTRONICS-HCF4017B Datasheet
281Kb / 12P
   COUNTERS/DIVIDERS
HCF4017B STMICROELECTRONICS-HCF4017B Datasheet
377Kb / 11P
   DECADE COUNTER WITH 10 DECODED OUTPUTS
logo
List of Unclassifed Man...
HCF4017B ETC1-HCF4017B Datasheet
278Kb / 12P
   COUNTERS/DIVIDERS
HCF4017B-HCF4022B ETC1-HCF4017B-HCF4022B Datasheet
278Kb / 12P
   COUNTERS/DIVIDERS
More results

Similar Description - HCF4017

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCC4013B STMICROELECTRONICS-HCC4013B Datasheet
280Kb / 11P
   DUAL ?섵??. TYPE FLIP.FLOP
logo
ON Semiconductor
MC14174B ONSEMI-MC14174B_06 Datasheet
108Kb / 5P
   Hex Type D Flip?묯lop
June, 2006 ??Rev. 6
MC14174B ONSEMI-MC14174B_11 Datasheet
137Kb / 6P
   Hex Type D Flip-Flop
June, 2011 ??Rev. 7
MC14174B ONSEMI-MC14174B_13 Datasheet
143Kb / 6P
   Hex Type D Flip-Flop
May, 2013 ??Rev. 8
logo
Fairchild Semiconductor
MM74C174 FAIRCHILD-MM74C174 Datasheet
54Kb / 6P
   Hex D-Type Flip-Flop
logo
Toshiba Semiconductor
TC50H000P TOSHIBA-TC50H000P Datasheet
174Kb / 3P
   HEX BUFFER/CONVERTER INVERTING TYPE
logo
ON Semiconductor
MC10EL31 ONSEMI-MC10EL31_16 Datasheet
147Kb / 8P
   5 V ECL D Flip.Flop With Set and Reset
July, 2016 ??Rev. 7
logo
CAMBION Electronic Comp...
460-8451 CAMBION-460-8451 Datasheet
26Kb / 1P
   Connectaball, hex type press mount
logo
Texas Instruments
CD74AC174 TI1-CD74AC174_14 Datasheet
833Kb / 14P
[Old version datasheet]   HEX D-TYPE FLIP-FLOP
logo
Hitachi Semiconductor
HD14174B HITACHI-HD14174B Datasheet
74Kb / 7P
   Hex D-type Flip Flop
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com