Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIK2576HVT-33 Datasheet(PDF) 2 Page - Estek Electronics Co. Ltd

Part # MIK2576HVT-33
Description  Simple high-efficiency step-down (buck) regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESTEK [Estek Electronics Co. Ltd]
Direct Link  http://www.estek.com.cn/en/index.asp
Logo ESTEK - Estek Electronics Co. Ltd

MIK2576HVT-33 Datasheet(HTML) 2 Page - Estek Electronics Co. Ltd

  MIK2576HVT-33 Datasheet HTML 1Page - Estek Electronics Co. Ltd MIK2576HVT-33 Datasheet HTML 2Page - Estek Electronics Co. Ltd MIK2576HVT-33 Datasheet HTML 3Page - Estek Electronics Co. Ltd MIK2576HVT-33 Datasheet HTML 4Page - Estek Electronics Co. Ltd MIK2576HVT-33 Datasheet HTML 5Page - Estek Electronics Co. Ltd MIK2576HVT-33 Datasheet HTML 6Page - Estek Electronics Co. Ltd MIK2576HVT-33 Datasheet HTML 7Page - Estek Electronics Co. Ltd MIK2576HVT-33 Datasheet HTML 8Page - Estek Electronics Co. Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
LM2576 Series
Block Diagram
UNREGULATED
DC INPUT
+
VIN
1
4
INTERNAL
REGULATOR
ON/OFF
5
ON/OFF
CIN
FEED-
BACK
R2
FIXED GAIN
ERROR AMP
DRIVER
3 AMP
R1
1.0k
1.23V
+
-
COMPARATOR
+
-
SWITCH
2
3
OUTPUT
D1
L1
+
VOUT
COUT
L
O
A
BAND-GAP
52kHZ
THERMAL
CURRENT
D
REFERENCE OSCILLATOR
RESET
SHUTDOWN
LIMIT
GND
3.3V, R2 =1.7K
5V, R2 = 3.1K
12V, R2 = 8.84K
15V, R2 =11.3K
For ADJ, Version
R1 = Open, R2 =0
Ordering information
Temperature
Range
Output Voltage, V
Package Type
-40°C
≤ T
A
≤ 125°C
3.3
5.0
12
15
ADJ
MIK2576HVS-3.3 MIK2576HVS-5.0 MIK2576HVS-12 MIK2576HVS-15 MIK2576HVS-ADJ
MIK2576S-3.3
MIK2576S-5.0
MIK2576S-12
MIK2576S-15
MIK2576S-ADJ
MIK2576HVT-3.3 MIK2576HVT-5.0 MIK2576HVT-12 MIK2576HVT-15 MIK2576HVT-
ADJ
MIK2576T-3.3
MIK2576T-5.0
MIK2576T-12
MIK2576T-15
MIK2576T-ADJ
TO-263
TO-220
2
BEIJING ESTEK ELECTRONICS CO.,LTD


Similar Part No. - MIK2576HVT-33

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MIK2152 ETC2-MIK2152 Datasheet
384Kb / 17P
   Video Decoder
More results

Similar Description - MIK2576HVT-33

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
LM2575HV HMSEMI-LM2575HV Datasheet
2Mb / 13P
   Simple high-efficiency step-down (buck) regulator
logo
Guangdong Youtai Semico...
AP1501 UMW-AP1501 Datasheet
3Mb / 13P
   Simple high-efficiency step-down (buck) regulator
logo
Estek Electronics Co. L...
LM2596 ESTEK-LM2596 Datasheet
387Kb / 12P
   Simple high-efficiency step-down (buck) regulator
logo
National Semiconductor ...
LM2676 NSC-LM2676 Datasheet
350Kb / 25P
   SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator
LM2678 NSC-LM2678 Datasheet
459Kb / 27P
   SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator
LM2678S-12 NSC-LM2678S-12 Datasheet
356Kb / 23P
   SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator
LM2678 NSC-LM2678_05 Datasheet
836Kb / 27P
   SIMPLE SWITCHER짰 High Efficiency 5A Step-Down Voltage Regulator
logo
Texas Instruments
LM2678S-ADJ TI-LM2678S-ADJ Datasheet
1Mb / 35P
[Old version datasheet]   LM2678 SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator
LM2678SX-3.3 TI-LM2678SX-3.3 Datasheet
1Mb / 35P
[Old version datasheet]   LM2678 SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator
LM2676SX-ADJ TI-LM2676SX-ADJ Datasheet
1Mb / 35P
[Old version datasheet]   LM2676 SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com