Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P-7GLFM Datasheet(PDF) 2 Page - Sumida Corporation

Part # P-7GLFM
Description  IFT COILS < Pin Type: P-7 Series>
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

P-7GLFM Datasheet(HTML) 2 Page - Sumida Corporation

  P-7GLFM Datasheet HTML 1Page - Sumida Corporation P-7GLFM Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Type: P-7GL/AM, P-7GL/FM, P-7GL/MW, P-7GL/SW
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/2
IFT COILS < Pin Type: P-7 Series>
Specification(P-7GL/AM)
(Part No. S01085041)
Specification( P-7GL/FM)
(Part No. 2132-T003)
Item
(3-1)
Measuring Condition
Frequency
10.7MHz±2%
Variable
Unloaded Q
60
Min.
10.7MHz
Capacity(Int.)
100pF±10 %
Within
Ext. stray capacity 5pF between (3-1) at measuring.
Specification( P-7GL/MW)
(Part No. S01085055)
Specification( P-7GL/SW)
(Part No. S01080168)
Item
(1-3)
Measuring Condition
Frequency
455kHz±3% Variable
Unloaded Q
50
Min.
455kHz
Capacity(Int.)
180pF±10% Within
Ext. stray capacity 5pF between (1-3) at measuring.
Item
(1−3)
Measuring Condition
Inductance
130μH ±
4%
Variable
796KHz
Unloaded Q
60
Min.
796KHz
Item
(2−3)
Measuring Condition
Inductance
3.1 mH ±
5%
Variable
252 KHz
Unloaded Q
40
Min.
252 KHz


Similar Part No. - P-7GLFM

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
P-7GB SUMIDA-P-7GB Datasheet
43Kb / 2P
   IFT COILS
P-7GBAM SUMIDA-P-7GBAM Datasheet
43Kb / 2P
   IFT COILS
P-7GBFM SUMIDA-P-7GBFM Datasheet
43Kb / 2P
   IFT COILS
P-7GBLW SUMIDA-P-7GBLW Datasheet
43Kb / 2P
   IFT COILS
P-7GBMW SUMIDA-P-7GBMW Datasheet
43Kb / 2P
   IFT COILS
More results

Similar Description - P-7GLFM

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
P-7GJ SUMIDA-P-7GJ Datasheet
36Kb / 2P
   IFT COILS < Pin Type: P-7 Series>
P-4SBAM SUMIDA-P-4SBAM Datasheet
37Kb / 1P
   IFT COILS< Pin Type: P-4 Series>
P-5LG SUMIDA-P-5LG Datasheet
62Kb / 2P
   IFT COILS < Pin Type: P-5 Series>
P-5LG SUMIDA-P-5LG_1 Datasheet
48Kb / 2P
   IFT COILS < Pin Type P-5 Series>
P-4SB SUMIDA-P-4SB Datasheet
159Kb / 1P
   IFT COILS< Pin Type: P-4 Series>
P-7LC SUMIDA-P-7LC Datasheet
44Kb / 2P
   IFT COILS< Pin Type:P-7 Series>
MG56 SUMIDA-MG56 Datasheet
32Kb / 1P
   IFT COILS < Pin Type: MG Series>
PG78 SUMIDA-PG78_1 Datasheet
186Kb / 2P
   IFT Coils < Pin Type: PG Series>
PG78 SUMIDA-PG78 Datasheet
67Kb / 2P
   IFT Coils < Pin Type: PG Series>
PG57 SUMIDA-PG57 Datasheet
62Kb / 2P
   IFT COILS < Pin Type: PG Series>
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com