Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KA3843 Datasheet(PDF) 6 Page - Estek Electronics Co. Ltd

Part # KA3843
Description  fixed frequency current mode PWM controller
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESTEK [Estek Electronics Co. Ltd]
Direct Link  http://www.estek.com.cn/en/index.asp
Logo ESTEK - Estek Electronics Co. Ltd

KA3843 Datasheet(HTML) 6 Page - Estek Electronics Co. Ltd

  KA3843 Datasheet HTML 1Page - Estek Electronics Co. Ltd KA3843 Datasheet HTML 2Page - Estek Electronics Co. Ltd KA3843 Datasheet HTML 3Page - Estek Electronics Co. Ltd KA3843 Datasheet HTML 4Page - Estek Electronics Co. Ltd KA3843 Datasheet HTML 5Page - Estek Electronics Co. Ltd KA3843 Datasheet HTML 6Page - Estek Electronics Co. Ltd KA3843 Datasheet HTML 7Page - Estek Electronics Co. Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
RT
(K
)
Typical Performance Characteristics
%
50
C
5nF
50
30
C
1nF
C
5nF
C
2nF
20
20
C
500pF
C
10nF
10
10
C
200pF
5
C
10nF
5
3
C
100pF
V
=
15 V
2
VCC = 15
2
CC
O
1
T
O
25
C
1
T
=
25
10
20
30
50
100
200
300
500
f
KHz)
10
20
30
50
100
200
300
500
f
KHz)
Dm ax
(%)
Figure 1. Timing Resistor vs. Oscillator Frequency.
(d B)
Figure 2. Output Dead-Time vs. Oscillator Frequenc
.y
90
80
VCC = 15 V
VO = 2V to 4V
80
60
R
=
L
100K
O
25
C
70
40
60
V
=
CC
15 V
3.3nF
20
50
T
=
25
0
40
1
2
3
5
R (
T
-20
10
100
1K
10K
100K
1M
f (Hz)
Vth
(V)
1.0
Figure 3. Maximum Output Duty Cycle vs.
Timing Resistor (MIK3842/4
.3)
VCC = 15V
ISC
(mA)
100
Figure 4.
Error Amp Open-Loop Gain vs.
Fr
.
equency
VCC = 15 V
0.8
90
0.6
T
O
125 C
T
O
25 C
80
0.4
70
0.2
60
0
2
4
V
(O
50
0
25 50
75
100
T
O
)
Figure 5.
Current Sense Input Threshold vs.
Error Amp Output Voltage.
Figure 6.
Reference Short Circuit Current vs.
Temperature.
6
BEIJING ESTEK ELECTRONICS CO.,LTD


Similar Part No. - KA3843

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
KA3843A WINGS-KA3843A Datasheet
662Kb / 9P
   Current���� Mode��PWM��Cont roller
logo
Fairchild Semiconductor
KA3843AC FAIRCHILD-KA3843AC Datasheet
47Kb / 6P
   SMPS Controller
KA3843ACD FAIRCHILD-KA3843ACD Datasheet
47Kb / 6P
   SMPS Controller
logo
Wing Shing Computer Com...
KA3843AM WINGS-KA3843AM Datasheet
662Kb / 9P
   Current���� Mode��PWM��Cont roller
logo
Fairchild Semiconductor
KA3843B FAIRCHILD-KA3843B Datasheet
91Kb / 12P
   SMPS Controller
More results

Similar Description - KA3843

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IL3842 IKSEMICON-IL3842 Datasheet
124Kb / 5P
   Fixed Frequency Current Mode PWM Controller
logo
Integral Corp.
IL3842 INTEGRAL-IL3842 Datasheet
204Kb / 5P
   Fixed Frequency Current Mode PWM Controller
logo
IK Semicon Co., Ltd
IL3843 IKSEMICON-IL3843_11 Datasheet
141Kb / 5P
   Fixed Frequency Current Mode PWM Controller
IL3842 IKSEMICON-IL3842_16 Datasheet
397Kb / 5P
   Fixed Frequency Current Mode PWM Controller
IL3843 IKSEMICON-IL3843_16 Datasheet
386Kb / 5P
   Fixed Frequency Current Mode PWM Controller
IL3842 IKSEMICON-IL3842_11 Datasheet
155Kb / 5P
   Fixed Frequency Current Mode PWM Controller
IL3843 IKSEMICON-IL3843 Datasheet
124Kb / 5P
   Fixed Frequency Current Mode PWM Controller
logo
ON Semiconductor
NCP1236 ONSEMI-NCP1236_16 Datasheet
243Kb / 34P
   Fixed Frequency Current Mode Controller
January, 2016 ??Rev. 5
NCP1240 ONSEMI-NCP1240 Datasheet
1Mb / 45P
   Fixed Frequency Current Mode Controller
July, 2015 ??Rev. 1
NCP1246 ONSEMI-NCP1246_15 Datasheet
1Mb / 39P
   Fixed Frequency Current Mode Controller
March, 2015 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com