Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KA3843 Datasheet(PDF) 2 Page - Estek Electronics Co. Ltd

Part # KA3843
Description  fixed frequency current mode PWM controller
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESTEK [Estek Electronics Co. Ltd]
Direct Link  http://www.estek.com.cn/en/index.asp
Logo ESTEK - Estek Electronics Co. Ltd

KA3843 Datasheet(HTML) 2 Page - Estek Electronics Co. Ltd

  KA3843 Datasheet HTML 1Page - Estek Electronics Co. Ltd KA3843 Datasheet HTML 2Page - Estek Electronics Co. Ltd KA3843 Datasheet HTML 3Page - Estek Electronics Co. Ltd KA3843 Datasheet HTML 4Page - Estek Electronics Co. Ltd KA3843 Datasheet HTML 5Page - Estek Electronics Co. Ltd KA3843 Datasheet HTML 6Page - Estek Electronics Co. Ltd KA3843 Datasheet HTML 7Page - Estek Electronics Co. Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Electrical characteristics
(*VCC=15V, RT=10kΩ, CT=3.3nF, TA=0
0C to +700C, unless otherwise specified)
Characteristics
Symbol
Test Conditions
Min
Typ
Max
Units
Reference Section
Reference Output Voltage
VREF
TJ = 25°C, IREF = 1 mA
4.9
5.0
5.1
V
Line Regulation
∆V
REF
12V ≤ VCC ≤ 25 V
6.0
20
Load Regulation
∆V
REF
1 mA ≤ IREF ≤ 20mA
6.0
25
mV
Short Circuit Output Current
ISC
TA = 25°C
-100
-180
mA
Oscillator Section
Oscillation Frequency
f
TJ = 25°C
MIK384XA
47
50
57
MIK384XAM
47
52
57
KHz
Frequency Change with Voltage
∆f/∆V
CC
12V ≤ VCC ≤ 25 V
0.05
1.0
%
Oscillator Amplitude
V(OSC)
(peak to peak)
1.6
V
Error Amplifier Section
Input Bias Current
IBIAS
VFB=3V
-0.1
-2
µA
Input Voltage
VI(E.A)
Vpin1 = 2.5V
2.42
2.5
2.58
V
Open Loop Voltage Gain
AVOL
2V ≤ V0 ≤ 4V
65
90
Power Supply Rejection Ratio
PSRR
12V ≤ VCC ≤ 25 V
60
70
dB
Output Sink Current
ISINK
Vpin2 = 2.7V, Vpin1 = 1.1V
2
7
mA
Output Source Current
ISOURCE
Vpin2 = 2.3V, Vpin1 = 5V
-0.5
-1.0
mA
High Output Voltage
VOH
Vpin2 = 2.3V, RL = 15KΩ to GND
5.0
6.0
Low Output Voltage
VOL
Vpin2 = 2.7V, RL = 15KΩ to PIN 8
0.8
1.1
Current Sense Section
V
Gain
GV
(Note 1 & 2)
2.85
3.0
3.15
V/V
Maximum Input Signal
VI(MAX)
V pin1 = 5V (Note1)
0.9
1.0
1.1
V
Supply Voltage Rejection
SVR
12V ≤ VCC ≤ 25 V (Note 1)
70
dB
Input Bias Current
IBIAS
Vpin3 = 3V
-3.0
-10
µA
Output Section
Low Output Voltage
VOL
High Output Voltage
VOH
ISINK = 20 mA
0.08
0.4
ISINK = 200 mA
1.4
2.2
ISINK = 20 mA
13
13.5
ISINK = 200 mA
12
13.0
V
Rise Time
tR
TJ = 25°C, CL = 1nF (Note 3)
45
150
Fall Time
tF
TJ = 25°C, CL = 1nF (Note 3)
35
150
Undervoltage Lockout Section
nS
Start Theshold
VTH(ST)
MIK3842A(AM)/44A(AM)
14.5
16.0
17.5
MIK3843A(AM)/45A(AM)
7.8
8.4
9.0
V
Min. Operating Voltage
(After Turn On)
PWM Section
VOPR(min)
MIK3842A(AM)/44A(AM)
8.5
10
11.5
MIK3843A(AM)/45A(AM)
7.0
7.6
8.2
V
Max. Duty Cycle
D(MAX)
MIK3842A(AM)/43A(AM)
95
97
100
MIK3844A(AM)/45A(AM)
47
48
50
%
Min. Duty Cycle
D(MAX)
0
Total Standby Current
Start
−Up Current
IST
MIK384XA(AM)
0.17
0.3
Operating Supply Current
ICC (OPR)
Vpin3 = Vpin2 = 0V
13
17
mA
Zener Voltage
VZ
ICC=25 mA
30
38
V
* - Adjust VCC above the start threshold before setting it to 15V.
Note 1: Parameter measured at trip point of latch with Vpin2=0.
Note 2: Gain defined as A=
∆V
pin1/∆Vpin3 ; 0 ≤ Vpin3 ≤ 0.8V.
Note 3: These parameters, although guaranteed, are not 100% tested in production.
2
BEIJING ESTEK ELECTRONICS CO.,LTD


Similar Part No. - KA3843

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
KA3843A WINGS-KA3843A Datasheet
662Kb / 9P
   Current���� Mode��PWM��Cont roller
logo
Fairchild Semiconductor
KA3843AC FAIRCHILD-KA3843AC Datasheet
47Kb / 6P
   SMPS Controller
KA3843ACD FAIRCHILD-KA3843ACD Datasheet
47Kb / 6P
   SMPS Controller
logo
Wing Shing Computer Com...
KA3843AM WINGS-KA3843AM Datasheet
662Kb / 9P
   Current���� Mode��PWM��Cont roller
logo
Fairchild Semiconductor
KA3843B FAIRCHILD-KA3843B Datasheet
91Kb / 12P
   SMPS Controller
More results

Similar Description - KA3843

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IL3842 IKSEMICON-IL3842 Datasheet
124Kb / 5P
   Fixed Frequency Current Mode PWM Controller
logo
Integral Corp.
IL3842 INTEGRAL-IL3842 Datasheet
204Kb / 5P
   Fixed Frequency Current Mode PWM Controller
logo
IK Semicon Co., Ltd
IL3843 IKSEMICON-IL3843_11 Datasheet
141Kb / 5P
   Fixed Frequency Current Mode PWM Controller
IL3842 IKSEMICON-IL3842_16 Datasheet
397Kb / 5P
   Fixed Frequency Current Mode PWM Controller
IL3843 IKSEMICON-IL3843_16 Datasheet
386Kb / 5P
   Fixed Frequency Current Mode PWM Controller
IL3842 IKSEMICON-IL3842_11 Datasheet
155Kb / 5P
   Fixed Frequency Current Mode PWM Controller
IL3843 IKSEMICON-IL3843 Datasheet
124Kb / 5P
   Fixed Frequency Current Mode PWM Controller
logo
ON Semiconductor
NCP1236 ONSEMI-NCP1236_16 Datasheet
243Kb / 34P
   Fixed Frequency Current Mode Controller
January, 2016 ??Rev. 5
NCP1240 ONSEMI-NCP1240 Datasheet
1Mb / 45P
   Fixed Frequency Current Mode Controller
July, 2015 ??Rev. 1
NCP1246 ONSEMI-NCP1246_15 Datasheet
1Mb / 39P
   Fixed Frequency Current Mode Controller
March, 2015 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com