Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IW4020B Datasheet(PDF) 2 Page - Estek Electronics Co. Ltd

Part # IW4020B
Description  ripple-carry binary counter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESTEK [Estek Electronics Co. Ltd]
Direct Link  http://www.estek.com.cn/en/index.asp
Logo ESTEK - Estek Electronics Co. Ltd

IW4020B Datasheet(HTML) 2 Page - Estek Electronics Co. Ltd

  IW4020B Datasheet HTML 1Page - Estek Electronics Co. Ltd IW4020B Datasheet HTML 2Page - Estek Electronics Co. Ltd IW4020B Datasheet HTML 3Page - Estek Electronics Co. Ltd IW4020B Datasheet HTML 4Page - Estek Electronics Co. Ltd IW4020B Datasheet HTML 5Page - Estek Electronics Co. Ltd IW4020B Datasheet HTML 6Page - Estek Electronics Co. Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
IW4020B
Absolute Maximum Ratings
Symbol
Parameter
Value
Unit
VCC
DC Supply Voltage(Referencedto GND)
-0.5 to +20
V
VIN
DC I nput Voltage(Referencedto GND)
-0.5 to VCC + 0. 5
V
VOUT
DC Output Voltage (Referencedto GND )
-0.5 to VCC + 0. 5
V
IIN
DC I nput Curr ent, per Pin
+- 10
mA
PD
Power Dissipa tion in Still A ir, Plastic
DI P+
750
500
mW
PD
SO IC Package+
Power Dissipation per Output Transistor
100
mW
Tstg
Storage Temperature
-65 to +150
! C
TL
Lead Temperature, 1 mm from Case f or 10 Seconds
(Plastic DIP or SOIC Package)
260
! C
Maximum Ratings are those values beyond which damage to the device may occur.
Functional operation should be restricted to the Recommended Operating Conditions.
Derating - Plastic DIP: - 10 mW/
°C from 65°to 125 °C
SOIC Package
°C from 65°to 125 °C
Recommended Operating Conditions
Symbol
Parameter
in
Max
UnitM
VCC
DC Supply Voltage(Referenced to GND)
3.0
18
V
VIN, VOUT
DC Input Vo ltage, Output Voltage(Referenced to GND)
0
VCC
V
T
Operating Temperature, All PackageTypes
-55
+125
°C
This device contains protection circuitry to guard against damage due to high static voltages or
electric fields. However, precautions must be taken to avoid applications of any voltage higher than maximum
rated voltages to this high-impedance circuit. For proper operation, V IN and V OUT should be constrained to the
range GND (VIN or VOUT)ᆪ VCC.
Unused inputs must always be tied to an appropriate logic voltage level (e.g., either GND or VCC
Unused outputs must be left open.
BEIJING ESTEK ELECTRONICS CO.,LTD
2


Similar Part No. - IW4020B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IW4020B ETC1-IW4020B Datasheet
309Kb / 6P
   14 Stage Ripple-Carry Binary Counter/Divider
logo
IK Semicon Co., Ltd
IW4020B IKSEMICON-IW4020B Datasheet
245Kb / 6P
   14 Stage Ripple-Carry Binary Counter/Divider High-Voltage Silicon-Gate CMOS
logo
List of Unclassifed Man...
IW4020BD ETC1-IW4020BD Datasheet
309Kb / 6P
   14 Stage Ripple-Carry Binary Counter/Divider
logo
IK Semicon Co., Ltd
IW4020BD IKSEMICON-IW4020BD Datasheet
245Kb / 6P
   14 Stage Ripple-Carry Binary Counter/Divider High-Voltage Silicon-Gate CMOS
logo
List of Unclassifed Man...
IW4020BN ETC1-IW4020BN Datasheet
309Kb / 6P
   14 Stage Ripple-Carry Binary Counter/Divider
More results

Similar Description - IW4020B

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
MMC4024 MICRO-ELECTRONICS-MMC4024 Datasheet
111Kb / 4P
   RIPPLE CARRY BINARY COUNTER / DIVIDERS
logo
STMicroelectronics
HCC4020B STMICROELECTRONICS-HCC4020B Datasheet
267Kb / 11P
   RIPPLE-CARRY BINARY COUNTER/DIVIDERS
logo
Toshiba Semiconductor
TC74VHC4040F TOSHIBA-TC74VHC4040F_07 Datasheet
269Kb / 11P
   12-Stage Ripple Carry Binary Counter
TC74VHC4040F TOSHIBA-TC74VHC4040F Datasheet
248Kb / 7P
   12-STAGE RIPPLE-CARRY BINARY COUNTER
logo
National Semiconductor ...
CD4024BC NSC-CD4024BC Datasheet
114Kb / 6P
   7-Stage Ripple Carry Binary Counter
logo
Texas Instruments
CD4020B TI-CD4020B Datasheet
225Kb / 13P
[Old version datasheet]   CMOS RIPPLE-CARRY BINARY COUNTER DIVIDERS
logo
Toshiba Semiconductor
TC74VHC4040F TOSHIBA-TC74VHC4040F_12 Datasheet
228Kb / 10P
   12-Stage Ripple Carry Binary Counter
TC7MH4040FK TOSHIBA-TC7MH4040FK_07 Datasheet
192Kb / 7P
   12-Stage Ripple-Carry Binary Counter
TC74VHC4020F TOSHIBA-TC74VHC4020F Datasheet
234Kb / 10P
   14-Stage Ripple Carry Binary Counter
logo
National Semiconductor ...
CD4024BM NSC-CD4024BM Datasheet
114Kb / 6P
   7-Stage Ripple Carry Binary Counter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com