Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RD35T-101K-H Datasheet(PDF) 8 Page - ABCO ELECTRONICS CO.LTD

Part # RD35T-101K-H
Description  RADIAL LEADED INDUCTORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABCO [ABCO ELECTRONICS CO.LTD]
Direct Link  http://www.abco.co.kr/
Logo ABCO - ABCO ELECTRONICS CO.LTD

RD35T-101K-H Datasheet(HTML) 8 Page - ABCO ELECTRONICS CO.LTD

  RD35T-101K-H Datasheet HTML 1Page - ABCO ELECTRONICS CO.LTD RD35T-101K-H Datasheet HTML 2Page - ABCO ELECTRONICS CO.LTD RD35T-101K-H Datasheet HTML 3Page - ABCO ELECTRONICS CO.LTD RD35T-101K-H Datasheet HTML 4Page - ABCO ELECTRONICS CO.LTD RD35T-101K-H Datasheet HTML 5Page - ABCO ELECTRONICS CO.LTD RD35T-101K-H Datasheet HTML 6Page - ABCO ELECTRONICS CO.LTD RD35T-101K-H Datasheet HTML 7Page - ABCO ELECTRONICS CO.LTD RD35T-101K-H Datasheet HTML 8Page - ABCO ELECTRONICS CO.LTD  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
64
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before your order and/or use.
DC Bias Characteristics (Measured by HP4284A + HP42841A)
Temperature Characteristics(Measured by HP4284A + HP42841A)
Q-Characteristics(Measured by HP 4285A + HP 42851A)
RD35/RD35H
RD40
RD45
820
µH
8200
µH
2200
µH
220
µH
22
µH
2.2
µH
1000
100
10
10
100
0.1
1000
10000
Frequency[MHz]
1000
100
10
100
0.1
1000
10000
Frequency[MHz]
1000
100
10
100
0.1
1000
10000
Frequency[MHz]
100
µH
1000
µH
10
µH
1.0
µH
10000
100
10
1
1000
0.1
100
10
1
0.1
1000
RD35/RD35H
RD40
RD45
DC Bias[mA]
10000
100
10
1
1000
0.1
100
10
1
0.1
1000
DC Bias[mA]
100000
1000
100
10000
10
100
10
1
0.1
1000
DC Bias[mA]
1000
µH
100
µH
10
µH
1.0
µH
2200
µH
220
µH
22
µH
2.2
µH
8200
µH
820
µH
RD35/RD35H
RD40
RD45
100
µH
10
µH
5
4
3
2
1
0
-1
-2
-3
-4
-5
-40 -20
0
20
40
60
80
100 120
Temperature[
ûC]
820
µH
8200
µH
2200
µH
220
µH
22
µH
2.2
µH
5
4
3
2
1
0
-1
-2
-3
-4
-5
-40 -20
0
20
40
60
80
100 120
Temperature[
ûC]
5
4
3
2
1
0
-1
-2
-3
-4
-5
-40 -20
0
20
40
60
80
100 120
Temperature[
ûC]
ELECTRICAL CHARACTERISTICS


Similar Part No. - RD35T-101K-H

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
RD35 ASTRODYNE-RD35 Datasheet
296Kb / 4P
   35W Dual Output Switching Power Supply
RD35-A ASTRODYNE-RD35-A Datasheet
296Kb / 4P
   35W Dual Output Switching Power Supply
RD35-B ASTRODYNE-RD35-B Datasheet
296Kb / 4P
   35W Dual Output Switching Power Supply
logo
Mitsubishi Electric Sem...
RD35HUF2 MITSUBISHI-RD35HUF2 Datasheet
1Mb / 20P
   Silicon MOSFET Power Transistor, 175MHz, 530MHz, 35W
More results

Similar Description - RD35T-101K-H

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
LHL13TB332J TAIYO-YUDEN-LHL13TB332J Datasheet
522Kb / 20P
   RADIAL LEADED INDUCTORS
LHL08TB272J TAIYO-YUDEN-LHL08TB272J Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL08TB331K TAIYO-YUDEN-LHL08TB331K Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL08TB390K TAIYO-YUDEN-LHL08TB390K Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHLP12NB330M TAIYO-YUDEN-LHLP12NB330M Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL08TB470K TAIYO-YUDEN-LHL08TB470K Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL08TB820K TAIYO-YUDEN-LHL08TB820K Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL08TB822J TAIYO-YUDEN-LHL08TB822J Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL10TB120K TAIYO-YUDEN-LHL10TB120K Datasheet
137Kb / 1P
   Radial Leaded Inductors
logo
List of Unclassifed Man...
LHL06TB222J ETC2-LHL06TB222J Datasheet
544Kb / 26P
   RADIAL LEADED INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
LHLP16NB102K TAIYO-YUDEN-LHLP16NB102K Datasheet
137Kb / 1P
   Radial Leaded Inductors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com