Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCF4016B Datasheet(PDF) 3 Page - STMicroelectronics

Part # HCF4016B
Description  QUAD BILATERAL SWITCH
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4016B Datasheet(HTML) 3 Page - STMicroelectronics

  HCF4016B Datasheet HTML 1Page - STMicroelectronics HCF4016B Datasheet HTML 2Page - STMicroelectronics HCF4016B Datasheet HTML 3Page - STMicroelectronics HCF4016B Datasheet HTML 4Page - STMicroelectronics HCF4016B Datasheet HTML 5Page - STMicroelectronics HCF4016B Datasheet HTML 6Page - STMicroelectronics HCF4016B Datasheet HTML 7Page - STMicroelectronics HCF4016B Datasheet HTML 8Page - STMicroelectronics HCF4016B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
SCHEMATIC DIAGRAM
1 OF 4 IDENTICAL SECTION
STATIC ELECTRICAL CHARACTERISTICS (over recommended operating conditions)
Test Conditions
Value
V C =V SS
V DD
T Low*
25
°CT
Hig h*
Symbol
Parameter
V DD (V)
(V)
Mi n. Max. Min. Typ. Max. Min. Max.
Unit
I L
Quiescent
Device
Current (all
switches
on or all
switches
off)
HCC
Types
5
0.25
0.01
0.25
7.5
µA
10
0.5
0.01
0.5
15
15
1
0.01
1
30
20
5
0.02
5
150
HCF
Types
5
1
0.01
1
7.5
10
2
0.01
2
15
15
4
0.01
4
30
SWI TCH
V IS
RON
Resistance
HCC
R L =10k
Ω• + 7.5 – 7.5
+ 7.5
– 7.5
± 0.25
360
360
775
200
200
280
400
400
850
600
600
1230
HCF
+ 7.5
– 7.5
± 0.25
370
370
790
200
200
280
400
400
850
520
520
1080
HCC
R L =10k
Ω• +5 – 5
+5
–5
± 0.25
600
600
1870
250
250
580
660
660
2000
960
960
2600
HCF
+5
–5
± 0.25
610
610
1900
250
250
580
660
660
2000
840
840
2380
*TLow=– 55
°Cfor HCC device : – 40°Cfor HCF device.
*THigh=+125
°C for HCC device : + 85°C for HCF device.
HCC/HCF4016B
3/15


Similar Part No. - HCF4016B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCF4016B STMICROELECTRONICS-HCF4016B Datasheet
639Kb / 9P
   QUAD BILATERAL SWITCH
HCF4016BE STMICROELECTRONICS-HCF4016BE Datasheet
639Kb / 9P
   QUAD BILATERAL SWITCH
HCF4016BEY STMICROELECTRONICS-HCF4016BEY Datasheet
639Kb / 9P
   QUAD BILATERAL SWITCH
HCF4016BM1 STMICROELECTRONICS-HCF4016BM1 Datasheet
639Kb / 9P
   QUAD BILATERAL SWITCH
HCF4016B STMICROELECTRONICS-HCF4016B_01 Datasheet
639Kb / 9P
   QUAD BILATERAL SWITCH
More results

Similar Description - HCF4016B

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC4066AP TOSHIBA-TC74HC4066AP Datasheet
278Kb / 6P
   QUAD BILATERAL SWITCH
logo
System Logic Semiconduc...
SL4066B SLS-SL4066B Datasheet
43Kb / 6P
   Quad Bilateral Switch
logo
Sanyo Semicon Device
LC4966 SANYO-LC4966 Datasheet
90Kb / 6P
   Quad Bilateral Switch
logo
STMicroelectronics
M54HC4016 STMICROELECTRONICS-M54HC4016 Datasheet
257Kb / 11P
   QUAD BILATERAL SWITCH
74LVQ4066 STMICROELECTRONICS-74LVQ4066_04 Datasheet
244Kb / 12P
   QUAD BILATERAL SWITCH
logo
Unisonic Technologies
UCD4066 UTC-UCD4066_15 Datasheet
273Kb / 8P
   QUAD BILATERAL SWITCH
UCD4066 UTC-UCD4066_15 Datasheet
273Kb / 8P
   QUAD BILATERAL SWITCH
U74HCT4066 UTC-U74HCT4066 Datasheet
201Kb / 6P
   QUAD BILATERAL SWITCH
logo
Micro Electronics
MMC4016 MICRO-ELECTRONICS-MMC4016 Datasheet
122Kb / 4P
   QUAD BILATERAL SWITCH
logo
IK Semicon Co., Ltd
IW4016B IKSEMICON-IW4016B Datasheet
388Kb / 10P
   Quad Bilateral Switch
logo
Toshiba Semiconductor
TC4066BP TOSHIBA-TC4066BP Datasheet
315Kb / 7P
   QUAD BILATERAL SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com