Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCF4016B Datasheet(PDF) 9 Page - STMicroelectronics

Part # HCF4016B
Description  QUAD BILATERAL SWITCH
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4016B Datasheet(HTML) 9 Page - STMicroelectronics

Back Button HCF4016B Datasheet HTML 5Page - STMicroelectronics HCF4016B Datasheet HTML 6Page - STMicroelectronics HCF4016B Datasheet HTML 7Page - STMicroelectronics HCF4016B Datasheet HTML 8Page - STMicroelectronics HCF4016B Datasheet HTML 9Page - STMicroelectronics HCF4016B Datasheet HTML 10Page - STMicroelectronics HCF4016B Datasheet HTML 11Page - STMicroelectronics HCF4016B Datasheet HTML 12Page - STMicroelectronics HCF4016B Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
TYPICAL ”ON” RESISTANCE CHARACTERISTICS, Tamb =25°C
Load Conditions
Supply
Conditions
R L =1 kΩ
R L =1 0 kΩ
R L = 100 kΩ
Characteristic*
V DD
(V)
V SS
(V)
Value
(
Ω)
V is
(V)
Val ue
(
Ω)
V is
(V)
Val ue
(
Ω)
V is
(V)
R ON
+15
0
200
+ 15
200
+ 15
180
+ 15
200
0
2000200
0
R ON (max)
+ 15
0
300
+ 11
300
+ 9.3
320
+ 9.2
R ON
+10
0
290
+ 10
250
+ 10
240
+ 10
290
0
2500300
0
R ON (max)
+ 10
0
500
+ 7.4
560
+ 5.6
610
+5.5
R ON
+5
0
860
+ 5470
+ 5
450+ 5
600
0
5800800
0
R ON (max)
+ 5
0
1.7k
+ 4.2
7k
+ 2.9
33k
+2.7
R ON
+ 2.5
– 2.5
590
+ 2.5
450
+ 2.5
490
+ 2.5
720
– 2.5
520
– 2.5
520
– 2.5
R ON (max)
+ 2.5
– 2.5
232k
± 0.25
300k
± 0.25
870k
± 0.25
* Variation from a perfect switch, RON=0
Ω.
Square-Wave Response.
TEST CIRCUITS
”OFF” Switch Input or Put Leakage Current.
HCC/HCF4016B
9/15


Similar Part No. - HCF4016B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCF4016B STMICROELECTRONICS-HCF4016B Datasheet
639Kb / 9P
   QUAD BILATERAL SWITCH
HCF4016BE STMICROELECTRONICS-HCF4016BE Datasheet
639Kb / 9P
   QUAD BILATERAL SWITCH
HCF4016BEY STMICROELECTRONICS-HCF4016BEY Datasheet
639Kb / 9P
   QUAD BILATERAL SWITCH
HCF4016BM1 STMICROELECTRONICS-HCF4016BM1 Datasheet
639Kb / 9P
   QUAD BILATERAL SWITCH
HCF4016B STMICROELECTRONICS-HCF4016B_01 Datasheet
639Kb / 9P
   QUAD BILATERAL SWITCH
More results

Similar Description - HCF4016B

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC4066AP TOSHIBA-TC74HC4066AP Datasheet
278Kb / 6P
   QUAD BILATERAL SWITCH
logo
System Logic Semiconduc...
SL4066B SLS-SL4066B Datasheet
43Kb / 6P
   Quad Bilateral Switch
logo
Sanyo Semicon Device
LC4966 SANYO-LC4966 Datasheet
90Kb / 6P
   Quad Bilateral Switch
logo
STMicroelectronics
M54HC4016 STMICROELECTRONICS-M54HC4016 Datasheet
257Kb / 11P
   QUAD BILATERAL SWITCH
74LVQ4066 STMICROELECTRONICS-74LVQ4066_04 Datasheet
244Kb / 12P
   QUAD BILATERAL SWITCH
logo
Unisonic Technologies
UCD4066 UTC-UCD4066_15 Datasheet
273Kb / 8P
   QUAD BILATERAL SWITCH
UCD4066 UTC-UCD4066_15 Datasheet
273Kb / 8P
   QUAD BILATERAL SWITCH
U74HCT4066 UTC-U74HCT4066 Datasheet
201Kb / 6P
   QUAD BILATERAL SWITCH
logo
Micro Electronics
MMC4016 MICRO-ELECTRONICS-MMC4016 Datasheet
122Kb / 4P
   QUAD BILATERAL SWITCH
logo
IK Semicon Co., Ltd
IW4016B IKSEMICON-IW4016B Datasheet
388Kb / 10P
   Quad Bilateral Switch
logo
Toshiba Semiconductor
TC4066BP TOSHIBA-TC4066BP Datasheet
315Kb / 7P
   QUAD BILATERAL SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com