Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RD35T-150J-H Datasheet(PDF) 3 Page - ABCO ELECTRONICS CO.LTD

Part # RD35T-150J-H
Description  RADIAL LEADED INDUCTORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABCO [ABCO ELECTRONICS CO.LTD]
Direct Link  http://www.abco.co.kr/
Logo ABCO - ABCO ELECTRONICS CO.LTD

RD35T-150J-H Datasheet(HTML) 3 Page - ABCO ELECTRONICS CO.LTD

  RD35T-150J-H Datasheet HTML 1Page - ABCO ELECTRONICS CO.LTD RD35T-150J-H Datasheet HTML 2Page - ABCO ELECTRONICS CO.LTD RD35T-150J-H Datasheet HTML 3Page - ABCO ELECTRONICS CO.LTD RD35T-150J-H Datasheet HTML 4Page - ABCO ELECTRONICS CO.LTD RD35T-150J-H Datasheet HTML 5Page - ABCO ELECTRONICS CO.LTD RD35T-150J-H Datasheet HTML 6Page - ABCO ELECTRONICS CO.LTD RD35T-150J-H Datasheet HTML 7Page - ABCO ELECTRONICS CO.LTD RD35T-150J-H Datasheet HTML 8Page - ABCO ELECTRONICS CO.LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
59
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before your order and/or use.
Inner Box
Out Box
Type
Size(mm)
Quantity
Size(mm)
Quantity
Wtight
Item
(W
×
×H×
×L)
(W
×
×H×
×L)
Type
0.22
1
µH
10
µH
100
µH
1,000
µH
10,000
µH
20,000
µH
PACKAGING
Out Box
Inner Box
AVAILABLE INDUCTANCE RANGE
L
H
W
L
H
W
RD35
RD40
RD45
RD35H
12Kg
10Kg
18Kg
12Kg
36,000
18,000
27,000
36,000
2,000
1,000
1,500
2.000
Imax.(mA)
1,000
790
460
150
55
Inductance(µH)
1,000µH
Rdc(m
Ω)
0.09
0.17
0.45
3.3
28
Imax.(mA)
816
707
353
174
48
Inductance(µH)
2,200µH
Rdc(m
Ω)
0.15
0.2
0.8
3.3
42
Imax.(mA)
780
260
85
21
Inductance(µH)
15,000µH
Rdc(m
Ω)
0.19
0.85
8.9
160
Imax.(mA)
1,000
790
460
150
56
Inductance(µH)
1,000µH
Rdc(m
Ω)
0.09
0.17
0.45
3.3
31.5
RD35
RD40
RD45
RD35H
RD Series
187
×40×325
340
×255×580


Similar Part No. - RD35T-150J-H

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
RD35 ASTRODYNE-RD35 Datasheet
296Kb / 4P
   35W Dual Output Switching Power Supply
RD35-A ASTRODYNE-RD35-A Datasheet
296Kb / 4P
   35W Dual Output Switching Power Supply
RD35-B ASTRODYNE-RD35-B Datasheet
296Kb / 4P
   35W Dual Output Switching Power Supply
logo
Mitsubishi Electric Sem...
RD35HUF2 MITSUBISHI-RD35HUF2 Datasheet
1Mb / 20P
   Silicon MOSFET Power Transistor, 175MHz, 530MHz, 35W
More results

Similar Description - RD35T-150J-H

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
LHL13TB332J TAIYO-YUDEN-LHL13TB332J Datasheet
522Kb / 20P
   RADIAL LEADED INDUCTORS
LHL08TB272J TAIYO-YUDEN-LHL08TB272J Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL08TB331K TAIYO-YUDEN-LHL08TB331K Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL08TB390K TAIYO-YUDEN-LHL08TB390K Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHLP12NB330M TAIYO-YUDEN-LHLP12NB330M Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL08TB470K TAIYO-YUDEN-LHL08TB470K Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL08TB820K TAIYO-YUDEN-LHL08TB820K Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL08TB822J TAIYO-YUDEN-LHL08TB822J Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL10TB120K TAIYO-YUDEN-LHL10TB120K Datasheet
137Kb / 1P
   Radial Leaded Inductors
logo
List of Unclassifed Man...
LHL06TB222J ETC2-LHL06TB222J Datasheet
544Kb / 26P
   RADIAL LEADED INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
LHLP16NB102K TAIYO-YUDEN-LHLP16NB102K Datasheet
137Kb / 1P
   Radial Leaded Inductors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com