Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HER307G Datasheet(PDF) 2 Page - HY ELECTRONIC CORP.

Part # HER307G
Description  GLASS HIGH EFFICIENCY RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

HER307G Datasheet(HTML) 2 Page - HY ELECTRONIC CORP.

  HER307G Datasheet HTML 1Page - HY ELECTRONIC CORP. HER307G Datasheet HTML 2Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERTIC CURVES
HER301G thru HER308G
~ 110 ~
FIG. 1
– FORWARD CURRENT DERATING CURVE
AMBIENT TEMPERATURE (℃)
1.0
0
25
2.0
3.0
50
75
100
125
150
175
0.5
1.5
2.5
SINGLE PHASE HALF WAVE 60Hz
RESISTIVE OR INDUCTIVE LOAD
FIG. 2
– MAXIMUM NON-REPETITIVE SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
SINGLE HALF-SINE-WAVE
(JEDEC METHOD)
200
150
100
50
0
100
50
20
10
1
2
5
FIG.3
– TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE (VOLTS)
1000
100
1
10
100
10
1
1.0
Tj = 25
°C f = 1 MHz
HER301G -HER305G
HER306G - HER308G
FIG.4-TYPICAL FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
TJ = 25
°C
PULSE WIDTH 300us
HER306G - HER308G
HER301G - HER304G
HER
305G
1.0
10
0.1
100
0
0.2
0.4
0.6
0.8
1.2
1.6
1.4
1.0
1.8


Similar Part No. - HER307G

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
HER307G JGD-HER307G Datasheet
171Kb / 2P
   3.0 AMPS. GLASS PASSIVATED HIGH EFFICIENCY RECTIFIERS
logo
SAMYANG ELECTRONICS CO....
HER307G SAMYANG-HER307G Datasheet
466Kb / 2P
   GLASS PASSIVATED RECTIFIER
logo
Weitron Technology
HER307G WEITRON-HER307G Datasheet
218Kb / 2P
   High Efficiency Rectifier Glass Passivation Junction
logo
Jinan Jing Heng Electro...
HER307G JINGHENG-HER307G Datasheet
63Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
GOOD-ARK Electronics
HER307G GOOD-ARK-HER307G Datasheet
64Kb / 2P
   HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER
More results

Similar Description - HER307G

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
HER801FT HY-HER801FT Datasheet
39Kb / 2P
   GLASS HIGH EFFICIENCY RECTIFIERS
HER1601CT HY-HER1601CT Datasheet
39Kb / 2P
   GLASS HIGH EFFICIENCY RECTIFIERS
logo
Shenzhen Taychipst Elec...
HER201G TAYCHIPST-HER201G Datasheet
2Mb / 2P
   GLASS HIGH EFFICIENCY RECTIFIERS
logo
HY ELECTRONIC CORP.
HER101G HY-HER101G Datasheet
35Kb / 2P
   GLASS HIGH EFFICIENCY RECTIFIERS
HER201G HY-HER201G Datasheet
39Kb / 2P
   GLASS HIGH EFFICIENCY RECTIFIERS
HER801T HY-HER801T Datasheet
39Kb / 2P
   GLASS HIGH EFFICIENCY RECTIFIERS
HER3001 HY-HER3001 Datasheet
39Kb / 2P
   GLASS HIGH EFFICIENCY RECTIFIERS
HER1601F HY-HER1601F Datasheet
39Kb / 2P
   GLASS HIGH EFFICIENCY RECTIFIERS
logo
Comchip Technology
CUR801-G COMCHIP-CUR801-G Datasheet
65Kb / 3P
   High Efficiency Glass Passivated Rectifiers
logo
SeCoS Halbleitertechnol...
HER201G SECOS-HER201G Datasheet
151Kb / 2P
   Glass Passivated High Efficiency Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com