Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HER201G Datasheet(PDF) 1 Page - HY ELECTRONIC CORP.

Part # HER201G
Description  GLASS HIGH EFFICIENCY RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

HER201G Datasheet(HTML) 1 Page - HY ELECTRONIC CORP.

  HER201G Datasheet HTML 1Page - HY ELECTRONIC CORP. HER201G Datasheet HTML 2Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Low cost
Diffused junction
Ultra fast switching for high efficiency
Low reverse leakage current
Low forward voltage drop
High current capability
The plastic material carries UL recognition 94V-0
MECHANICAL DATA
Case: JEDEC DO-15 molded plastic
Polarity: Color band denotes cathode
Weight: 0.015 ounces , 0.4 grams
Mounting position: Any
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave ,60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
HER
HER
HER
HER
HER
HER
HER
HER
201G
202G
203G
204G
205G
206G
207G
208G
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
300
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
210
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
300
400
600
800
1000
V
Maximum Average Forward
Rectified Current
@TA =50 ℃
Peak Forward Surage Current
8.3ms Single Half Sine-Wave
Super Imposed on Rated Load(JEDEC Method)
Peak Forward Voltage at 2.0A DC(Note1)
VF
1.3
V
Maximum DC Reverse Current
@TJ=25℃
at Rated DC Blocking Voltage
@TJ=100℃
Maximum Reverse Recovery Time(Note 1)
TRR
nS
Typical Junction Capacitance (Note1)
CJ
pF
Typical Thermal Resistance (Note2)
RθJA
℃/W
Operating Temperature Range
TJ
Storage Temperature Range
TSTG
uA
IR
I(AV)
A
60
A
IFSM
1.7
2.0
100
CHARACTERISTICS
SYMBOL
~ 103 ~
2.Measured at 1.0 MHz and applied reverse voltage of 4.0V DC
3.Thermal resistance junction to ambient
NOTES: 1.Measured with IF=0.5A,IR=1A ,IRR=0.25A
5.0
25
-50 to +150
UNIT
GLASS HIGH EFFICIENCY RECTIFIERS
REVERSE VOLTAGE - 50 to 1000 Volts
FORWARD CURRENT - 2.0 Amperes
HER201G thru HER208G
1.0
-50 to +150
50
75
50
30
DO-15
.140(3.6)
.104(2.6)
DI
.034(0.9)
.028(0.7)
DI
.300(7.6)
.230(5.8)
1.0(25.4
MIN
1.0(25.4
MIN


Similar Part No. - HER201G

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
HER201G JGD-HER201G Datasheet
172Kb / 2P
   2.0 AMPS. GLASS PASSIVATED HIGH EFFICIENCY RECTIFIERS
logo
DIYI Electronic Technol...
HER201G DYELEC-HER201G Datasheet
915Kb / 2P
   High surge current capability
logo
Chongqing Pingwei Enter...
HER201G CHONGQING-HER201G Datasheet
39Kb / 1P
   HIGH EFFICIENCY PLASTIC RECTIFIER
logo
Goodwork Semiconductor ...
HER201G GWSEMI-HER201G Datasheet
70Kb / 2P
   2.0 AMP GLASS PASSIVATED HIGH EFFICIENCY RECTIFIERS
logo
GOOD-ARK Electronics
HER201G GOOD-ARK-HER201G Datasheet
118Kb / 2P
   HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER
More results

Similar Description - HER201G

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
HER801FT HY-HER801FT Datasheet
39Kb / 2P
   GLASS HIGH EFFICIENCY RECTIFIERS
HER1601CT HY-HER1601CT Datasheet
39Kb / 2P
   GLASS HIGH EFFICIENCY RECTIFIERS
logo
Shenzhen Taychipst Elec...
HER201G TAYCHIPST-HER201G Datasheet
2Mb / 2P
   GLASS HIGH EFFICIENCY RECTIFIERS
logo
HY ELECTRONIC CORP.
HER101G HY-HER101G Datasheet
35Kb / 2P
   GLASS HIGH EFFICIENCY RECTIFIERS
HER801T HY-HER801T Datasheet
39Kb / 2P
   GLASS HIGH EFFICIENCY RECTIFIERS
HER301G HY-HER301G Datasheet
40Kb / 2P
   GLASS HIGH EFFICIENCY RECTIFIERS
HER3001 HY-HER3001 Datasheet
39Kb / 2P
   GLASS HIGH EFFICIENCY RECTIFIERS
HER1601F HY-HER1601F Datasheet
39Kb / 2P
   GLASS HIGH EFFICIENCY RECTIFIERS
logo
Comchip Technology
CUR801-G COMCHIP-CUR801-G Datasheet
65Kb / 3P
   High Efficiency Glass Passivated Rectifiers
logo
SeCoS Halbleitertechnol...
HER201G SECOS-HER201G Datasheet
151Kb / 2P
   Glass Passivated High Efficiency Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com