Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GBU604C Datasheet(PDF) 1 Page - HY ELECTRONIC CORP.

Part # GBU604C
Description  SILICON BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

GBU604C Datasheet(HTML) 1 Page - HY ELECTRONIC CORP.

  GBU604C Datasheet HTML 1Page - HY ELECTRONIC CORP. GBU604C Datasheet HTML 2Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Surge overload rating -175 amperes peak
Ideal for printed circuit board
Reliable low cost construction utilizing
molded plastic technique
Plastic material has U/L
flammability classification 94V-0
Mounting postition:Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
GBU
GBU
GBU
GBU
GBU
GBU
GBU
6005C
601C
602C
604C
606C
608C
610C
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
30
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward (with heatsink Note 2)
Rectified Current
@ TC=100℃ (without heatsink)
Peak Forward Surage Current
8.3ms Single Half Sine-Wave
Super Imposed on Rated Load (JEDEC Method)
Maximum Forward Voltage at 3.0A DC
VF
V
Maximum DC Reverse Current
@ TJ=25℃
at Rated DC Blocking Voltage
@ TJ=125℃
I
2t Rating for Fusing (t<8.3ms)
I
2t
A
2s
Typical Junction Capacitance Per Element (Note1)
CJ
pF
Typical Thermal Resistance (Note2)
RθJC
℃/W
Operating Temperature Range
TJ
Storage Temperature Range
TSTG
NOTES: 1.Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
2.Device mounted on 75mm*75mm*1.6mm cu plate heatsink.
CHARACTERISTICS
Single phase, half wave ,60Hz, resistive or inductive load.
Rating at 25℃ ambient temperature unless otherwise specified.
For capacitive load, derate current by 20%
SYMBOL
A
UNIT
6.0
2.8
REVERSE VOLTAGE
- 50 to 1000Volts
FORWARD CURRENT
- 6.0 Amperes
Dimensions in inches and (milimeters)
SILICON BRIDGE RECTIFIERS
-55 to +125
IFSM
127
50
2.2
500
~ 283 ~
GBU6005C thru GBU610C
A
IR
1.0
I(AV)
-55 to +150
10.0
uA
175
GBU-C
.018(.46)
.022(.56)
.126(3.2)
.114(2.9)
.156(3.95)
.148(3.75)
.190
.210
(4.8)
(5.3)
(5.3)
(4.8)
.210
.190
.190
.210
(4.8)
(5.3)
.080(2.03)
.065(1.65)
.085(2.16)
.100(2.54)
.047(1.2)
.035(0.9)
.680(17.27)
.720(18.29)
.752(19.1)
.720(18.3)
CHAMFER
3.2*3.2
.232(5.9)
.224(5.7)
.154(3.9)
.146(3.7)
.860(21.8)
.874(22.2)
.063(1.6)
.079(2.0)


Similar Part No. - GBU604C

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
GBU604 DIODES-GBU604 Datasheet
53Kb / 2P
   6.0A GLASS PASSIVATED BRIDGE RECTIFIER
DS21226 Rev. D-2
logo
Nanjing International G...
GBU604 DGNJDZ-GBU604 Datasheet
302Kb / 2P
   SINGLE PHASE 6.0 AMP BRIDGE RECTIFIERS
logo
SeCoS Halbleitertechnol...
GBU604 SECOS-GBU604 Datasheet
963Kb / 2P
   Voltage 50V ~ 1000V 6.0Amp Glass Passivited Bridge Rectifiers
logo
RFE international
GBU604 RFE-GBU604 Datasheet
2Mb / 3P
   Bridge Rectifiers
12-23-2022
logo
Thinki Semiconductor Co...
GBU604 THINKISEMI-GBU604 Datasheet
391Kb / 2P
   6.0 AMPERE GLASS PASSIVATED FLAT BRIDGE RECTIFIERS
More results

Similar Description - GBU604C

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
KBL400 EIC-KBL400 Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR1500 EIC-BR1500 Datasheet
42Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR2500 EIC-BR2500 Datasheet
20Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR3500W EIC-BR3500W Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Comchip Technology
KBU600 COMCHIP-KBU600 Datasheet
138Kb / 3P
   Silicon Bridge Rectifiers
logo
Diotec Semiconductor
KBU6A DIOTEC-KBU6A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
KBU4A DIOTEC-KBU4A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
GBS4A DIOTEC-GBS4A_07 Datasheet
106Kb / 2P
   Silicon-Bridge-Rectifiers
GBU8A DIOTEC-GBU8A_07 Datasheet
112Kb / 2P
   Silicon-Bridge-Rectifiers
logo
Pan Jit International I...
KBP200 PANJIT-KBP200 Datasheet
79Kb / 2P
   SILICON BRIDGE RECTIFIERS
PB1000 PANJIT-PB1000 Datasheet
66Kb / 2P
   SILICON BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com