Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IW4066B Datasheet(PDF) 5 Page - Estek Electronics Co. Ltd

Part # IW4066B
Description  A quad bilateral switch intended for the transmission or multiplexing of analog or digital signals
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESTEK [Estek Electronics Co. Ltd]
Direct Link  http://www.estek.com.cn/en/index.asp
Logo ESTEK - Estek Electronics Co. Ltd

IW4066B Datasheet(HTML) 5 Page - Estek Electronics Co. Ltd

  IW4066B Datasheet HTML 1Page - Estek Electronics Co. Ltd IW4066B Datasheet HTML 2Page - Estek Electronics Co. Ltd IW4066B Datasheet HTML 3Page - Estek Electronics Co. Ltd IW4066B Datasheet HTML 4Page - Estek Electronics Co. Ltd IW4066B Datasheet HTML 5Page - Estek Electronics Co. Ltd IW4066B Datasheet HTML 6Page - Estek Electronics Co. Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
IW4066B
Switch Input
Switch Output,
IIS (mA)
VOS (V)
VCC (V)
VIS (V)
-55 °C
+25 °C
+125 °C
Min
Max
5
5
10
10
15
15
0
5
0
10
0
15
0.64
-0.64
1.6
-1.6
4.2
-4.2
0.51
-0.51
1.3
-1.3
3.4
-3.4
0.36
-0.36
0.9
-0.9
2.4
-2.4
-
4.6
-
9.5
-
13.5
0.4
-
0.5
-
1.5
-
CONTROL
SWITCH
IN
Vis
p
n
CONTROL
Vc
n
GND
n
p
OUT
Vos
GND ᆪ
VIS
V
Figure
1. Schematic diagram of 1 of 4 identical switches and its associated control circuitry.
5
BEIJING ESTEK ELECTRONICS CO.,LTD


Similar Part No. - IW4066B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IW4066B ETC-IW4066B Datasheet
197Kb / 6P
   Quad Bilateral Switch High-Voltage Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IW4066B IKSEMICON-IW4066B Datasheet
225Kb / 7P
   Quad Bilateral Switch High-Voltage Silicon-Gate CMOS
logo
List of Unclassifed Man...
IW4066BD ETC-IW4066BD Datasheet
197Kb / 6P
   Quad Bilateral Switch High-Voltage Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IW4066BD IKSEMICON-IW4066BD Datasheet
225Kb / 7P
   Quad Bilateral Switch High-Voltage Silicon-Gate CMOS
logo
List of Unclassifed Man...
IW4066BN ETC-IW4066BN Datasheet
197Kb / 6P
   Quad Bilateral Switch High-Voltage Silicon-Gate CMOS
More results

Similar Description - IW4066B

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
MMC4066 MICRO-ELECTRONICS-MMC4066 Datasheet
146Kb / 4P
   QUAD BILATERAL SWITCH FOR TRANSMISSION OR MULTIPLEXING OF ANALOG OR DIGITAL SIGNALS
logo
STMicroelectronics
HCC4066B STMICROELECTRONICS-HCC4066B Datasheet
266Kb / 11P
   OR MULTIPLEXING OF ANALOG OR DIGITAL SIGNALS QUAD BILATERAL SWITCH FOR TRANSMISSION
HCF4066B STMICROELECTRONICS-HCF4066B_04 Datasheet
684Kb / 10P
   QUAD BILATERAL SWITCH FOR TRANSMISSION OR MULTIPLEXING OF ANALOG OR DIGITAL SIGNALS
HCF4066B STMICROELECTRONICS-HCF4066B Datasheet
77Kb / 9P
   QUAD BILATERAL SWITCH FOR TRANSMISSION OR MULTIPLEXING OF ANALOG OR DIGITAL SIGNALS
logo
PHOENIX CONTACT
2702153 PHOENIX-2702153 Datasheet
131Kb / 6P
   4 analog output channels for the connection of either voltage or current signals
2688080 PHOENIX-2688080 Datasheet
122Kb / 6P
   8 analog, bipolar output channels for the connection of either voltage or current signals
2855648 PHOENIX-2855648 Datasheet
84Kb / 5P
   8 analog single-ended signal inputs for the connection of either voltage or current signals
logo
Texas Instruments
THS1009 TI1-THS1009_14 Datasheet
310Kb / 31P
[Old version datasheet]   Simultaneous Sampling of Two Single-Ended Signals or One Differential Signals or Combination of Both
logo
ON Semiconductor
NLX2G66 ONSEMI-NLX2G66 Datasheet
162Kb / 12P
   Dual Bilateral Analog Switch / Digital Multiplexer
January, 2013 ??Rev. 1
NLX2G66 ONSEMI-NLX2G66_16 Datasheet
113Kb / 11P
   Dual Bilateral Analog Switch / Digital Multiplexer
May, 2016 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com