Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DL5229B Datasheet(PDF) 2 Page - HY ELECTRONIC CORP.

Part # DL5229B
Description  GLASS SILICON ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

DL5229B Datasheet(HTML) 2 Page - HY ELECTRONIC CORP.

  DL5229B Datasheet HTML 1Page - HY ELECTRONIC CORP. DL5229B Datasheet HTML 2Page - HY ELECTRONIC CORP. DL5229B Datasheet HTML 3Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RATING AND CHARACTERISTIC CURVES
DL5227B thru DL5262B
~ 397 ~
CHANGES IN THE POWER DISSIPATION DUE
TO THE AMBIENT TEMPERATURE
Ta(
°C)
AMBIENT TEMPERATURE
300
150
50
100
200
500
400
300
200
100
BREAKDOWN CHARACTERISTICS
DL52 series
VZ(V)
5V
10V
20V
15V
25V
30V
40
0
50
30
20
10
Test Current
IZ=20mA


Similar Part No. - DL5229B

ManufacturerPart #DatasheetDescription
logo
Dc Components
DL5229B DCCOM-DL5229B Datasheet
220Kb / 2P
   TECHNICAL SPECIFICATIONS OF GLASS SILICON ZENER DIODES
logo
Shanghai Shunye Electro...
DL5229B SY-DL5229B Datasheet
316Kb / 3P
   ZENER DIODES
logo
Microdiode Electronics ...
DL5229B CHENDA-DL5229B Datasheet
147Kb / 3P
   ZENER DIODES Voltage: 2.4-56V P e a k Pulse Power: 500mW Glass passivated junction
logo
Shanghai Shunye Electro...
DL5229B SHUNYE-DL5229B Datasheet
316Kb / 3P
   ZENER DIODES
logo
Micro Commercial Compon...
DL5229B MCC-DL5229B Datasheet
593Kb / 5P
   500 mW Zener Diode 2.4 to 75 Volts
More results

Similar Description - DL5229B

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
1N5221B HY-1N5221B Datasheet
35Kb / 3P
   GLASS SILICON ZENER DIODES
logo
Pan Jit International I...
1N5334B PANJIT-1N5334B Datasheet
453Kb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
logo
Shenzhen Taychipst Elec...
1SMB2EZ6.8 TAYCHIPST-1SMB2EZ6.8 Datasheet
12Mb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
logo
Pan Jit International I...
2EZ11 PANJIT-2EZ11_04 Datasheet
305Kb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
1N5913B PANJIT-1N5913B Datasheet
457Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
1SMB2EZ6.8 PANJIT-1SMB2EZ6.8_09 Datasheet
356Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
1SMB3EZ6.8 PANJIT-1SMB3EZ6.8_09 Datasheet
347Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
3EZ6.8 PANJIT-3EZ6.8 Datasheet
693Kb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
logo
Continental Device Indi...
BZX79C2V4 CDIL-BZX79C2V4 Datasheet
172Kb / 4P
   SILICON GLASS PASSIVATED 0.5WATT ZENER DIODES
logo
Pan Jit International I...
1SMB3EZ47-AU PANJIT-1SMB3EZ47-AU Datasheet
319Kb / 6P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com