Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MS7310D Datasheet(PDF) 3 Page - Intersema Sensoric SA

Part # MS7310D
Description  LOW PRESSURE SENSOR DIE (0 to 10 kPa)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSEMA [Intersema Sensoric SA]
Direct Link  http://www.meas-spec.com/
Logo INTERSEMA - Intersema Sensoric SA

MS7310D Datasheet(HTML) 3 Page - Intersema Sensoric SA

  MS7310D Datasheet HTML 1Page - Intersema Sensoric SA MS7310D Datasheet HTML 2Page - Intersema Sensoric SA MS7310D Datasheet HTML 3Page - Intersema Sensoric SA MS7310D Datasheet HTML 4Page - Intersema Sensoric SA  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DA7310D_004.doc
March 10, 2006
3/
4
00007310559
ECN836
FULL SCALE PRESSURE
kPa
bar
mbar
PSI
atm
mm Hg
mm H2O
Inches H2O
10
0.1
100
1.45
0.0987
75.01
1019.7
40.1
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Conditions
Min
Max
Unit
Supply voltage
VS+
Ta = 25 oC
12
V
Storage temperature
TS
-40
+150
oC
Pressure overload
600
kPa
ELECTRICAL CHARACTERISTICS
(Reference conditions: Supply Voltage VS+ = 5 Vdc; Ambient Temperature Ta = 25°C )
Parameter
Min
Typ
Max
Unit
Notes
Operating Pressure Range
0
-
10
kPa
Operating Temperature Range
-40
+125
oC
Bridge Resistance
3000
3800
Zero Pressure Offset
-40
0
40
mV
Span (Full scale range)
10 kPa
5 kPa
2 kPa
85
43
17
110
55
22
130
65
26
mV
mV
mV
Linearity (Full scale range)
10 kPa
5 kPa
2 kPa
±0.35
±0.25
±0.1
±0.5
±0.4
±0.2
%FS
%FS
%FS
1
2
3
Temperature Coefficient of Resistance
Span
Offset
+ 2500
- 1600
-80
+ 2900
- 1900
-40
+ 3400
- 2200
0
ppm/°C
ppm/°C
µV/°C
4
Pressure hysteresis
-0.1
0.1
% FS
5
Repeatability
-0.1
0.1
% FS
6
Temperature hysteresis
-0.15
0.15
% FS
7
Position sensitivity
0
0.15
% FS
8
Response time
1.0
ms
9
Warm-up time
1
s
10
NOTES
1) Deviation at one half full-scale pressure from least squares best line fit over pressure range 0 to 10 kPa.
2) Deviation at 2.5 kPa from least squares best line fit over pressure range 0 to 5 kPa.
3) Deviation at 1 kPa from least squares best line fit over pressure range 0 to 2 kPa.
4) Slope of the endpoint straight line from 25°C to 60°C.
5) Output deviation at any pressure within the specified range, when this pressure is cycled to and from the minimum or
maximum rated pressure, at 25°C.
6) Same as 5) after 10 pressure cycles.
7) Maximum difference in offset after one thermal cycle from -40°C to 125°C.
8) Maximum difference in output at any pressure within the specified pressure range between the sensor being in upright
position and in upside-down position.
9) 10% to 90% signal rise time for a 0 to 10 kPa pressure step change.
10) Time to reach an offset accuracy of 0.2% after switching on a supply voltage of 5V.


Similar Part No. - MS7310D

ManufacturerPart #DatasheetDescription
logo
Intersema Sensoric SA
MS7305D INTERSEMA-MS7305D Datasheet
196Kb / 4P
   LOW PRESSURE SENSOR DIE (0 to 5 kPa)
logo
List of Unclassifed Man...
MS7320 ETC-MS7320 Datasheet
176Kb / 2P
   InVista?
logo
Micro Electronics
MS73D MICRO-ELECTRONICS-MS73D Datasheet
55Kb / 1P
   RED LED ENCAPSULATED IN A 1mm x 5mm RECTANGULAR BARS PACKAGE
MS73DA MICRO-ELECTRONICS-MS73DA Datasheet
43Kb / 1P
   ULTRA HIGH BRIGHTNESS RECTANGULAR BAR RED LED LAMP
More results

Similar Description - MS7310D

ManufacturerPart #DatasheetDescription
logo
Intersema Sensoric SA
MS7305D INTERSEMA-MS7305D Datasheet
196Kb / 4P
   LOW PRESSURE SENSOR DIE (0 to 5 kPa)
logo
NXP Semiconductors
MPXC2011DT1 NXP-MPXC2011DT1 Datasheet
107Kb / 7P
   MPXC2011DT1, 0 to 10 kPa, Differential, Compensated Pressure Sensor
Rev. 11, 09/2015
MP3V5050V NXP-MP3V5050V Datasheet
145Kb / 11P
   MP3V5050V, -50 to 0 kPa, Gauge Pressure Sensor
Rev. 3.0, 09/2015
logo
Motorola, Inc
MPX5010 MOTOROLA-MPX5010 Datasheet
191Kb / 10P
   INTEGRATED PRESSURE SENSOR 0 to 10 kPa (0 to 1.45 psi) 0.2 to 4.7 V OUTPUT
logo
NXP Semiconductors
MPX2300DT1 NXP-MPX2300DT1 Datasheet
106Kb / 7P
   MPX2300DT1, 0 to 40 kPa, Differential Compensated Pressure Sensor
Rev. 11, 09/2015
MP3V5050 NXP-MP3V5050 Datasheet
432Kb / 15P
   MP3V5050, 0 to 50 kPa, Differential, and Gauge Pressure Sensor
Rev. 1.4, 12/2018
logo
Freescale Semiconductor...
MPXC12DT1 FREESCALE-MPXC12DT1 Datasheet
75Kb / 5P
   10 kPa Uncompensated Silicon Pressure Sensor
logo
Intersema Sensoric SA
MS7801 INTERSEMA-MS7801 Datasheet
465Kb / 4P
   PRESSURE SENSOR DIE (0-1 BAR)
MS7970 INTERSEMA-MS7970 Datasheet
220Kb / 5P
   PRESSURE SENSOR DIE (0-70 BAR)
MS767 INTERSEMA-MS767_08 Datasheet
223Kb / 4P
   PRESSURE SENSOR DIE (0-7 BAR)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com