Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4KE220 Datasheet(PDF) 1 Page - HY ELECTRONIC CORP.

Part # P4KE220
Description  GLASS PASSIVATED UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

P4KE220 Datasheet(HTML) 1 Page - HY ELECTRONIC CORP.

  P4KE220 Datasheet HTML 1Page - HY ELECTRONIC CORP. P4KE220 Datasheet HTML 2Page - HY ELECTRONIC CORP. P4KE220 Datasheet HTML 3Page - HY ELECTRONIC CORP. P4KE220 Datasheet HTML 4Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FEATURES
low leakage
Uni and bidirectional unit
Excellent clamping capability
Plastic material has UL recognition 94V-0
Fast response time
MECHANICAL DATA
Case : Molded Plastic
Marking : Unidirectional -type number and cathode band
Bidirectional-type number only
Weight : 0.34 grams
Dimensions in inches and(millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave ,60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
CHARACTERISTICS
SYMBOL
UNIT
Peak Power Dissipation at TA=25℃
TP=1ms (NOTE1)
Peak Forward Surge Current
8.3ms Single Half Sine-Wave
Super Imposed on Rated Load (JEDEC Method)
Steady State Power Dissipation at TL=75℃
Lead Lengths 0.375"(9.5mm),See Fig. 4
Maximum Instantaneous Forward Voltage
at 25A for Unidirectional Devices Only (NOTE2)
Operating Temperature Range
TJ
Storage Temperature Range
TSTG
~ 195 ~
AMPS
IFSM
40
PPK
Minimum 400
WATTS
-55 to + 175
See Note 3
1.0
PM(AV)
GLASS PASSIVATED
UNIDIRECTIONAL AND BIDIRECTIONAL
TRANSIENT VOLTAGE SUPPRESSORS
REVERSE VOLTAGE
- 6.8 to 440Volts
.
POWER DISSIPATION
- 400 Watts
VALUE
3. VF=3.5V on P4KE6.8 thru P4KE200A devices and VF=5.0V on P4KE220A thru P4KE400A devices.
NOTES:1. Non-repetitive current pulse ,per Fig. 5 and derated above TA=25℃ per Fig. 1 .
2. 8.3ms single half-wave duty cycle=4 pulses per minutes maximum (uni-directional units only).
VF
-55 to + 150
VOLTS
P4KE SERIES
WATTS
DO- 41
.107(2.7)
.080(2.0)
.034(0.9)
.028(0.7)
DIA
DIA
.205(5.2)
MAX
1.0(25.4)
MIN.
1.0(25.4)
MIN.


Similar Part No. - P4KE220

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
P4KE220 TSC-P4KE220 Datasheet
89Kb / 4P
   400 Watts Transient Voltage Suppressor
logo
Pan Jit International I...
P4KE220 PANJIT-P4KE220 Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 400 Watt Peak Power 1.0 Watt Steady State)
logo
Microdiode Electronics ...
P4KE220 CHENDA-P4KE220 Datasheet
602Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
P4KE220 LUGUANG-P4KE220 Datasheet
411Kb / 4P
   400 Watts Transient Voltage Suppressor Diodes
logo
Diotec Semiconductor
P4KE220 DIOTEC-P4KE220 Datasheet
153Kb / 4P
   Unidirectional and bidirectional Transient Voltage Suppressor Diodes
More results

Similar Description - P4KE220

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
5KP HY-5KP Datasheet
46Kb / 4P
   GLASS PASSIVATED UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
P6KE HY-P6KE Datasheet
44Kb / 4P
   GLASS PASSIVATED UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
1.5KE HY-1.5KE Datasheet
46Kb / 4P
   GLASS PASSIVATED UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
logo
Lite-On Technology Corp...
SMA6.8 LITEON-SMA6.8 Datasheet
50Kb / 4P
   UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
logo
HY ELECTRONIC CORP.
P4KE10 HY-P4KE10_17 Datasheet
143Kb / 5P
   UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
P4KE HY-P4KE_V01 Datasheet
472Kb / 4P
   Unidirectional and Bidirectional Transient Voltage Suppressors
1-5KE10C HY-1-5KE10C_17 Datasheet
143Kb / 5P
   UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
P4KE10C HY-P4KE10C_17 Datasheet
143Kb / 5P
   UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
P4KEG HY-P4KEG Datasheet
472Kb / 4P
   Unidirectional and Bidirectional Transient Voltage Suppressors
1.5KE HY-1.5KE_1 Datasheet
112Kb / 4P
   UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com