Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2596 Datasheet(PDF) 9 Page - Estek Electronics Co. Ltd

Part # LM2596
Description  Simple high-efficiency step-down (buck) regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESTEK [Estek Electronics Co. Ltd]
Direct Link  http://www.estek.com.cn/en/index.asp
Logo ESTEK - Estek Electronics Co. Ltd

LM2596 Datasheet(HTML) 9 Page - Estek Electronics Co. Ltd

Back Button LM2596 Datasheet HTML 4Page - Estek Electronics Co. Ltd LM2596 Datasheet HTML 5Page - Estek Electronics Co. Ltd LM2596 Datasheet HTML 6Page - Estek Electronics Co. Ltd LM2596 Datasheet HTML 7Page - Estek Electronics Co. Ltd LM2596 Datasheet HTML 8Page - Estek Electronics Co. Ltd LM2596 Datasheet HTML 9Page - Estek Electronics Co. Ltd LM2596 Datasheet HTML 10Page - Estek Electronics Co. Ltd LM2596 Datasheet HTML 11Page - Estek Electronics Co. Ltd LM2596 Datasheet HTML 12Page - Estek Electronics Co. Ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
PROCEDURE (Fixed Output Voltage Version)
EXAMPLE (Fixed Output Voltage Version)
4. Input Capacitor (CIN)
4. Input Capacitor (CIN)
A low ESR aluminum or tantalum bypass capacitor is needed between the
input pin and ground pin to prevent large volt-age transients from
appearing at the input. This capacitor should be located close to the IC
using short leads. In addition, the RMS current rating of the input capacitor
should be selected to be at least 1/2 the DC load current. The capacitor
manufacturers data sheet must be checked to assure that this current rating
is not exceeded. The curve shown in Figure 9 shows typical RMS current
ratings for several different aluminum electrolytic capacitor values.
For an aluminum electrolytic, the capacitor voltage rating should be
approximately 1.5 times the maximum input voltage.
The tantalum capacitor voltage rating should be 2 times the maximum
input voltage and it is recommended that they be surge current tested by
the manufacturer.
Use caution when using ceramic capacitors for input bypassing, because it
may cause severe ringing at the VIN pin.
The important parameters for the Input capacitor are the input voltage rating and the
RMS current rating. With a nominal
input voltage of 12V, an aluminum electrolytic capacitor with a voltage rating
greater than 18V (1.5 x VIN ) would be needed. The next higher capacitor voltage
rating is 25V.
The RMS current rating requirement for the input capacitor in
a buck regulator is approximately 1 /2 the DC load current. In this example, with a
3A load, a capacitor with a RMS current rating of at least 1.5A is needed. The
curves shown in Figure 9 can be used to select an appropriate input capacitor.
From the curves, locate the 35V line and note which capacitor values have RMS
current ratings greater than 1.5A. A 680µF/35V capacitor could be used.
For a through hole design, a 680µF/35V electrolytic capacitor (Panasonic HFQ
series or Nichicon PL series or equivalent) would be adequate. other types or other
manufacturers capacitors can be used provided the RMS ripple current ratings are
adequate.
For surface mount designs, solid tantalum capacitors can be used, but caution must
be exercised with regard to the capacitor surge current rating. The TPS series
available from AVX, and the 593D series from Sprague are both surge current
tested.
LM2596 SERIES BUCK REGULATOR DESIGN PROCEDURE (FIXED OUTPUT) (Continued)
Output Capacitor
Conditions
Inductor
Through Hole Electrolytic
Surface Mount Tantalum
Output
Voltage
(V)
Load
Current
(A)
Max Input
Voltage (V)
Inductance
(
µµµµH)
Inductor
(#)
Panasonic
HFQ Series
(
µµµµF/V)
Nichicon PL
Series (
µµµµF/V)
AVX TPS
Series
(
µµµµF/V)
Sprague 595D Series
(
µµµµF/V)
5
22
L41
470/25
560/16
330/6.3
390/6.3
7
22
L41
560/35
560/35
330/6.3
390/6.3
10
22
L41
680/35
680/35
330/6.3
390/6.3
3
40
33
L40
560/35
470/35
330/6.3
390/6.3
6
22
L33
470/25
470/35
330/6.3
390/6.3
10
33
L32
330/35
330/35
330/6.3
390/6.3
3.3
2
40
47
L39
330/35
270/50
220/10
330/10
8
22
L41
470/25
560/16
220/10
330/10
10
22
L41
560/25
560/25
220/10
330/10
15
33
L40
330/35
330/35
220/10
330/10
3
40
47
L39
330/35
270/35
220/10
330/10
9
22
L33
470/25
560/16
220/10
330/10
20
68
L38
180/35
180/35
100/10
270/10
5
2
40
68
L38
180/35
180/35
100/10
270/10
15
22
L41
470/25
470/25
100/16
180/16
18
33
L40
330/25
330/25
100/16
180/16
30
68
L44
180/25
180/25
100/16
120/20
3
40
68
L44
180/35
180/35
100/16
120/20
15
33
L32
330/25
330/25
100/16
180/16
20
68
L38
180/25
180/25
100/16
120/20
12
2
40
150
L42
82/25
82/25
68/20
68/25
Figure 2. LM2596 Fixed Voltage Quick Design Component Selection Table
LM2596 SERIES BUCK REGULATOR DESIGN PROCEDURE (ADJUSTABLE OUTPUT)
PROCEDURE (Adjustable Output Voltage Version)
EXAMPLE (Adjustable Output Voltage Version)
Given:
Given:
VOUT = Regulated Output Voltage
VOUT = 20V
VIN(max) = Maximum Input Voltage
VIN(max) = 28V
ILOAD(max) = Maximum Load Current
ILOAD(max) = 3A
F=Switching Frequency (Fixed at a nominal 150 kHz).
F=Switching Frequency (Fixed at a nominal 150 kHz).
1. Programming Output Voltage (Selecting R1 and R2, as shown in
Figure 1)
Use the following formula to select the appropriate resistor values.
)
R
R
(1
V
V
1
2
REF
OUT
+
=
where
V
1.23
VREF
=
Select a value for R1 between 240Ω and 1.5kΩ. The lower resistor
values minimize noise pickup in the sensitive feedback pin. (For the
lowest temperature coefficient and the best stability with time, use 1%
metal film resistors.)
1. Programming Output Voltage (Selecting R1 and R2, as shown
in Figure 1)
Select R1 to be 1 kΩ, 1%. Solve for R2.
1)
V
1.23
V
20
k(
1
1)
V
V
(
R
R
REF
OUT
1
2
=
=
R2=1k (16.26-1)=15.26k, closest 1% value is 15.4kΩ
R2 = 15.4 kΩ.
9
BEIJING ESTEK ELECTRONICS CO.,LTD
LM2596
3AStep-Down VoltageRegulator


Similar Part No. - LM2596

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2596 NSC-LM2596 Datasheet
736Kb / 31P
   SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
logo
Guangdong Youtai Semico...
LM2596 UMW-LM2596 Datasheet
3Mb / 17P
   3A Step-Down Voltage Regulator
logo
List of Unclassifed Man...
LM2596 ETC1-LM2596 Datasheet
693Kb / 11P
   3.0A, 150Khz, Step-Down Switching Regulator
logo
ON Semiconductor
LM2596 ONSEMI-LM2596 Datasheet
455Kb / 25P
   3.0 A, Step-Down Switching Regulator
November, 2008 ??Rev. 0
logo
First Components Intern...
LM2596 FCI-LM2596 Datasheet
1Mb / 14P
   Simple switcher Power Converter 150kHz Simple switcher Power Converter 150kHz
More results

Similar Description - LM2596

ManufacturerPart #DatasheetDescription
logo
Estek Electronics Co. L...
LM2576 ESTEK-LM2576 Datasheet
200Kb / 8P
   Simple high-efficiency step-down (buck) regulator
logo
Shenzhen Huazhimei Semi...
LM2575HV HMSEMI-LM2575HV Datasheet
2Mb / 13P
   Simple high-efficiency step-down (buck) regulator
logo
Guangdong Youtai Semico...
AP1501 UMW-AP1501 Datasheet
3Mb / 13P
   Simple high-efficiency step-down (buck) regulator
logo
National Semiconductor ...
LM2676 NSC-LM2676 Datasheet
350Kb / 25P
   SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator
LM2678 NSC-LM2678 Datasheet
459Kb / 27P
   SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator
LM2678S-12 NSC-LM2678S-12 Datasheet
356Kb / 23P
   SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator
LM2678 NSC-LM2678_05 Datasheet
836Kb / 27P
   SIMPLE SWITCHER짰 High Efficiency 5A Step-Down Voltage Regulator
logo
Texas Instruments
LM2678S-ADJ TI-LM2678S-ADJ Datasheet
1Mb / 35P
[Old version datasheet]   LM2678 SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator
LM2678SX-3.3 TI-LM2678SX-3.3 Datasheet
1Mb / 35P
[Old version datasheet]   LM2678 SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator
LM2676SX-ADJ TI-LM2676SX-ADJ Datasheet
1Mb / 35P
[Old version datasheet]   LM2676 SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com