Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZV55C110 Datasheet(PDF) 2 Page - HY ELECTRONIC CORP.

Part # BZV55C110
Description  ZENER DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

BZV55C110 Datasheet(HTML) 2 Page - HY ELECTRONIC CORP.

  BZV55C110 Datasheet HTML 1Page - HY ELECTRONIC CORP. BZV55C110 Datasheet HTML 2Page - HY ELECTRONIC CORP. BZV55C110 Datasheet HTML 3Page - HY ELECTRONIC CORP. BZV55C110 Datasheet HTML 4Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RATING AND CHARACTERISTIC CURVES
~ 404 ~
BZV55C SERIES
LEAD LENGTH (mm)
FIG. 1 - THERMAL RESISTANCE VS.LEAD LENGTH
500
400
300
200
100
0
0
5
10
15
20
JUNCTION TEMPERATURE (°C)
FIG. 4 - TYPICAL CHANGE OF WORKING VOLTAGE VS.
JUNCTION TEMPERATURE
1.3
1.2
1.1
1.0
0.9
0.8
-60
0
60
120
180
240
-4x10-4/K
-2x10-4/K
0
2x10-4/K
4x10-4/K
6x10-4/K
8x10-4/K
VZtn=Vzt/Vz(25°C)
TKyz=10x10-4/K
AMBIENT TEMPERATURE (°C)
FIG. 2 - TOTAL POWER DISSIPATIONVS.
AMBIENT TEMPERATURE
500
400
300
200
100
0
0
40
80
120
200
600
160
Z-VOLTAGE(V)
FIG.5 - TYPICAL CHANGE OF WORKING VOLTAGE VS.
JUNCTION TEMPERATURE
15
10
5
0
-5
0
10
20
30
40
50
Iz=5mA
FIG.3 -TYPICAL CHANGE OF WORKING VOLTAGE
UNDER OPERATING CONDITIONS AT Tamb=25°C
Z-VOLTAGE (V)
10
1000
1
100
0
5
10
15
20
25
TJ=25°C
Iz=5mA
200
150
100
50
0
0
0
5
10
15
20
25
FIG.6 - DIODE CAPACITANCE VS.Z-VOLTAGE
VR=2V
TJ=25°C
Z-VOLTAGE(V)


Similar Part No. - BZV55C110

ManufacturerPart #DatasheetDescription
logo
Changzhou Shunye Electr...
BZV55C110 SY-BZV55C110 Datasheet
316Kb / 3P
   ZENER DIODES
logo
Microdiode Electronics ...
BZV55C110 CHENDA-BZV55C110 Datasheet
692Kb / 3P
   ZENER DIODES
logo
Sangdest Microelectroni...
BZV55C110 SMC-BZV55C110 Datasheet
175Kb / 4P
   ZENER DIODES
More results

Similar Description - BZV55C110

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMAJ4736A-TP MCC-SMAJ4736A-TP Datasheet
452Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
AiT Semiconductor Inc.
BZX84C2V4 AITSEMI-BZX84C2V4 Datasheet
453Kb / 8P
   ZENER DIODE ZENER VOLTAGE REGULATOR DIODE
REV1.1
logo
Micro Commercial Compon...
DL4733A-TP MCC-DL4733A-TP Datasheet
254Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
Rohm
FTZ56E ROHM-FTZ56E Datasheet
53Kb / 2P
   Zener diode
UDZ ROHM-UDZ Datasheet
58Kb / 3P
   Zener diode
PTZ7.5B ROHM-PTZ7.5B Datasheet
227Kb / 5P
   Zener diode
PTZ3.9B ROHM-PTZ3.9B Datasheet
229Kb / 5P
   Zener diode
PTZ6.8B ROHM-PTZ6.8B Datasheet
228Kb / 5P
   Zener diode
logo
SHENZHEN YONGERJIA INDU...
1N5221B WINNERJOIN-1N5221B Datasheet
483Kb / 5P
   Zener diode
logo
Leshan Radio Company
LEDZ2-4BT1G LRC-LEDZ2-4BT1G_15 Datasheet
401Kb / 5P
   Zener diode
LEDZ11BT1G LRC-LEDZ11BT1G_15 Datasheet
167Kb / 5P
   Zener diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com