Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LS680-1 Datasheet(PDF) 3 Page - Taiyo Yuden (U.S.A.), Inc

Part # LS680-1
Description  12 Volt Input Four Tube CCFT Inverter (8W) Brightness Control
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

LS680-1 Datasheet(HTML) 3 Page - Taiyo Yuden (U.S.A.), Inc

  LS680-1 Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc LS680-1 Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc LS680-1 Datasheet HTML 3Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Connection Diagram
1
2
3
V(in)
V(in)
GND
1
2
3
4
CCFT HIGH
CCFT HIGH
CCFT LOW
NC
Input Connector CN1
Hirose DF13-8P-1.25H
Corresponding Housing:
Hirose DF13-8S-1.25C
Corresponding Housing:
JST BHR-04VS-1
Output Connector CN2, CN3
JST SM04 (4.0) B-BHS
CN2
CN3
4
5
6
GND
On/Off
Bright DC
Bright Duty
7
8
S-GNG
12 Vdc
0/5 Vcc
0/5 Vdc
CCFT
1
2
3
4
CCFT HIGH
CCFT HIGH
CCFT LOW
NC
CCFT
LS680-1
PWM
DC Bright Control Method
Maximum output current can be adjusted by applying bias
voltage between brightness control pins as shown below.
Alternatively, brightness control can be done by applying
PWM signal to pin 5 (pin 4 must be tied to GND).
7
Brightness
Control DC Bias
(2-3.8 Vdc)
3
2
V(in)
1
V(in)
4
5
On/Off
6
Bright DC
Bright Duty
S-GND
8
GND
GND
16.00
14.00
12.00
10.00
8.00
6.00
4.00
2.00
0.00
1.8
2
2.2
2.4
2.6
2.8
3
3.2
3.4
3.6
3.8
4.0
DC Bias (Vdc)
DC
Lamp
Bias
Current
(2 lamps)
2.0 V
7.51 mA
2.2 V
8.45 mA
2.4 V
9.28 mA
2.6 V
10.05 mA
2.8 V
11.05 mA
3.0 V
11.58 mA
3.2 V
12.30 mA
3.4 V
13.18 mA
3.6 V
14.16 mA
3.8 V
14.21 mA
4.0 V
14.21 mA
The inverter is ON if one of the following conditions are met:
• Pin 3 (On/Off) is connected to pin 1/2 (VIN)
• Pin 3 (On/Off) = 2 Vdc —Vcc
The inverter is OFF if one of the following conditions are met:
• Pin 3 (On/Off) is connected to pin 7/8 (GND)
• Pin 3 (On/Off)
≤ 0.8 Vdc
On/Off Control
LS680-1
Model
Tech Notes
© Copyright 2000 Taiyo Yuden (U.S.A.), Inc. Specifications subject to change without notice.
FM 32227
PQAA REF.1612
Taiyo Yuden (U.S.A.), Inc.
1770 La Costa Meadows Drive, San Marcos, CA 92069
(760) 510-3200 / Fax: (760) 471-4021
(800) 493-6835
www.t-yuden.com
powerproducts@t-yuden.com
world leaders in materials and electronics technology
* Above specifications occur @ 25 ± 5ºC, with pin 5 connected to GND,
and VIN = 12 Vdc.


Similar Part No. - LS680-1

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
LS6 CITIZEN-LS6 Datasheet
490Kb / 1P
   Illuminated Type
logo
DONG IL TECHNOLOGY LTD.
LS6 DIT-LS6 Datasheet
1Mb / 2P
   COMMON MODE CHOKE COIL
logo
Teledyne Technologies I...
LS60 TELEDYNE-LS60 Datasheet
460Kb / 6P
   30A to 600 Vac SIP Package DC Control
logo
Texas Instruments
LS600 TI-LS600 Datasheet
151Kb / 9P
[Old version datasheet]   N.P.N PLANAR SILICON PHOTOTRANSISTORS
LS602 TI-LS602 Datasheet
151Kb / 9P
[Old version datasheet]   N.P.N PLANAR SILICON PHOTOTRANSISTORS
More results

Similar Description - LS680-1

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
LS655 TAIYO-YUDEN-LS655 Datasheet
154Kb / 3P
   12 Volt Input Dual Tube CCFT Inverter (4W) Brightness Control
logo
List of Unclassifed Man...
SIPF-150-RH ETC2-SIPF-150-RH Datasheet
123Kb / 3P
   Industrial Grade Single Tube CCFT Inverter
logo
Toshiba Semiconductor
2SA1432 TOSHIBA-2SA1432 Datasheet
247Kb / 4P
   TRANSISTOR (HIGH VOLTAGE CONTROL, PLASMA DISPLAY, NIXIE TUBE DRIVER, CATHODE RAY TUBE BRIGHTNESS CONTROL APPLICATIONS)
2SA1721 TOSHIBA-2SA1721 Datasheet
175Kb / 3P
   TRANSISTOR (HIGH VOLTAGE CONTROL, PLASMA DISPLAY, NIXIE TUBE DRIVER, CATHODE RAY TUBE BRIGHTNESS CONTROL APPLICATIONS
2SC2551 TOSHIBA-2SC2551 Datasheet
220Kb / 3P
   TRANSISTOR (HIGHT VOLTAGE CONTROL, PLASMA DISPLAY, NIXIE TUBE DRIVER, CATHODE RAY TUBE BRIGHTNESS CONTROL APPLICATIONS)
2SA1091 TOSHIBA-2SA1091 Datasheet
224Kb / 3P
   TRANSISTOR (HIGH VOLTAGE CONTROL APPLICATIONS PLASMA DISPLAY, NIXIE TUBE DRIVER, CATHODE RAY TUBE BRIGHTNESS CONTROL)
logo
Interpoint Corporation ...
HSH1205D INTERPOINT-HSH1205D Datasheet
132Kb / 4P
   DC/DC CONVERTERS 12 VOLT INPUT
logo
Toshiba Semiconductor
2SA1091 TOSHIBA-2SA1091_07 Datasheet
654Kb / 4P
   High Voltage Control Applications Plasma Display, Nixie Tube Driver Applications Cathode Ray Tube Brightness Control Applications
2SA1432 TOSHIBA-2SA1432_09 Datasheet
159Kb / 6P
   High Voltage Control Applications Plasma Display, Nixie Tube Driver Applications Cathode Ray Tube Brightness Control Applications
2SC3515 TOSHIBA-2SC3515_04 Datasheet
195Kb / 6P
   HIGH Voltage Control Applications Plasma Display, Nixie Tube Driver Applications Cathode Ray Tube Brightness Control Applications
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com