Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74VHC14 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # 74VHC14
Description  Hex Schmitt Inverter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VHC14 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  74VHC14_99 Datasheet HTML 1Page - Fairchild Semiconductor 74VHC14_99 Datasheet HTML 2Page - Fairchild Semiconductor 74VHC14_99 Datasheet HTML 3Page - Fairchild Semiconductor 74VHC14_99 Datasheet HTML 4Page - Fairchild Semiconductor 74VHC14_99 Datasheet HTML 5Page - Fairchild Semiconductor 74VHC14_99 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
www.fairchildsemi.com
AC Electrical Characteristics
Note 4: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load. Average
operating current can be obtained by the equation:
ICC (Opr) = CPD * VCC * fIN + ICC/6 (per Gate)
Symbol
Parameter
VCC
TA = 25°CTA = −40°C to +85°C
Units
Conditions
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
3.3
± 0.3
8.3
12.8
1.0
15.0
ns
CL = 15 pF
tPHL
Time
10.8
16.3
1.0
18.5
CL = 50 pF
5.0
± 0.5
5.5
8.6
1.0
10.0
ns
CL = 15 pF
7.0
10.6
1.0
12.0
CL = 50 pF
CIN
Input Capacitance
4
10
10
pF
VCC = Open
CPD
Power Dissipation Capacitance
21
pF
(Note 4)


Similar Part No. - 74VHC14_99

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74VHC14BQ NEXPERIA-74VHC14BQ Datasheet
623Kb / 16P
   Hex inverting Schmitt trigger
74VHC14D NEXPERIA-74VHC14D Datasheet
623Kb / 16P
   Hex inverting Schmitt trigger
logo
Toshiba Semiconductor
74VHC14FT TOSHIBA-74VHC14FT Datasheet
166Kb / 8P
   CMOS Digital Integrated Circuits Silicon Monolithic
logo
STMicroelectronics
74VHC14M STMICROELECTRONICS-74VHC14M Datasheet
220Kb / 11P
   HEX SCHMITT INVERTER
logo
Fairchild Semiconductor
74VHC14M FAIRCHILD-74VHC14M Datasheet
75Kb / 8P
   Hex Schmitt Inverter
More results

Similar Description - 74VHC14_99

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74AC14 MOTOROLA-MC74AC14 Datasheet
128Kb / 5P
   HEX INVERTER SCHMITT HEX INVERTER SCHMITT TRIGGER
logo
Toshiba Semiconductor
TC74VHCT14AF TOSHIBA-TC74VHCT14AF Datasheet
211Kb / 5P
   HEX SCHMITT INVERTER
TC74VHC14F TOSHIBA-TC74VHC14F_07 Datasheet
255Kb / 9P
   Hex Schmitt Inverter
logo
STMicroelectronics
M74HC14 STMICROELECTRONICS-M74HC14_08 Datasheet
320Kb / 14P
   Hex Schmitt inverter
logo
ON Semiconductor
74VHCT14A ONSEMI-74VHCT14A Datasheet
223Kb / 8P
   Hex Schmitt Inverter
December 2007 Rev. 1.5.0
MC74VHC14 ONSEMI-MC74VHC14_11 Datasheet
124Kb / 7P
   Hex Schmitt Inverter
May, 2011 ??Rev. 10
logo
Toshiba Semiconductor
TC74LVX14F TOSHIBA-TC74LVX14F Datasheet
242Kb / 7P
   HEX SCHMITT INVERTER
logo
STMicroelectronics
74AC14 STMICROELECTRONICS-74AC14 Datasheet
174Kb / 7P
   HEX SCHMITT INVERTER
74ACT14 STMICROELECTRONICS-74ACT14_01 Datasheet
178Kb / 8P
   HEX SCHMITT INVERTER
logo
Toshiba Semiconductor
TC74AC14F TOSHIBA-TC74AC14F Datasheet
255Kb / 6P
   HEX SCHMITT INVERTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com