Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS2030W-100 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # DS2030W-100
Description  3.3V Single-Piece 256k Nonvolatile SRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2030W-100 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button DS2030W-100 Datasheet HTML 2Page - Maxim Integrated Products DS2030W-100 Datasheet HTML 3Page - Maxim Integrated Products DS2030W-100 Datasheet HTML 4Page - Maxim Integrated Products DS2030W-100 Datasheet HTML 5Page - Maxim Integrated Products DS2030W-100 Datasheet HTML 6Page - Maxim Integrated Products DS2030W-100 Datasheet HTML 7Page - Maxim Integrated Products DS2030W-100 Datasheet HTML 8Page - Maxim Integrated Products DS2030W-100 Datasheet HTML 9Page - Maxim Integrated Products DS2030W-100 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
DS2030W 3.3V Single-Piece 256k
Nonvolatile SRAM
6
_____________________________________________________________________
Power-Down/Power-Up Condition
tDR
tPU
tF
tPD
tRPU
tRPD
SLEWS WITH
VCC
tR
VOL
VIH
VOL
tREC
VCC
VTP
~2.5V
CE,
WE
RST
BACKUP CURRENT
SUPPLIED FROM
LITHIUM BATTERY
(SEE NOTES 1, 7.)
Note 1: RST is an open-drain output and cannot source current. An external pullup resistor should be connected to this pin to real-
ize a logic-high level.
Note 2: These parameters are sampled with a 5pF load and are not 100% tested.
Note 3: tWP is specified as the logical AND of CE and WE. tWP is measured from the latter of CE or WE going low to the earlier of
CE or WE going high.
Note 4: tWR1 and tDH1 are measured from WE going high.
Note 5: tWR2 and tDH2 are measured from CE going high.
Note 6: tDS is measured from the earlier of CE or WE going high.
Note 7: In a power-down condition, the voltage on any pin can not exceed the voltage on VCC.
Note 8: The expected tDR is defined as accumulative time in the absence of VCC starting from the time power is first applied by the
user. Minimum expected data-retention time is based on a maximum of two +230°C convection solder reflow exposures,
followed by a fully charged cell. Full charge occurs with the initial application of VCC for a minimum of 96 hours. This para-
meter is assured by component selection, process control, and design. It is not measured directly in production testing.
Note 9: WE is high for a read cycle.
Note 10: OE = VIH or VIL. If OE = VIH during write cycle, the output buffers remain in a high-impedance state.
Note 11: If the CE low transition occurs simultaneously with or latter than the WE low transition, the output buffers remain in a high-
impedance state during this period.
Note 12: If the CE high transition occurs prior to or simultaneously with the WE high transition, the output buffers remain in a high-
impedance state during this period.
Note 13: If WE is low or the WE low transition occurs prior to or simultaneously with the CE low transition, the output buffers remain
in a high-impedance state during this period.
Note 14: DS2030W BGA modules are recognized by Underwriters Laboratory (UL) under file E99151.


Similar Part No. - DS2030W-100

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2030AB MAXIM-DS2030AB Datasheet
430Kb / 12P
   Single-Piece 256kb Nonvolatile SRAM
Rev 2; 1/05
DS2030AB-100 MAXIM-DS2030AB-100 Datasheet
430Kb / 12P
   Single-Piece 256kb Nonvolatile SRAM
Rev 2; 1/05
DS2030AB-70 MAXIM-DS2030AB-70 Datasheet
430Kb / 12P
   Single-Piece 256kb Nonvolatile SRAM
Rev 2; 1/05
DS2030L MAXIM-DS2030L Datasheet
181Kb / 12P
   DS2030L 3.3V Single-Piece 256kb Nonvolatile SRAM
Rev 3; 10/06
DS2030L-100# MAXIM-DS2030L-100# Datasheet
181Kb / 12P
   DS2030L 3.3V Single-Piece 256kb Nonvolatile SRAM
Rev 3; 10/06
More results

Similar Description - DS2030W-100

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2045W MAXIM-DS2045W Datasheet
192Kb / 12P
   3.3V Single-Piece 1Mb Nonvolatile SRAM
Rev 1; 1/05
DS2065W MAXIM-DS2065W Datasheet
180Kb / 12P
   3.3V Single-Piece 8Mb Nonvolatile SRAM
Rev 0; 1/05
DS2070W MAXIM-DS2070W Datasheet
218Kb / 12P
   3.3V Single-Piece 16Mb Nonvolatile SRAM
Rev 0; 8/06
logo
Dallas Semiconductor
DS1230W DALLAS-DS1230W Datasheet
214Kb / 11P
   3.3V 256k Nonvolatile SRAM
logo
ARTSCHIP ELECTRONICS CO...
DS1230W ARTSCHIP-DS1230W Datasheet
527Kb / 11P
   3.3V 256K Nonvolatile SRAM
logo
Maxim Integrated Produc...
DS1230W MAXIM-DS1230W Datasheet
202Kb / 10P
   3.3V 256k Nonvolatile SRAM
19-5636; Rev 11/10
DS2045L MAXIM-DS2045L Datasheet
180Kb / 12P
   DS2045L 3.3V Single-Piece 1Mb Nonvolatile SRAM
Rev 3; 10/06
DS2030L MAXIM-DS2030L Datasheet
181Kb / 12P
   DS2030L 3.3V Single-Piece 256kb Nonvolatile SRAM
Rev 3; 10/06
DS2050W MAXIM-DS2050W Datasheet
225Kb / 12P
   DS2050W 3.3V Single-Piece 4Mb Nonvolatile SRAM
Rev 2; 10/06
DS3070W MAXIM-DS3070W Datasheet
275Kb / 18P
   3.3V Single-Piece 16Mb Nonvolatile SRAM with Clock
Rev 1; 10/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com