Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DB105S Datasheet(PDF) 1 Page - HY ELECTRONIC CORP.

Part # DB105S
Description  GLASS PASSIVATED BRIDEG RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

DB105S Datasheet(HTML) 1 Page - HY ELECTRONIC CORP.

  DB105S Datasheet HTML 1Page - HY ELECTRONIC CORP. DB105S Datasheet HTML 2Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DB101S thru DB107S
FEATURES
Rating to 1000V PRV
Ideal for printed circuit board
Low forward voltage drop,high current capability
Reliable low cost construction utilizing molded plastic
technique results in inexpensive product
Lead tin Pb/Sn copper
The plastic material has UL flammability
classification 94V-0
MECHANICAL DATA
Polarit:As marked on Body
Weight:0.02 ounces,0.38 gras
Mounting position:Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave ,60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
CHARACTERISTICS
SYMBOL DB101S
DB102S
DB103S
DB104S
DB105S
DB106S
DB107S
UNIT
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward
Rectified Current
@TA=40℃
Peak Forward Surage Current
8.3ms Single Half Sine-Wave
Super Imposed on Rated Load (JEDEC Method)
Maximum Forward Voltage at 1.0A DC
VF
V
Maximum DC Reverse Current
@TJ=25℃
at Rated DC Bolcking Voltage
@TJ=125℃
I
2t Rating for Fusing (t<8.3ms)
I
2t
A
2s
Typical Junction Capacitance Per Element (Note1)
CJ
pF
Typical Thermal Resistance (Note2)
RθJC
℃/W
Operating Temperature Range
TJ
Storage Temperature Range
TSTG
Note:1.Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
GLASS PASSIVATED
BRIDEG RECTIFIERS
REVERSE VOLTAGE - 50 to 1000Volts
FORWARD CURRENT - 1.0 Amperes
10.4
Dimensions in inches and (millimeters)
A
1.1
500
50
A
with 0.5*0.5"(13*13mm) copper pads.
25
-55 to +150
-55 to +150
2.Thermal resistance from junction to ambient mounted on P.C.B.
40
~ 223 ~
IR
uA
10
I(AV)
1.0
IFSM
DBS
~
-
~
+
.205(5.2)
.197(5.0)
.323(8.2)
.346(8.8)
.134(3.4)
.124(3.15)
.406(10.3)
.391(10.0)
.037(0.95)
.047(1.2)
.256(6.5)
.244(6.2)
.063(1.6)
.055(1.4)
.140(0.35)
.008(0.2)
.335(8.5)
.307(7.8)


Similar Part No. - DB105S

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
DB105S RECTRON-DB105S Datasheet
20Kb / 2P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
DB105S YFWDIODE-DB105S Datasheet
76Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
logo
GOOD-ARK Electronics
DB105S GOOD-ARK-DB105S Datasheet
168Kb / 3P
   Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier
logo
RFE international
DB105S RFE-DB105S Datasheet
230Kb / 2P
   BRIDGE RECTIFIERS 0.8 to 1.5 Amps
logo
AiT Semiconductor Inc.
DB105S AITSEMI-DB105S Datasheet
603Kb / 5P
   BRIDGE RECTIFIER REVERSE VOLTAGE 50V TO 1000V RECTIFIED CURRENT 1.0A
REV2.0
More results

Similar Description - DB105S

ManufacturerPart #DatasheetDescription
logo
Gaomi Xinghe Electronic...
DB107 GXELECTRONICS-DB107 Datasheet
312Kb / 2P
   GLASS PASSIVATED BRIDEG RECTIFIERS
logo
HY ELECTRONIC CORP.
DB101 HY-DB101 Datasheet
39Kb / 2P
   GLASS PASSIVATED BRIDEG RECTIFIERS
DF005 HY-DF005 Datasheet
38Kb / 2P
   GLASS PASSIVATED BRIDEG RECTIFIERS
DB201 HY-DB201 Datasheet
39Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED BRIDEG RECTIFIERS
DF2005 HY-DF2005 Datasheet
38Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED BRIDEG RECTIFIERS
DF2005S HY-DF2005S Datasheet
38Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED BRIDEG RECTIFIERS
DF15005 HY-DF15005 Datasheet
38Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED BRIDEG RECTIFIERS
DF15005S HY-DF15005S Datasheet
42Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED BRIDEG RECTIFIERS
DB151S HY-DB151S Datasheet
40Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED BRIDEG RECTIFIERS
DB151 HY-DB151 Datasheet
40Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED BRIDEG RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com