Part Name
         Description
DB151

 SURFACE MOUNT GLASS PASSIVATED BRIDEG RECTIFIERS ( 2 Page)


HY
100% 
Zoom Out Zoom In
   
 2 page
background image
RATING AND CHARACTERISTIC CURVES
~ 228 ~
DB151 thru DB157
0.01
0.1
1.0
10
INSTANTANEOUS FORWARD VOLTAGE,VOLTS
FIG.4-TYPICAL FORWARD CHARACTERISTICS
TJ=25
PULSE WIDTH:300us
2% DUTY CYCLE
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
50
100
150
0.00
0.25
0.50
0.75
1.00
1.25
1.50
FIG.1-FORWARD CURRENT DERATING CURVE
AMBIENT TEMPERATURE,
°C
SINGLE PHASE HALF WAVE 60Hz
RESISTIVE OR INDUCTIVE LOAD
NUMBER OF CYCLES AT 60Hz
FIG.2-MXIMUM NON-REPETITIVE
SURGE CURRENT
0
10
20
30
40
50
1
2
5
10
20
50
100
SINGLE HALF-SINE-WAVE
(JEDEC METHOD)
FIG.3-TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE,(VOLTS)
10.0
100
0.1
1.0
4.0
1.0
10
100
TJ=25,f=1MHZ
FIG.5-TYPICAL REVERSE CHARACTERISTICS
TJ=25
TJ=125
0
20
40
60
80
100
120
140
0.01
0.1
1.0
10
100
PERCENT OF RATED PEAK REVERSE VOLTAGE,(%)



Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
RH101SURFACE MOUNT GLASS PASSIVATED BARRIER RECTIFIERS 1 2 HY ELECTRONIC CORP.
LL4001G1.0 AMP Surface Mount Glass Passivated Silicon Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
B05SSURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS 1 2 HY ELECTRONIC CORP.
S1BSURFACE MOUNT GLASS PASSIVATED RECTIFIERS 1 2 HY ELECTRONIC CORP.
LL4933G_11.0AMP Surface Mount Glass Passivated Silicon Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
RMB2S0.8Amps Miniature Glass Passivated Fast Recovery Surface Mount Bridge Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
S2ASURFACE MOUNT GLASS PASSIVATED RECTIFIERS 1 2 HY ELECTRONIC CORP.
S3ASURFACE MOUNT GLASS PASSIVATED RECTIFIERS 1 2 HY ELECTRONIC CORP.
EGF1A1.0 AMP. Surface Mount Glass Passivated Junction High Efficient Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
S3ABSURFACE MOUNT GLASS PASSIVATED RECTIFIERS 1 2 HY ELECTRONIC CORP.

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl