Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR2050F Datasheet(PDF) 2 Page - HY ELECTRONIC CORP.

Part # SR2050F
Description  SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

SR2050F Datasheet(HTML) 2 Page - HY ELECTRONIC CORP.

  SR2050F Datasheet HTML 1Page - HY ELECTRONIC CORP. SR2050F Datasheet HTML 2Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERTIC CURVES
SR2030F thru SR20150F
~ 190 ~
FIG. 1
– FORWARD CURRENT DERATING CURVE
CASE TEMPERATURE (℃)
5
0
25
15
20
50
75
100
125
150
175
10
SINGLE PHASE HALF WAVE 60Hz
RESISTIVE OR INDUCTIVE LOAD
FIG.3
– TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE ,VOLTS
0.1
10000
1000
100
1
10
100
TJ = 25
°C f = 1 MHz
FIG. 2
– MAXIMUM NON-REPETITIVE SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
PULSE WIDTH 8.3
ms
SINGLE HALF-SINE-WAVE
(JEDEC METHOD)
1
150
50
0
300
10
2
5
20
50
100
250
200
100
PERCENT OF RATED PEAK REVERSE VOLTAGE,(%)
FIG.3-TYPICAL REVER CHARACTERISTICS
40
60
80
100
120
140
20
0.1
1.0
1000
10
0.01
0
100
TJ=75
TJ=100
TJ=25
FIG.4-TYPICAL FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
1.0
0.1
10
0.1
0.2
0.5
0.3
0.6
0.9
0.4
0.7
0.8
100
1.0
PULSE WIDTH 300us
2% DUTY CYCLE
TJ = 25
°C
SR20150F
SR2030F
SR2050F-SR2060F
SR2040F
SR2080F
-SR20100F


Similar Part No. - SR2050F

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SR2050 TSC-SR2050 Datasheet
90Kb / 2P
   20.0 AMPS. Schottky Barrier Rectifiers
SR2050 TSC-SR2050 Datasheet
201Kb / 4P
   Dual Common Cathode Schottky Rectifier
SR2050 TSC-SR2050 Datasheet
216Kb / 2P
   20.0 AMPS. Schottky Barrier Rectifiers
logo
Dc Components
SR2050 DCCOM-SR2050 Datasheet
51Kb / 2P
   RECTIFIER SPECIALISTS
logo
Yangzhou yangjie electr...
SR2050 YANGJIE-SR2050 Datasheet
725Kb / 2P
   20.0 AMPS. SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SR2050F

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
SB220 LRC-SB220 Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Shenzhen Ping Sheng Ele...
15SQ030 PFS-15SQ030 Datasheet
269Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
1N5817 PANJIT-1N5817_09 Datasheet
49Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Comchip Technology
MBR20H100FCT-G COMCHIP-MBR20H100FCT-G Datasheet
87Kb / 3P
   Schottky Barrier Rectifiers
logo
Pan Jit International I...
SD1020CT PANJIT-SD1020CT_05 Datasheet
426Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
HY ELECTRONIC CORP.
1N5817 HY-1N5817 Datasheet
34Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR520 HY-SR520 Datasheet
42Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR830T HY-SR830T Datasheet
39Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR2030CT HY-SR2030CT Datasheet
40Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com